Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7744 Datasheet(PDF) 1 Page - Texas Instruments

Part # PT7744
Description  20-A Low-Voltage Programmable Integrated Switching Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PT7744 Datasheet(HTML) 1 Page - Texas Instruments

  PT7744 Datasheet HTML 1Page - Texas Instruments PT7744 Datasheet HTML 2Page - Texas Instruments PT7744 Datasheet HTML 3Page - Texas Instruments PT7744 Datasheet HTML 4Page - Texas Instruments PT7744 Datasheet HTML 5Page - Texas Instruments PT7744 Datasheet HTML 6Page - Texas Instruments PT7744 Datasheet HTML 7Page - Texas Instruments PT7744 Datasheet HTML 8Page - Texas Instruments PT7744 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT Series Suffix (PT1234 x )
Case/Pin
Order
Package
Configuration Suffix
Code †
Vertical
N
(ENE)
Horizontal
A
(ENF)
SMD
C
(ENG)
† Previously known as package styles
1420 & 1430
(Reference the applicable package code
drawing for the dimensions and PC
board layout)
PT7716—3.3V
20-A Low-Voltage Programmable
Integrated Switching Regulator
SLTS162B
(Revised 6/27/2002)
Features
+3.3V Input Voltage
20-A Output Current
5-bit Programmable:
1.075V to 1.85V (25mV Steps)
VRM 9.0 Compatible
High Efficiency (88%)
Description
The PT7716 Excalibur™ power module
is a 20-A integrated switching regulator
(ISR) housed a 27-pin space-saving copper
package. Operating from a 3.3V-input bus,
the PT7716 produces a tightly regulated
supply voltage that is programmable over
the range, 1.075V to 1.85V. The output
voltage is selected via a 5-bit code. The
code adjusts the output voltage in steps
of 25mV and is VRM 9.0 compatible.
This regulator is ideally suited for
applications that employ microprocessor
and DSP products that require core supply
voltages as low as 1.075V.
The PT7716 includes a Shutdown
control, Differential Remote Sense, and
Short-Circuit Protection.
Differential Remote Sense
Over-Current Protection
27-Pin Space-Saving Package
Solderable Copper Case
Compatible with PT7744
20A “Current Booster”
Standard Application
Cin
= Required 1500µF electrolytic
Cout = Required 330µF electrolytic
Lin
= Optional 1µH input choke
PT7716
432 1
2 6
20-25
12
5
13-19
27
7-11
L
O
A
D
C
OUT
+
C
IN
+
PROGRAMMING PINS
V
IN
V
OUT
SYNC OUT
GND
REMOTE SENSE ( + )
REMOTE SENSE ( – )
STBY*
VID0
VID1
VID2
VID3
L1
1µH
GND
VID4
6
* For STBY pin: open =output enabled
ground =output disabled.
Pin-Out Information
Pin Function
1
VID0
2
VID1
3
VID2
4
VID3
5STBY *
6
VID4
7Vin
8Vin
9Vin
10
Vin
11
Vin
12
Rem Sense Gnd
13
GND
14
GND
Pin Function
15GND
16
GND
17
GND
18
GND
19
GND
20
Vout
21
Vout
22
Vout
23
Vout
24
Vout
25Vout
26
Rem Sense Vout
27
Sync Out
Ordering Information
PT7716
o = 1.075 to 1.85Volts
PT7744
o = 20-A Booster *
* Consult the related application note for
information on current booster operation.


Similar Part No. - PT7744

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT7744 TI1-PT7744 Datasheet
189Kb / 9P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
PT7744A TI1-PT7744A Datasheet
189Kb / 9P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
PT7744C TI1-PT7744C Datasheet
189Kb / 9P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
PT7744N TI1-PT7744N Datasheet
189Kb / 9P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
More results

Similar Description - PT7744

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT7615 TI-PT7615 Datasheet
172Kb / 7P
[Old version datasheet]   20-A Low-Voltage Programmable Integrated Switching Regulator
PT7711 TI-PT7711 Datasheet
184Kb / 9P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
PT7713 TI1-PT7713 Datasheet
189Kb / 9P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
PT7712 TI-PT7712 Datasheet
165Kb / 8P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
PT6722 TI-PT6722 Datasheet
166Kb / 7P
[Old version datasheet]   14-A Low-Voltage Programmable Integrated Switching Regulator
PT6703 TI-PT6703 Datasheet
168Kb / 7P
[Old version datasheet]   13-A Low-Voltage Programmable Integrated Switching Regulator
PT8139 TI1-PT8139 Datasheet
190Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT7671 TI1-PT7671 Datasheet
193Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
PT7761-5V TI-PT7761-5V Datasheet
179Kb / 8P
[Old version datasheet]   40-A Programmable Integrated Switching Regulator Module
PT7673 TI1-PT7673 Datasheet
187Kb / 9P
[Old version datasheet]   30-A 5-Bit Programmable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com