Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1744AR Datasheet(PDF) 7 Page - Sony Corporation

Part # CXA1744AR
Description  IF Amplifier for Digital Cordless Telephone
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1744AR Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXA1744AR Datasheet HTML 3Page - Sony Corporation CXA1744AR Datasheet HTML 4Page - Sony Corporation CXA1744AR Datasheet HTML 5Page - Sony Corporation CXA1744AR Datasheet HTML 6Page - Sony Corporation CXA1744AR Datasheet HTML 7Page - Sony Corporation CXA1744AR Datasheet HTML 8Page - Sony Corporation CXA1744AR Datasheet HTML 9Page - Sony Corporation CXA1744AR Datasheet HTML 10Page - Sony Corporation CXA1744AR Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
—7—
CXA1744AR
Pin
Typical pin
No.
voltage
Symbol
Equivalent circuit
Description
37
MIXOUT
1.4V
38
MIXIN2
1.2V
39
MIXIN1
42
REF
40
BUFPAS
1.75V
41
LOIN
44
MULTIOUT
47
OSCC
48
OSCB
2.75V
Mixer output.
Mixer RF signal differential input and
bias.
Connect a decoupling capacitor to
REF.
Mixer local signal input.
Connect a decoupling capacitor to
BUFPAS. Input the local signal to
LOIN.
Multiplier current output.
Connect a tank circuit between this
pin and power supply.
The Colpitts-type oscillation circuit is
composed by connecting a crystal
oscillator.
Input to the OSCC pin when using an
external oscillator.
MIXVCC
GND
290
37
1.5k
MIXVCC
GND
1.5k
1k
1.25V
38
39
42
MIXVCC
GND
2k
2k
1.75V
40
41
MIXVCC
GND
44
MIXVCC
GND
10k
10k
47
48
DET


Similar Part No. - CXA1744AR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1741Q SONY-CXA1741Q Datasheet
403Kb / 21P
   IF Amplifier for Analog Cellular Communications
CXA1742Q SONY-CXA1742Q Datasheet
277Kb / 19P
   IF Amplifier for Analog Cellular Communications
CXA1746Q SONY-CXA1746Q Datasheet
254Kb / 19P
   Electronic Volume
More results

Similar Description - CXA1744AR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA31136F TOSHIBA-TA31136F Datasheet
712Kb / 16P
   FM IF DETECTOR IC FOR CORDLESS TELEPHONE
TA31188FNG TOSHIBA-TA31188FNG Datasheet
496Kb / 15P
   FILTERLESS IF DETECTOR IC FOR CORDLESS TELEPHONE
TA31180FNG TOSHIBA-TA31180FNG Datasheet
506Kb / 15P
   FILTERLESS IF DETECTOR IC FOR CORDLESS TELEPHONE
logo
NEC
UPC8002 NEC-UPC8002 Datasheet
211Kb / 32P
   SECOND MIXER IF AMPLIFIER FOR DIGITAL CORDLESS TELEPHONES
logo
Panasonic Semiconductor
AN6480 PANASONIC-AN6480 Datasheet
28Kb / 3P
   IF Amplifier for Car Telephone
logo
Toshiba Semiconductor
TG2002V TOSHIBA-TG2002V Datasheet
217Kb / 6P
   1.9GHz BAND POWER AMPLIFIER MODULE (PHS DIGITAL CORDLESS TELEPHONE)
TLP797GA TOSHIBA-TLP797GA_07 Datasheet
130Kb / 5P
   Cordless Telephone
TLP597G TOSHIBA-TLP597G_07 Datasheet
183Kb / 6P
   Cordless Telephone
logo
Micro Linear Corporatio...
ML2721 MICRO-LINEAR-ML2721 Datasheet
298Kb / 27P
   Low IF Digital Cordless Transceiver
logo
Toshiba Semiconductor
TA31101P TOSHIBA-TA31101P Datasheet
712Kb / 12P
   COMPANDER IC FOR CORDLESS TELEPHONE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com