Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74BCT29862BDW Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74BCT29862BDW
Description  10-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74BCT29862BDW Datasheet(HTML) 2 Page - Texas Instruments

  SN74BCT29862BDW Datasheet HTML 1Page - Texas Instruments SN74BCT29862BDW Datasheet HTML 2Page - Texas Instruments SN74BCT29862BDW Datasheet HTML 3Page - Texas Instruments SN74BCT29862BDW Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SN54BCT29862B, SN74BCT29862B
10BIT BUS TRANSCEIVERS
WITH 3STATE OUTPUTS
SCBS014B − NOVEMBER 1988 − REVISED NOVEMBER 1993
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
logic symbol
logic diagram (positive logic)
A1
B1
23
OEBA
1
2
13
OEAB
2
A1
B1
23
3
A2
B2
22
4
A3
B3
21
5
A4
B4
20
6
A5
B5
19
7
A6
B6
18
8
A7
B7
17
9
A8
B8
16
10
A9
B9
15
OEBA
OEAB
EN1
2
1
EN2
11
A10
B10
14
13
1
To Nine Other Channels
† This symbol is in accordance with ANSI/IEEE Std 91-1984
and IEC Publication 617-12.
Pin numbers shown are for the DW, JT, NT, and W packages.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage (I/O ports) (see Note 1)
−0.5 V to 5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage (excluding I/O ports) (see Note 1)
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage applied to any output in the high state
−0.5 V to VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current
−30 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Current into any output in the low state: SN54BCT29862B
48 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74BCT29862B
96 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range:
SN54BCT29862B
−55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74BCT29862B
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: The input negative voltage rating may be exceeded if the input clamp current rating is observed.
recommended operating conditions
SN54BCT29862B
SN74BCT29862B
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
IIK
Input clamp current
−18
−18
mA
IOH
High-level output current
−12
−24
mA
IOL
Low-level output current
24
48
mA
TA
Operating free-air temperature
−55
125
0
70
°C


Similar Part No. - SN74BCT29862BDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT29861B TI1-SN74BCT29861B Datasheet
77Kb / 4P
[Old version datasheet]   10-BIT BUS TRANSECVEIVER WITH 3-STATE OUTPUTS
SN74BCT29861BDW TI1-SN74BCT29861BDW Datasheet
77Kb / 4P
[Old version datasheet]   10-BIT BUS TRANSECVEIVER WITH 3-STATE OUTPUTS
SN74BCT29861BDWR TI1-SN74BCT29861BDWR Datasheet
77Kb / 4P
[Old version datasheet]   10-BIT BUS TRANSECVEIVER WITH 3-STATE OUTPUTS
SN74BCT29861BNT TI1-SN74BCT29861BNT Datasheet
77Kb / 4P
[Old version datasheet]   10-BIT BUS TRANSECVEIVER WITH 3-STATE OUTPUTS
SN74BCT29863B TI-SN74BCT29863B Datasheet
78Kb / 5P
[Old version datasheet]   9-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74BCT29862BDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS29861 TI1-SN74ALS29861 Datasheet
141Kb / 8P
[Old version datasheet]   10-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT861 TI-SN54ABT861 Datasheet
119Kb / 7P
[Old version datasheet]   10-BIT TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT162245 TI-SN54ABT162245 Datasheet
107Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54AHCT16245 TI-SN54AHCT16245 Datasheet
101Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16245A TI-SN54ABT16245A Datasheet
183Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16863 TI-54ACT16863 Datasheet
108Kb / 6P
[Old version datasheet]   18-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
REVISED NOVEMBER 1996
54AC16245 TI-54AC16245 Datasheet
118Kb / 6P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
RD74LVC16245B RENESAS-RD74LVC16245B_15 Datasheet
112Kb / 10P
   16-bit Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN54ABT32245 TI-SN54ABT32245 Datasheet
133Kb / 8P
[Old version datasheet]   36-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16640 TI-SN54ABT16640_08 Datasheet
373Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com