Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZTTCE14.56MG Datasheet(PDF) 6 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # ZTTCE14.56MG
Description  SMD Ceramic Resonators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

ZTTCE14.56MG Datasheet(HTML) 6 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  ZTTCE14.56MG Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd ZTTCE14.56MG Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd ZTTCE14.56MG Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd ZTTCE14.56MG Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd ZTTCE14.56MG Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd ZTTCE14.56MG Datasheet HTML 6Page - Shenzhen Luguang Electronic Technology Co., Ltd ZTTCE14.56MG Datasheet HTML 7Page - Shenzhen Luguang Electronic Technology Co., Ltd ZTTCE14.56MG Datasheet HTML 8Page - Shenzhen Luguang Electronic Technology Co., Ltd ZTTCE14.56MG Datasheet HTML 9Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
9. PACKAGE
To protect the products in storage and transportation , it is
necessary to pack them(outer and inner package).On paper pack, the
following requirements are requested.
Dimensions and Mark
At the end of package, the warning (moisture proof, upward put)
should be stick to it.
Dimensions and Mark (see below)
NO.
Name
Quantity
Notes
1
Package
1
2
Certificate of approval
1
3
Label
1
4
Tying
2
5
Adhesive tape
1.2m
6
Belt
2.9m
7
Inner Box
10
ZTTCE14.56MG
SMD Ceramic Resonators
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - ZTTCE14.56MG

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
ZTTCE11.06MG LUGUANG-ZTTCE11.06MG Datasheet
1Mb / 9P
   SMD Ceramic Resonators
ZTTCE12.00MG LUGUANG-ZTTCE12.00MG Datasheet
1Mb / 10P
   Ceramic Resonator
More results

Similar Description - ZTTCE14.56MG

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
ZTACC-MG PETERMANN-ZTACC-MG Datasheet
1Mb / 5P
   SMD CERAMIC RESONATORS
logo
Shenzhen Luguang Electr...
ZTTCE11.06MG LUGUANG-ZTTCE11.06MG Datasheet
1Mb / 9P
   SMD Ceramic Resonators
logo
Advanced Crystal Techno...
ACTZTACC ACT-ACTZTACC Datasheet
155Kb / 2P
   SMD Resonators
27/03/2008
ACTZTTCC ACT-ACTZTTCC Datasheet
175Kb / 2P
   SMD Resonators
01/108/07
logo
Kyocera Kinseki Corpota...
PBRC-G KSS-PBRC-G Datasheet
110Kb / 2P
   MHz Band Ceramic Chip Resonators (SMD)
logo
Advanced Crystal Techno...
ZTTCV ACT-ZTTCV Datasheet
193Kb / 2P
   SMD Resonators
10/10/05
ACTZTTCW ACT-ACTZTTCW Datasheet
168Kb / 2P
   SMD Resonators
10/10/05
ACTZTTCS ACT-ACTZTTCS Datasheet
191Kb / 2P
   SMD Resonators
10/10/05
ACTZTACR ACT-ACTZTACR Datasheet
235Kb / 2P
   SMD Resonators
28/09/05
ACTZTACW ACT-ACTZTACW Datasheet
155Kb / 2P
   SMD Resonators
28/09/05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com