Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1737R Datasheet(PDF) 8 Page - Sony Corporation

Part # CXA1737R
Description  AFM Stereo Signal Processor for 8 mm VCR
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1737R Datasheet(HTML) 8 Page - Sony Corporation

Back Button CXA1737R Datasheet HTML 4Page - Sony Corporation CXA1737R Datasheet HTML 5Page - Sony Corporation CXA1737R Datasheet HTML 6Page - Sony Corporation CXA1737R Datasheet HTML 7Page - Sony Corporation CXA1737R Datasheet HTML 8Page - Sony Corporation CXA1737R Datasheet HTML 9Page - Sony Corporation CXA1737R Datasheet HTML 10Page - Sony Corporation CXA1737R Datasheet HTML 11Page - Sony Corporation CXA1737R Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
– 8 –
CXA1737R
Pin
No.
Symbol
Equivalent circuit
Description
DC
AC
20
MONOOUT
MONODET discrimination
output pin. This pin is open
collector, and it is pulled up to
Vcc with 100k
Ω resistor.
During parallel mode, this pin
is also recording bilingual
control input pin.
• Specification for parallel CTL
During recording:
Bilingual recording
mode when this pin
is set to low (0 to 1 V)
during low of Pin 32
(REC MONO mode).
During playback:
Outputs MONO
discrimination result.
Open for MONO;
Low for others.
• Specification for serial CTL
See Mode Control Tables of
3) SO control mode table.
——
Pin voltage
20
VCC1
GND
1V
5k
20µ
Bil Rec CTL IN
5k
MONODET OUT
STEREO: H
MONO: L
21
RFAGCTC
RFAGC time constant pin.
2.48V
VCC2
GND
40µ
1k
21
VCC – 1.1V
22
PBRFIN
Input pin for PB RF signal.
The reference input level is
approximately 200mVp-p
(Y + C + AFM).
Note that the reference input
level of AFM 1.5MHz
component is 15mVp-p.
VCC2
GND
50µ
22
17k
147
VCC – 1.15V
17k
Reference
input AFM
15mVp-p
(1.5MHz)


Similar Part No. - CXA1737R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1733 SONY-CXA1733 Datasheet
337Kb / 16P
   UHF-BAND RF MODULATOR FOR VCR
CXA1733 SONY-CXA1733 Datasheet
339Kb / 16P
   UHF-BAND RF MODULATOR FOR VCR
CXA1733M SONY-CXA1733M Datasheet
337Kb / 16P
   UHF-BAND RF MODULATOR FOR VCR
CXA1733N SONY-CXA1733N Datasheet
339Kb / 16P
   UHF-BAND RF MODULATOR FOR VCR
CXA1733N-1 SONY-CXA1733N-1 Datasheet
339Kb / 16P
   UHF-BAND RF MODULATOR FOR VCR
More results

Similar Description - CXA1737R

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1488R SONY-CXA1488R Datasheet
365Kb / 20P
   8 mm VCR AFM SIGNAL PROCESSOR
CXA2038R SONY-CXA2038R Datasheet
472Kb / 28P
   AFM Monaural Signal Processor for 8 mm VCR
CXA1536Q SONY-CXA1536Q Datasheet
308Kb / 16P
   8 mm VCR AFM STEREO MATRIX
logo
Panasonic Semiconductor
AN3986FBP PANASONIC-AN3986FBP Datasheet
179Kb / 14P
   Stereo Audio Signal Processor ICs for 8-mm Camcorder
AN3248NK PANASONIC-AN3248NK Datasheet
68Kb / 1P
   Luminance signal processor ic for vcr
logo
Sony Corporation
CXA1208R SONY-CXA1208R Datasheet
948Kb / 38P
   8 mm VCR COLOR SIGNAL PROCESSING
CXA1207AR SONY-CXA1207AR Datasheet
1Mb / 45P
   8 mm VCR LUMINANCE SIGNAL PROCESSING
logo
NTE Electronics
NTE1813 NTE-NTE1813 Datasheet
25Kb / 2P
   Integrated Circuit Color Signal Processor for VCR
logo
Sanyo Semicon Device
LA7451M SANYO-LA7451M Datasheet
190Kb / 11P
   Two-Channel, Noise Reduction Processor for 8-mm VCR PCM
LA70100M SANYO-LA70100M_06 Datasheet
285Kb / 16P
   SECAM Chroma-Signal Processor IC for VCR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com