Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74BCT956 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74BCT956
Description  OCTAL BUS TRANSCEIVER AND LATCH WITH 3-STATE OUTPUTS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74BCT956 Datasheet(HTML) 6 Page - Texas Instruments

  SN74BCT956 Datasheet HTML 1Page - Texas Instruments SN74BCT956 Datasheet HTML 2Page - Texas Instruments SN74BCT956 Datasheet HTML 3Page - Texas Instruments SN74BCT956 Datasheet HTML 4Page - Texas Instruments SN74BCT956 Datasheet HTML 5Page - Texas Instruments SN74BCT956 Datasheet HTML 6Page - Texas Instruments SN74BCT956 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SN74BCT956
OCTAL BUS TRANSCEIVER AND LATCH
WITH 3STATE OUTPUTS
SCBS088A − NOVEMBER 1991 − REVISED NOVEMBER 1993
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Note 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
A or B
B or A
2.2
5.1
7.3
2.2
8.3
ns
tPHL
A or B
SAB or SBA high (latch)
B or A
3.6
6.7
10
3.6
11.7
ns
tPLH
A or B
B or A
2
5.1
7.2
2
8.2
ns
tPHL
A or B
SAB or SBA low (thru)
B or A
3.3
6.7
9.3
3.3
11.1
ns
tPLH
LEBA or LEAB
A or B
2.2
5.5
7.9
2.2
9.3
ns
tPHL
LEBA or LEAB
A or B
2.9
6
8.5
2.9
9.8
ns
tPLH
SAB or SBA†
B or A
3.7
6.8
10.6
3.7
13.3
ns
tPHL
SAB or SBA†
A or B high
B or A
2.6
5.3
7.4
2.6
8.2
ns
tPLH
SAB or SBA†
B or A
3.2
7.4
9.5
3.2
11.2
ns
tPHL
SAB or SBA†
A or B low
B or A
3.8
7.7
10.1
3.8
12.2
ns
tPZH
OE
A or B
3.1
6.9
9.5
3.1
11.7
ns
tPZL
OE
A or B
3.9
7.8
10.7
3.9
13.1
ns
tPHZ
OE
A or B
3.5
6.6
8.9
3.5
10.7
ns
tPLZ
OE
A or B
2.6
5.9
8.3
2.6
9.5
ns
tPZH
DIR
A or B
2.1
5
9.8
2.1
12
ns
tPZL
DIR
A or B
2.9
6
10.9
2.9
13.1
ns
tPHZ
DIR
A or B
3.6
6.3
10.2
3.6
12.5
ns
tPLZ
DIR
A or B
2.5
5.7
8.9
2.5
10.8
ns
† These parameters are measured with the internal output state of the storage register opposite to that of the bus input.
NOTE 3: Load circuits and voltage waveforms are shown in Section 1.


Similar Part No. - SN74BCT956

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74BCT979 TI1-SN74BCT979 Datasheet
146Kb / 10P
[Old version datasheet]   9-BIT REGISTERED BTL TRANSCEIVER WITH PARITY GENERATOR/CHECKER
SN74BCT979DL TI1-SN74BCT979DL Datasheet
146Kb / 10P
[Old version datasheet]   9-BIT REGISTERED BTL TRANSCEIVER WITH PARITY GENERATOR/CHECKER
SN74BCT979DLR TI1-SN74BCT979DLR Datasheet
146Kb / 10P
[Old version datasheet]   9-BIT REGISTERED BTL TRANSCEIVER WITH PARITY GENERATOR/CHECKER
More results

Similar Description - SN74BCT956

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11245 TI-74AC11245 Datasheet
109Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN74LVC245A TI-SN74LVC245A Datasheet
601Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN64BCT245 TI1-SN64BCT245_16 Datasheet
413Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCR2245A TI-SN74LVCR2245A_07 Datasheet
635Kb / 21P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH245 TI-SN74ALVCH245_07 Datasheet
408Kb / 14P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVCH245 TI-SN74AVCH245 Datasheet
168Kb / 12P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC245 TI-SN74AVC245 Datasheet
158Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ABT245B-EP TI1-SN74ABT245B-EP Datasheet
307Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC245 UTC-U74LVC245 Datasheet
201Kb / 6P
   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74LVCZ245A TI-SN74LVCZ245A_08 Datasheet
535Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com