Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1726 Datasheet(PDF) 2 Page - Sony Corporation

Part # CXA1726
Description  Multiplier IC for Displays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1726 Datasheet(HTML) 2 Page - Sony Corporation

  CXA1726 Datasheet HTML 1Page - Sony Corporation CXA1726 Datasheet HTML 2Page - Sony Corporation CXA1726 Datasheet HTML 3Page - Sony Corporation CXA1726 Datasheet HTML 4Page - Sony Corporation CXA1726 Datasheet HTML 5Page - Sony Corporation CXA1726 Datasheet HTML 6Page - Sony Corporation CXA1726 Datasheet HTML 7Page - Sony Corporation CXA1726 Datasheet HTML 8Page - Sony Corporation CXA1726 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
– 2 –
CXA1726AM/AS
Pin Description
Pin No.
1
2
3
4
5
6
13
Symbol
VCC
SW1
IN1
OUT1 a
OUT1 b
IN2 X
IN4 X
Pin voltage
5V
0V
0V
0V
Equivalent circuit
Description
Positive supply voltage pin.
Control pin of switch unit.
The signal input from IN1 is
selected for "a" side or "b" side
by the SW1 applied voltage.
When SW1 is 2V or less, low
turns to "a" side; it is 2.6V or
more, high turns to "b" side.
Input pin of switch unit.
Output pins of switch unit.
The pin which is not selected is
GND.
Multiplier IN X input pins.
2
500
50µA
2.3V
500
50µA
3
100µA
4
5
2mA
500
100µA
6
13
100µA


Similar Part No. - CXA1726

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1720Q SONY-CXA1720Q Datasheet
336Kb / 26P
   Read/Write Amplifier (with Built-in Filters) for FDDs
More results

Similar Description - CXA1726

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ASM3P2274 ONSEMI-ASM3P2274_15 Datasheet
99Kb / 7P
   Multiplier EMI Reduction IC
July, 2015 ??Rev. 3
logo
Silicon Laboratories
SI5310 SILABS-SI5310 Datasheet
516Kb / 26P
   PRECISION CLOCK MULTIPLIER/REGENERATOR IC
logo
Analog Devices
AD534 AD-AD534_15 Datasheet
530Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. D
AD632 AD-AD632_15 Datasheet
498Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
logo
ON Semiconductor
ASM3P2274A ONSEMI-ASM3P2274A Datasheet
139Kb / 7P
   4X Multiplier EMI Reduction IC
JANUARY 2010 ??Rev. 2
logo
Analog Devices
AD534JDZ AD-AD534JDZ Datasheet
575Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. C
AD632ADZ AD-AD632ADZ Datasheet
458Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
logo
Mitsubishi Electric Sem...
M62457FP MITSUBISHI-M62457FP Datasheet
131Kb / 12P
   Peak hold IC for 5 band spectrum analayzer displays
logo
Renesas Technology Corp
M61506FP RENESAS-M61506FP Datasheet
3Mb / 14P
   Peak hold IC for 5 band spectrum analyzer displays
logo
Analog Devices
AD632 AD-AD632 Datasheet
177Kb / 6P
   Internally Trimmed Precision IC Multiplier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com