Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1726AM Datasheet(PDF) 4 Page - Sony Corporation

Part # CXA1726AM
Description  Multiplier IC for Displays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1726AM Datasheet(HTML) 4 Page - Sony Corporation

  CXA1726AM Datasheet HTML 1Page - Sony Corporation CXA1726AM Datasheet HTML 2Page - Sony Corporation CXA1726AM Datasheet HTML 3Page - Sony Corporation CXA1726AM Datasheet HTML 4Page - Sony Corporation CXA1726AM Datasheet HTML 5Page - Sony Corporation CXA1726AM Datasheet HTML 6Page - Sony Corporation CXA1726AM Datasheet HTML 7Page - Sony Corporation CXA1726AM Datasheet HTML 8Page - Sony Corporation CXA1726AM Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
– 4 –
CXA1726AM/AS
18
20
27
29
17
19
26
28
IN7 Ya
IN7 Xa
IN5 Ya
IN5 Xa
IN7 Yb
IN7 Xb
IN5 Yb
IN5 Xb
0V
Input pins of multiplier with
switch.
30
SW2
Switch pin to select "a" side or
"b" side of multiplier with switch.
"a" side
≤ 2.0V
"b" side
≥ 2.6V
17
19 20
26 27
28 29
500
50µA
18
500
50µA
50µA
50µA
50µA
30
No.
Item
Symbol
Conditions
Measurement
point
Min.
Typ.
Max.
Unit
1
2
3
4
5
6
7
Output offset voltage
Scale factor
Frequency response
Input dynamic range
Output dynamic range
Input bias current
Delay time
VO
SF
GT
VIN
VOUT
IIB
DT
X = Y = 0V
X = Y = 1V
→ V1
X = –Y = 1V
→ V2
(| V1 | + | V2 |)/2 = SF
X = 1V, Y = SG1
X = Y = 1V
X = 1V, Y = SG2
OUT
X, Y
Y, OUT
–110
0.95
–3
–3
50
16
1
–0.5
125
110
1.05
1
±2.3
±2.7
3
200
mV
dB
V
V
µA
ns
Input
t
Output
100%
50%
0%
Measure "t".
Electrical Characteristics
Multiplier
Pin No.
Symbol
Pin voltage
Equivalent circuit
Description


Similar Part No. - CXA1726AM

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1720Q SONY-CXA1720Q Datasheet
336Kb / 26P
   Read/Write Amplifier (with Built-in Filters) for FDDs
More results

Similar Description - CXA1726AM

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ASM3P2274 ONSEMI-ASM3P2274_15 Datasheet
99Kb / 7P
   Multiplier EMI Reduction IC
July, 2015 ??Rev. 3
logo
Silicon Laboratories
SI5310 SILABS-SI5310 Datasheet
516Kb / 26P
   PRECISION CLOCK MULTIPLIER/REGENERATOR IC
logo
Analog Devices
AD534 AD-AD534_15 Datasheet
530Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. D
AD632 AD-AD632_15 Datasheet
498Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
logo
ON Semiconductor
ASM3P2274A ONSEMI-ASM3P2274A Datasheet
139Kb / 7P
   4X Multiplier EMI Reduction IC
JANUARY 2010 ??Rev. 2
logo
Analog Devices
AD534JDZ AD-AD534JDZ Datasheet
575Kb / 21P
   Internally Trimmed Precision IC Multiplier
REV. C
AD632ADZ AD-AD632ADZ Datasheet
458Kb / 13P
   Internally Trimmed Precision IC Multiplier
REV. D
logo
Mitsubishi Electric Sem...
M62457FP MITSUBISHI-M62457FP Datasheet
131Kb / 12P
   Peak hold IC for 5 band spectrum analayzer displays
logo
Renesas Technology Corp
M61506FP RENESAS-M61506FP Datasheet
3Mb / 14P
   Peak hold IC for 5 band spectrum analyzer displays
logo
Analog Devices
AD632 AD-AD632 Datasheet
177Kb / 6P
   Internally Trimmed Precision IC Multiplier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com