Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGFM101C-D2 Datasheet(PDF) 3 Page - Formosa MS

Part # SGFM101C-D2
Description  10.0A Surface Mount Super Fast Rectifiers-50-600V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SGFM101C-D2 Datasheet(HTML) 3 Page - Formosa MS

  SGFM101C-D2 Datasheet HTML 1Page - Formosa MS SGFM101C-D2 Datasheet HTML 2Page - Formosa MS SGFM101C-D2 Datasheet HTML 3Page - Formosa MS SGFM101C-D2 Datasheet HTML 4Page - Formosa MS SGFM101C-D2 Datasheet HTML 5Page - Formosa MS SGFM101C-D2 Datasheet HTML 6Page - Formosa MS SGFM101C-D2 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Page 3
Rating and characteristic curves (SGFM101C-D2 THRU SGFM108C-D2)
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
FIG.1 - FORWARD CURRENT DERATING CURVE
0
25
50
75
100
125
150
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
12
10
8
6
4
2
FIG. 3 - TYPICAL INSTANTANEOUR FORWARD
CHARACTERISTICS
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
0.01
0.1
1.0
10
100
O
TJ=25 C
pulse width=300us
1% duty cycle
FIG. 4 - TYPICAL INSTANTANEOUS REVERSE
CHARACTERISTICS
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
FIG. 6 - TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTIC
SGFM101C-D2 , SGFM102C-D2
SGFM104C-D2
SGFM106C-D2
SGFM108C-D2
0
20
40
60
80
100
120
140
100
10
1
0.1
0.01
TJ=25°C
TJ=100°C
TJ=125°C
Document ID
Issued Date
Revised Date
Revision
Page.
30
0
60
90
120
150
1
10
5
50
T =25 C
J
8.3ms Single Half
Sine Wave
JEDEC method
REVERSE VOLTAGE,(V)
140
120
100
80
60
40
20
0
.01
.05
.1
.5
1
5
10
50
100
AMBIENT TEMPERATURE,( °C)
NUMBER OF CYCLES AT 60Hz
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
(+)
(+)
25Vdc
(approx.)
( )
( )
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
W
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
D.U.T.
10
NONINDUCTIVE
50
NONINDUCTIVE
W
W
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
DS-121424
2009/02/10
2011/09/28
E
7


Similar Part No. - SGFM101C-D2

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SGFM101C-D2 WILLAS-SGFM101C-D2 Datasheet
242Kb / 3P
   10.0A SURFACE MOUNT SUPER FAST RECTIFIERS -50V- 600V
logo
Formosa MS
SGFM101C-D2 FORMOSA-SGFM101C-D2 Datasheet
60Kb / 7P
   SMD Super Fast Rectifiers
SGFM101C-D2 FORMOSA-SGFM101C-D2_17 Datasheet
60Kb / 7P
   SMD Super Fast Rectifiers
More results

Similar Description - SGFM101C-D2

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SGFM101C-D2 WILLAS-SGFM101C-D2 Datasheet
242Kb / 3P
   10.0A SURFACE MOUNT SUPER FAST RECTIFIERS -50V- 600V
logo
Formosa MS
SFM31-B FORMOSA-SFM31-B Datasheet
97Kb / 7P
   3.0A Surface Mount Super Fast Rectifiers-50-600V
SFM11-MS FORMOSA-SFM11-MS Datasheet
96Kb / 7P
   1.0A Surface Mount Super Fast Rectifiers-50-600V
SFM21-B FORMOSA-SFM21-B Datasheet
95Kb / 7P
   2.0A Surface Mount Super Fast Rectifiers-50-600V
SGFM161C-D2 FORMOSA-SGFM161C-D2 Datasheet
104Kb / 7P
   16.0A Surface Mount Super Fast Rectifiers-50-600V
logo
E-CMOS Corporation
ECCSR0011-MH1 E-CMOS-ECCSR0011-MH1 Datasheet
323Kb / 4P
   1.0A Surface Mount Super Fast Rectifiers-50-600V
logo
Formosa MS
SFM21-S FORMOSA-SFM21-S Datasheet
95Kb / 7P
   2.0A Surface Mount Super Fast Rectifiers-50-600V
SFM11-M FORMOSA-SFM11-M Datasheet
95Kb / 7P
   1.0A Surface Mount Super Fast Rectifiers-50-600V
SFM11-MH FORMOSA-SFM11-MH_10 Datasheet
95Kb / 7P
   1.0A Surface Mount Super Fast Rectifiers-50-600V
SFM11-S FORMOSA-SFM11-S Datasheet
95Kb / 7P
   1.0A Surface Mount Super Fast Rectifiers-50-600V
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com