Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFM11-MH Datasheet(PDF) 6 Page - Formosa MS

Part # SFM11-MH
Description  1.0A Surface Mount Super Fast Rectifiers-50-600V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SFM11-MH Datasheet(HTML) 6 Page - Formosa MS

  SFM11-MH Datasheet HTML 1Page - Formosa MS SFM11-MH Datasheet HTML 2Page - Formosa MS SFM11-MH Datasheet HTML 3Page - Formosa MS SFM11-MH Datasheet HTML 4Page - Formosa MS SFM11-MH Datasheet HTML 5Page - Formosa MS SFM11-MH Datasheet HTML 6Page - Formosa MS SFM11-MH Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Page 6
Chip Silicon Rectifier
Formosa MS
SFM11-MH THRU SFM18-MH
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
SOD-123H
7"
3,000
4.0
30,000
183*183*123
178
382*262*387
240,000
8.5
PACKAGE
REEL SIZE
REEL
COMPONENT
SPACING
BOX
INNER
BOX
REEL
DIA,
CARTON
SIZE
CARTON
APPROX.
GROSS WEIGHT
(kg)
(pcs)
(m/m)
(m/m)
(m/m)
(pcs)
(m/m)
(pcs)
Reel packing
Profile Feature
Soldering Condition
Average ramp-up rate(TL to TP)
<3
/sec
Preheat
o
-Temperature Min(Tsmin)
150 C
o
-Temperature Max(Tsmax)
200 C
-Time(min to max)(ts)
60~120sec
Tsmax to TL
o
-Ramp-upRate
<3 C/sec
Time maintained above:
o
-Temperature(TL)
217 C
-Time(tL)
60~260sec
o
o
Peak Temperature(TP)
255 C-0/+5 C
o
Time within 5 C of actual Peak
Temperature(tP)
o
Ramp-down Rate
<6 C/sec
o
Time 25 C to Peak Temperature
<6minutes
oC
3.Reflow soldering
10~30sec
1.Storage environment: Temperature=5
~40
Humidity=55%±25%
2.Reflow soldering of surface-mount devices
o
o
C
C
Suggested thermal profiles for soldering processes
Critical Zone
TL to TP
TL
Tsmax
Tsmin
Ramp-up
Tp
tS
Preheat
o
t25 C to Peak
Time
25
TL
TP
Ramp-down
DS-121402
2008/02/10
2010/11/10
D
7


Similar Part No. - SFM11-MH

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SFM11-MH FORMOSA-SFM11-MH Datasheet
80Kb / 2P
   Chip Silicon Rectifier - Super fast recovery type
logo
PACELEADER INDUSTRIAL
SFM11-MH PACELEADER-SFM11-MH Datasheet
526Kb / 2P
   SUPER FAST RECOVER TYPE
logo
Formosa MS
SFM11-MH1 FORMOSA-SFM11-MH1 Datasheet
58Kb / 7P
   Chip Super Fast Rectifiers
More results

Similar Description - SFM11-MH

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SFM11-MS FORMOSA-SFM11-MS Datasheet
96Kb / 7P
   1.0A Surface Mount Super Fast Rectifiers-50-600V
logo
E-CMOS Corporation
ECCSR0011-MH1 E-CMOS-ECCSR0011-MH1 Datasheet
323Kb / 4P
   1.0A Surface Mount Super Fast Rectifiers-50-600V
logo
Formosa MS
SFM11-M FORMOSA-SFM11-M Datasheet
95Kb / 7P
   1.0A Surface Mount Super Fast Rectifiers-50-600V
SFM11-S FORMOSA-SFM11-S Datasheet
95Kb / 7P
   1.0A Surface Mount Super Fast Rectifiers-50-600V
logo
WILLAS ELECTRONIC CORP
SFM18-FN3 WILLAS-SFM18-FN3 Datasheet
292Kb / 3P
   1.0A SURFACE MOUNT SUPER FAST RECTIFIERS - 600V
SFM11-M WILLAS-SFM11-M Datasheet
896Kb / 4P
   1.0A SUFRACE MOUNT SUPER FAST RECTIFIERS - 50-600V
logo
Shenzhen Luguang Electr...
MURSL160 LUGUANG-MURSL160 Datasheet
1Mb / 2P
   1.0A Surface Mount Super Fast Rectifiers
Revision:20170701-P2
MURSL160A LUGUANG-MURSL160A Datasheet
1Mb / 2P
   1.0A Surface Mount Super Fast Rectifiers
Revision:20170701-P2
logo
Formosa MS
SFM31-B FORMOSA-SFM31-B Datasheet
97Kb / 7P
   3.0A Surface Mount Super Fast Rectifiers-50-600V
SFM21-B FORMOSA-SFM21-B Datasheet
95Kb / 7P
   2.0A Surface Mount Super Fast Rectifiers-50-600V
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com