Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFM18-M Datasheet(PDF) 1 Page - Formosa MS

Part # SFM18-M
Description  1.0A Surface Mount Super Fast Rectifiers-50-600V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SFM18-M Datasheet(HTML) 1 Page - Formosa MS

  SFM18-M Datasheet HTML 1Page - Formosa MS SFM18-M Datasheet HTML 2Page - Formosa MS SFM18-M Datasheet HTML 3Page - Formosa MS SFM18-M Datasheet HTML 4Page - Formosa MS SFM18-M Datasheet HTML 5Page - Formosa MS SFM18-M Datasheet HTML 6Page - Formosa MS SFM18-M Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Page 1
Formosa MS
Chip Silicon Rectifier
SFM11-M THRU SFM18-M
1
2
2
2
2
3
4
4
4
5
6
6
7
List
List.................................................................................................
Package outline...............................................................................
Features..........................................................................................
Maximum ratings .............................................................................
Rating and characteristic curves........................................................
Pinning information...........................................................................
Marking...........................................................................................
Suggested solder pad layout.............................................................
Packing information..........................................................................
Reel packing....................................................................................
Suggested thermal profiles for soldering processes.............................
High reliability test capabilities...........................................................
Mechanical data...............................................................................
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121401
2008/02/10
2010/03/10
D
7


Similar Part No. - SFM18-M

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SFM18-M PACELEADER-SFM18-M Datasheet
524Kb / 2P
   SUPER FAST RECOVER TYPE
logo
Microdiode Electronics ...
SFM18-M CHENDA-SFM18-M Datasheet
662Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Formosa MS
SFM18-M FORMOSA-SFM18-M Datasheet
58Kb / 7P
   Chip Super Fast Rectifiers
logo
PACELEADER INDUSTRIAL
SFM18-MH PACELEADER-SFM18-MH Datasheet
526Kb / 2P
   SUPER FAST RECOVER TYPE
logo
Formosa MS
SFM18-MH FORMOSA-SFM18-MH Datasheet
95Kb / 7P
   1.0A Surface Mount Super Fast Rectifiers-50-600V
More results

Similar Description - SFM18-M

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SFM11-MS FORMOSA-SFM11-MS Datasheet
96Kb / 7P
   1.0A Surface Mount Super Fast Rectifiers-50-600V
logo
E-CMOS Corporation
ECCSR0011-MH1 E-CMOS-ECCSR0011-MH1 Datasheet
323Kb / 4P
   1.0A Surface Mount Super Fast Rectifiers-50-600V
logo
Formosa MS
SFM11-MH FORMOSA-SFM11-MH_10 Datasheet
95Kb / 7P
   1.0A Surface Mount Super Fast Rectifiers-50-600V
SFM11-S FORMOSA-SFM11-S Datasheet
95Kb / 7P
   1.0A Surface Mount Super Fast Rectifiers-50-600V
logo
WILLAS ELECTRONIC CORP
SFM18-FN3 WILLAS-SFM18-FN3 Datasheet
292Kb / 3P
   1.0A SURFACE MOUNT SUPER FAST RECTIFIERS - 600V
SFM11-M WILLAS-SFM11-M Datasheet
896Kb / 4P
   1.0A SUFRACE MOUNT SUPER FAST RECTIFIERS - 50-600V
logo
Shenzhen Luguang Electr...
MURSL160 LUGUANG-MURSL160 Datasheet
1Mb / 2P
   1.0A Surface Mount Super Fast Rectifiers
Revision:20170701-P2
MURSL160A LUGUANG-MURSL160A Datasheet
1Mb / 2P
   1.0A Surface Mount Super Fast Rectifiers
Revision:20170701-P2
logo
Formosa MS
SFM31-B FORMOSA-SFM31-B Datasheet
97Kb / 7P
   3.0A Surface Mount Super Fast Rectifiers-50-600V
SFM21-B FORMOSA-SFM21-B Datasheet
95Kb / 7P
   2.0A Surface Mount Super Fast Rectifiers-50-600V
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com