Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1700 Datasheet(PDF) 9 Page - Sony Corporation

Part # CXA1700
Description  Luminance and Color Signal Processing for 8mm VCR
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1700 Datasheet(HTML) 9 Page - Sony Corporation

Back Button CXA1700 Datasheet HTML 5Page - Sony Corporation CXA1700 Datasheet HTML 6Page - Sony Corporation CXA1700 Datasheet HTML 7Page - Sony Corporation CXA1700 Datasheet HTML 8Page - Sony Corporation CXA1700 Datasheet HTML 9Page - Sony Corporation CXA1700 Datasheet HTML 10Page - Sony Corporation CXA1700 Datasheet HTML 11Page - Sony Corporation CXA1700 Datasheet HTML 12Page - Sony Corporation CXA1700 Datasheet HTML 13Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
—9—
CXA1700AQ/AR
Pin
Symbol
Pin voltage
Equivalent circuit
Description
No.
DC
AC
Input for VOW (character
level) signal, VOB (character
background) timing pulse of
DDS (date display system)
and masking timing pulse.
MASK :
VTH = 1.1V
DDS :
VTH = 2.0V
By varying the input DC for
DDS over a range of 2.3V to
3.0V, the character level can
be changed.
(Refer to item 4 on Description
of Operation.)
Determines the white/dark
clipping levels. When open,
the standard white clipping
level is 235%, and the dark
clipping level is 95%.
(Mode DC1, 2 = Low, High)
(Refer to item 5 on Description
of Operation.)
Video signal input. Performs
diode clamping, with the
clamp capacitance externally
connected. If the mode MUTE
is set High, the charge of the
clamp capacitance is
discharged.
Time constant for the video
AGC circuit in the I/O block.
During mute and playback, the
charge of the external
capacitance is discharged.
150
45k
26
15k
2.0V
1.1V
16k
150
2.05V
10k
4.1V
30k
27
MUTE
ON
270
28
100nA
4µA
100
1k
29
47k
MUTE ON
PB ON
26
DDS/MASK
27
WDC
28
V IN2
29
AGC TC1
2.0V
(when open)
(MASK)
1.5V
(DDS)
2.3 to 3.0V
2.6V
(when open)
2.05V
(sync tip
level)
Video
500mVp-p
input


Similar Part No. - CXA1700

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1702AR SONY-CXA1702AR Datasheet
550Kb / 24P
   4-channel REC/PB Amplifier for 8 mm VCR
CXA1704R SONY-CXA1704R Datasheet
568Kb / 24P
   2-channel REC/PB Amplifier for 8mm VCR
CXA1709 SONY-CXA1709 Datasheet
154Kb / 9P
   PRE-DRIVER FOR ULTRA-HIGH RESOLUTION COMPUTER DISPLAY
CXA1709P SONY-CXA1709P Datasheet
154Kb / 9P
   PRE-DRIVER FOR ULTRA-HIGH RESOLUTION COMPUTER DISPLAY
More results

Similar Description - CXA1700

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1810AQ SONY-CXA1810AQ Datasheet
969Kb / 53P
   Luminance and Color Signal Processing for 8mm VCR
CXA1207AR SONY-CXA1207AR Datasheet
1Mb / 45P
   8 mm VCR LUMINANCE SIGNAL PROCESSING
logo
Panasonic Semiconductor
AN3501NFBP PANASONIC-AN3501NFBP Datasheet
260Kb / 24P
   Luminance, chroma and linear audio signal processing IC for VCR
AN2493FH PANASONIC-AN2493FH Datasheet
238Kb / 24P
   Luminance and chrominance signal processing (PAL) IC for 8 mm VCR
logo
Sony Corporation
CXA1208R SONY-CXA1208R Datasheet
948Kb / 38P
   8 mm VCR COLOR SIGNAL PROCESSING
logo
Panasonic Semiconductor
AN3248NK PANASONIC-AN3248NK Datasheet
68Kb / 1P
   Luminance signal processor ic for vcr
AN3231FA PANASONIC-AN3231FA Datasheet
92Kb / 1P
   Luminance Signal Recording/Playback IC for VCR
AN5302K PANASONIC-AN5302K Datasheet
437Kb / 14P
   NTSC LUMINANCE SIGNAL, CHROMA-SIGNAL AND SYNCHRONOUS SIGNAL PROCESSING ICs
logo
NTE Electronics
NTE15030 NTE-NTE15030 Datasheet
22Kb / 3P
   Integrated Circuit CMOS, Color Processing Circuit for VCR
logo
Rohm
BH7775K ROHM-BH7775K Datasheet
226Kb / 17P
   VCR audio signal processing system
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com