Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S70FL256P Datasheet(PDF) 3 Page - SPANSION

Part # S70FL256P
Description  256-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S70FL256P Datasheet(HTML) 3 Page - SPANSION

  S70FL256P Datasheet HTML 1Page - SPANSION S70FL256P Datasheet HTML 2Page - SPANSION S70FL256P Datasheet HTML 3Page - SPANSION S70FL256P Datasheet HTML 4Page - SPANSION S70FL256P Datasheet HTML 5Page - SPANSION S70FL256P Datasheet HTML 6Page - SPANSION S70FL256P Datasheet HTML 7Page - SPANSION S70FL256P Datasheet HTML 8Page - SPANSION S70FL256P Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Publication Number S70FL256P_00
Revision 04
Issue Date June 24, 2011
Distinctive Characteristics
Architectural Advantages
 Single power supply operation
– Full voltage range: 2.7 to 3.6V read and write operations
 Memory architecture
– Uniform 64 kB sectors
– Top or bottom parameter block (Two 64-kB sectors broken down
into sixteen 4-kB sub-sectors each) for each Flash die
– Uniform 256 kB sectors (no 4-kB sub-sectors)
– 256-byte page size
 Program
– Page Program (up to 256 bytes) in 1.5 ms (typical)
– Program operations are on a page by page basis
– Accelerated programming mode via 9V W#/ACC pin
– Quad Page Programming
 Erase
– Bulk erase function for each Flash die
– Sector erase (SE) command (D8h) for 64 kB and 256 kB sectors
– Sub-sector erase (P4E) command (20h) for 4 kB sectors
(for uniform 64-kB sector device only)
– Sub-sector erase (P8E) command (40h) for 8 kB sectors
(for uniform 64-kB sector device only)
 Cycling endurance
– 100,000 cycles per sector typical
 Data retention
– 20 years typical
 Device ID
– JEDEC standard two-byte electronic signature
– RES command one-byte electronic signature for backward
compatibility
 One time programmable (OTP) area on each Flash die for
permanent, secure identification; can be programmed and
locked at the factory or by the customer
 CFI (Common Flash Interface) compliant: allows host system
to identify and accommodate multiple flash devices
 Process technology
– Manufactured on 0.09 µm MirrorBit® process technology
 Package option
– Industry Standard Pinouts
– 16-pin SO package (300 mils)
– 24-ball BGA (6 x 8 mm) package, 5 x 5 pin configuration
Performance Characteristics
 Speed
– Normal READ (Serial): 40 MHz clock rate
– FAST_READ (Serial): 104 MHz clock rate (maximum)
– DUAL I/O FAST_READ: 80 MHz clock rate or
20 MB/s effective data rate
– QUAD I/O FAST_READ: 80 MHz clock rate or
40 MB/s effective data rate
 Power saving standby mode
– Standby Mode 160 µA (typical)
– Deep Power-Down Mode 6 µA (typical)
Memory Protection Features
 Memory protection
– W#/ACC pin works in conjunction with Status Register Bits to
protect specified memory areas
– Status Register Block Protection bits (BP2, BP1, BP0) in status
General Description
This document contains information for the S70FL256P device, which is a dual die stack of two S25FL129P die. For detailed
specifications, please refer to the discrete die data sheet:
S70FL256P
256-Mbit CMOS 3.0 Volt Flash Memory
with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
Data Sheet
Document
Publication Identification Number (PID)
S25FL129P Data Sheet
S25FL129P_00


Similar Part No. - S70FL256P

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S70FL256P CYPRESS-S70FL256P Datasheet
1Mb / 16P
   256-Mbit 3.0V Flash
More results

Similar Description - S70FL256P

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL032P SPANSION-S25FL032P_12 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI011 SPANSION-S25FL032P0XMFI011 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XBHIS20 SPANSION-S25FL032P0XBHIS20 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P SPANSION-S25FL032P Datasheet
2Mb / 64P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL064P SPANSION-S25FL064P Datasheet
2Mb / 67P
   64-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL129P SPANSION-S25FL129P Datasheet
3Mb / 69P
   128-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI013 SPANSION-S25FL032P0XMFI013 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI001 SPANSION-S25FL032P0XMFI001 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL008K0XMFI041 SPANSION-S25FL008K0XMFI041 Datasheet
2Mb / 60P
   8-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL128K SPANSION-S25FL128K Datasheet
2Mb / 59P
   128-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com