Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA1695 Datasheet(PDF) 1 Page - Sony Corporation

Part # CXA1695
Description  All Band TV Tuner IC (VHF-CATV-UHF)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA1695 Datasheet(HTML) 1 Page - Sony Corporation

  CXA1695 Datasheet HTML 1Page - Sony Corporation CXA1695 Datasheet HTML 2Page - Sony Corporation CXA1695 Datasheet HTML 3Page - Sony Corporation CXA1695 Datasheet HTML 4Page - Sony Corporation CXA1695 Datasheet HTML 5Page - Sony Corporation CXA1695 Datasheet HTML 6Page - Sony Corporation CXA1695 Datasheet HTML 7Page - Sony Corporation CXA1695 Datasheet HTML 8Page - Sony Corporation CXA1695 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
—1—
E92Y29A51-TE
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Structure
Bipolar silicon monolithic IC
Absolute Maximum Ratings (Ta=25 °C)
• Supply voltage
Vcc
11
V
• Storage temperature
Tstg
–55 to +150
°C
• Allowable power dissipation
PD
930
mW
(when mounted on board)
Operating Conditions
• Supply voltage
Vcc
8.1 to 9.9
V
• Operating temperature Topr
–20 to +75
°C
Description
The CXA1695L is a single chip TV tuner IC which
performs as an oscillator, mixer for VHF/CATV and
UHF bands. An IF amplifier is also provided.
This IC achieves a large reduction of external parts
in addition to miniaturizing the tuner and increasing
manufacturing productivity, reliability and design
efficiency.
This IC is pin-compatible with the CXA1594L with
improvement in noise figure and oscillation stability.
Features
• On-chip oscillator and mixer for UHF band
• Low noise figure
• Reduced spurious interference
• Superior cross modulation
• Stable oscillation characteristics
• Ultra small package ensures tuner miniaturization
Applications
• CTV tuner
• CATV UP-DOWN converter
All Band TV Tuner IC (VHF-CATV-UHF)
16 pin SZIP (Plastic)
Block Diagram and Pin Configuration
+
16
15
14
13
12
3
4
5
6
7
8
9
10
11
1
UHF MIX
UHF OSC
VHF OSC
VHF MIX
IF AMP
SW
V
REG
2
CXA1695L


Similar Part No. - CXA1695

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CXA1695L ETC2-CXA1695L Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - CXA1695

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3025N SONY-CXA3025N Datasheet
233Kb / 12P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA3125N SONY-CXA3125N Datasheet
201Kb / 13P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1664M SONY-CXA1664M Datasheet
226Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA1594L SONY-CXA1594L Datasheet
225Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA3095N SONY-CXA3095N Datasheet
167Kb / 11P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA3225N SONY-CXA3225N Datasheet
195Kb / 16P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1665M SONY-CXA1665M Datasheet
230Kb / 10P
   All Band TV Tuner IC (VHF-CATV-UHF)
logo
ANADIGICS, Inc
ACD0900 ANADIGICS-ACD0900 Datasheet
132Kb / 12P
   VHF/UHF CATV/TV Tuner
ACD0900S3C ANADIGICS-ACD0900S3C Datasheet
252Kb / 4P
   VHF/UHF CATV/TV Tuner Downconverter
logo
Sony Corporation
CXA1165P SONY-CXA1165P Datasheet
381Kb / 12P
   CATV and VHF TV Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com