Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALVC16409DL Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74ALVC16409DL
Description  9-BIT, 4-PORT UNIVERSAL BUS EXCHANGER WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALVC16409DL Datasheet(HTML) 3 Page - Texas Instruments

  SN74ALVC16409DL Datasheet HTML 1Page - Texas Instruments SN74ALVC16409DL Datasheet HTML 2Page - Texas Instruments SN74ALVC16409DL Datasheet HTML 3Page - Texas Instruments SN74ALVC16409DL Datasheet HTML 4Page - Texas Instruments SN74ALVC16409DL Datasheet HTML 5Page - Texas Instruments SN74ALVC16409DL Datasheet HTML 6Page - Texas Instruments SN74ALVC16409DL Datasheet HTML 7Page - Texas Instruments SN74ALVC16409DL Datasheet HTML 8Page - Texas Instruments SN74ALVC16409DL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SN74ALVC16409
9BIT, 4PORT UNIVERSAL BUS EXCHANGER
WITH 3STATE OUTPUTS
SCAS259A − NOVEMBER 1993 − REVISED JULY 1995
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
DATA-FLOW CONTROL FUNCTION TABLE
INPUTS
DATA FLOW
SELEN
CLK
SEL0
SEL1
SEL2
SEL3
SEL4
DATA FLOW
H
X
X
X
X
X
No change
L
0
0
0
0
0
None, all I/Os off
L
0
0
0
0
1
Not used
L
0
0
0
1
0
Not used
L
0
0
0
1
1
Not used
L
0
0
1
0
0
Not used
L
0
0
1
0
1
Not used
L
0
0
1
1
0
Not used
L
0
0
1
1
1
Not used
L
0
1
0
0
0
2A to 1A and 1B to 2B
L
0
1
0
0
1
2A to 1A
L
0
1
0
1
0
2B to 1B
L
0
1
0
1
1
2A to 1A and 2B to 1B
L
0
1
1
0
0
1A to 2A and 1B to 2B
L
0
1
1
0
1
1A to 2A
L
0
1
1
1
0
1B to 2B
L
0
1
1
1
1
1A to 2A and 2B to 1B
L
1
0
0
0
0
1A to 1B and 2B to 2A
L
1
0
0
0
1
1A to 1B
L
1
0
0
1
0
2A to 2B
L
1
0
0
1
1
1A to 1B and 2A to 2B
L
1
0
1
0
0
1B to 1A and 2A to 2B
L
1
0
1
0
1
1B to 1A
L
1
0
1
1
0
2B to 2A
L
1
0
1
1
1
1B to 1A and 2B to 2A
L
1
1
0
0
0
2B to 1A and 2A to 1B
L
1
1
0
0
1
1B to 2A
L
1
1
0
1
0
2B to 1A
L
1
1
0
1
1
2B to 1A and 1B to 2A
L
1
1
1
0
0
1A to 2B and 1B to 2A
L
1
1
1
0
1
1A to 2B
L
1
1
1
1
0
2A to 1B
L
1
1
1
1
1
1A to 2B and 2A to 1B


Similar Part No. - SN74ALVC16409DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC164245 TI-SN74ALVC164245 Datasheet
489Kb / 20P
[Old version datasheet]   16-BIT 3.3-V TO 5-V LEVEL SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI-SN74ALVC164245 Datasheet
625Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI-SN74ALVC164245 Datasheet
655Kb / 22P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245 TI1-SN74ALVC164245 Datasheet
1Mb / 23P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC164245-EP TI1-SN74ALVC164245-EP Datasheet
387Kb / 19P
[Old version datasheet]   16-BIT 2.5-V TO 3.3-V/3.3-V TO 5-V LEVEL-SHIFTING TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALVC16409DL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVCH16409 TI-SN74ALVCH16409 Datasheet
148Kb / 11P
[Old version datasheet]   9-BIT, 4-PORT UNIVERSAL BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCHR16269A TI-SN74ALVCHR16269A Datasheet
181Kb / 12P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268 TI1-SN74ALVCH162268_15 Datasheet
809Kb / 18P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCHR16269A TI1-SN74ALVCHR16269A_14 Datasheet
154Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH162268 TI-SN74ALVCH162268 Datasheet
152Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162270 HITACHI-HD74ALVCH162270 Datasheet
66Kb / 14P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
logo
Texas Instruments
SN74ALVC16270 TI1-SN74ALVC16270 Datasheet
188Kb / 11P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCHR162269A HITACHI-HD74ALVCHR162269A Datasheet
67Kb / 13P
   12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16269 TI-SN74ALVCH16269 Datasheet
140Kb / 10P
[Old version datasheet]   12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS
SN74ALVCH16271 TI-SN74ALVCH16271 Datasheet
136Kb / 10P
[Old version datasheet]   12-BIT TO 24-BIT MULTIPLEXED BUS EXCHANGER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com