Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S25FL204K Datasheet(PDF) 9 Page - SPANSION

Part # S25FL204K
Description  4-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL204K Datasheet(HTML) 9 Page - SPANSION

Back Button S25FL204K_00 Datasheet HTML 5Page - SPANSION S25FL204K_00 Datasheet HTML 6Page - SPANSION S25FL204K_00 Datasheet HTML 7Page - SPANSION S25FL204K_00 Datasheet HTML 8Page - SPANSION S25FL204K_00 Datasheet HTML 9Page - SPANSION S25FL204K_00 Datasheet HTML 10Page - SPANSION S25FL204K_00 Datasheet HTML 11Page - SPANSION S25FL204K_00 Datasheet HTML 12Page - SPANSION S25FL204K_00 Datasheet HTML 13Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
August 14, 2012 S25FL204K_00_05
S25FL204K
9
Data
Sheet
(Preliminar y )
4.
Ordering Information
The ordering part number is formed by a valid combination of the following:
4.1
Valid Combinations
Table 4.1 lists the valid combinations configurations planned to be supported in volume for this device.
S25FL
204
K
0T
M
F
I
01
1
Packing Type
0
=
Tray
1
=
Tube
3
=
13” Tape and Reel
Model Number (Additional Ordering Options)
04
=
8-pin SO package (150 mil)
01
=
8-pin SO package (208 mil)
Temperature Range
I
=
Industrial (–40°C to +85°C)
Package Materials
F
=
Lead (Pb)-free
Package Type
M
=
8-pin SO package
Speed
0T
=
85 MHz
Device Technology
K
=
0.09 µm process technology
Density
204 =
4 Mbit
Device Family
S25FL
Spansion Memory 3.0 Volt-Only, Serial Peripheral Interface (SPI) Flash Memory
Table 4.1 S25FL204K Valid Combinations
S25FL204K Valid Combinations
Package Marking
Base Ordering
Part Number
Speed Option
Package and
Temperature
Model
Number
Packing Type
S25FL204K
0T
MFI
01, 04
0, 1, 3
FL204KIF


Similar Part No. - S25FL204K_00

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S25FL204K CYPRESS-S25FL204K Datasheet
1Mb / 35P
   4-Mbit 3.0 V SPI Flash Memory
More results

Similar Description - S25FL204K_00

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S25FL208K CYPRESS-S25FL208K Datasheet
1Mb / 33P
   8-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
logo
SPANSION
S25FL208K SPANSION-S25FL208K Datasheet
1Mb / 37P
   8-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
S25FL216K SPANSION-S25FL216K Datasheet
1Mb / 37P
   16-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
logo
Cypress Semiconductor
S25FL216K CYPRESS-S25FL216K Datasheet
1Mb / 35P
   16-Mbit 3.0 V Serial Flash Memory with Uniform 4 kB Sectors
logo
Eon Silicon Solution In...
EN25P40 EON-EN25P40 Datasheet
426Kb / 31P
   4 Mbit Uniform Sector, Serial Flash Memory
EN25F40 EON-EN25F40 Datasheet
462Kb / 33P
   4 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25B40 EON-EN25B40 Datasheet
462Kb / 36P
   4 Mbit Serial Flash Memory with Boot and Parameter Sectors
logo
AMIC Technology
A25L020C AMICC-A25L020C Datasheet
637Kb / 44P
   2Mbit 3V Serial Flash Memory with 100MHz Uniform 4KB Sectors
logo
Microchip Technology
SST26VF040A MICROCHIP-SST26VF040A Datasheet
781Kb / 73P
   2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
02/28/20
logo
Eon Silicon Solution In...
EN25P20 EON-EN25P20 Datasheet
388Kb / 32P
   2 Mbit Uniform Sector, Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com