Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S25FL204K Datasheet(PDF) 1 Page - SPANSION

Part # S25FL204K
Description  4-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL204K Datasheet(HTML) 1 Page - SPANSION

  S25FL204K Datasheet HTML 1Page - SPANSION S25FL204K Datasheet HTML 2Page - SPANSION S25FL204K Datasheet HTML 3Page - SPANSION S25FL204K Datasheet HTML 4Page - SPANSION S25FL204K Datasheet HTML 5Page - SPANSION S25FL204K Datasheet HTML 6Page - SPANSION S25FL204K Datasheet HTML 7Page - SPANSION S25FL204K Datasheet HTML 8Page - SPANSION S25FL204K Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Publication Number S25FL204K_00
Revision 05
Issue Date August 14, 2012
S25FL204K
S25FL204K Cover Sheet
4-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
Data Sheet (Preliminary)
Notice to Readers: This document states the current technical specifications regarding the Spansion
product(s) described herein. Each product described herein may be designated as Advance Information,
Preliminary, or Full Production. See Notice On Data Sheet Designations for definitions.


Similar Part No. - S25FL204K

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S25FL204K CYPRESS-S25FL204K Datasheet
1Mb / 35P
   4-Mbit 3.0 V SPI Flash Memory
More results

Similar Description - S25FL204K

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S25FL208K CYPRESS-S25FL208K Datasheet
1Mb / 33P
   8-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
logo
SPANSION
S25FL208K SPANSION-S25FL208K Datasheet
1Mb / 37P
   8-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
S25FL216K SPANSION-S25FL216K Datasheet
1Mb / 37P
   16-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
logo
Cypress Semiconductor
S25FL216K CYPRESS-S25FL216K Datasheet
1Mb / 35P
   16-Mbit 3.0 V Serial Flash Memory with Uniform 4 kB Sectors
logo
Eon Silicon Solution In...
EN25P40 EON-EN25P40 Datasheet
426Kb / 31P
   4 Mbit Uniform Sector, Serial Flash Memory
EN25F40 EON-EN25F40 Datasheet
462Kb / 33P
   4 Mbit Serial Flash Memory with 4Kbytes Uniform Sector
EN25B40 EON-EN25B40 Datasheet
462Kb / 36P
   4 Mbit Serial Flash Memory with Boot and Parameter Sectors
logo
AMIC Technology
A25L020C AMICC-A25L020C Datasheet
637Kb / 44P
   2Mbit 3V Serial Flash Memory with 100MHz Uniform 4KB Sectors
logo
Microchip Technology
SST26VF040A MICROCHIP-SST26VF040A Datasheet
781Kb / 73P
   2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
02/28/20
logo
Eon Silicon Solution In...
EN25P20 EON-EN25P20 Datasheet
388Kb / 32P
   2 Mbit Uniform Sector, Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com