Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q65111A1963 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # Q65111A1963
Description  LCW JNSH.EC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65111A1963 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button Q65111A1963 Datasheet HTML 7Page - OSRAM GmbH Q65111A1963 Datasheet HTML 8Page - OSRAM GmbH Q65111A1963 Datasheet HTML 9Page - OSRAM GmbH Q65111A1963 Datasheet HTML 10Page - OSRAM GmbH Q65111A1963 Datasheet HTML 11Page - OSRAM GmbH Q65111A1963 Datasheet HTML 12Page - OSRAM GmbH Q65111A1963 Datasheet HTML 13Page - OSRAM GmbH Q65111A1963 Datasheet HTML 14Page - OSRAM GmbH Q65111A1963 Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Version 1.0
LCW JNSH.EC
2011-08-26
11
Group Name on Label
Gruppenbezeichnung auf Etikett
Example: BS-5H-L
Beispiel: BS-5H-L
7H
0.3373
0.3534
7I
0.3456
0.3601
0.3376
0.3616
0.3464
0.3688
0.3456
0.3601
0.3539
0.3669
0.3464
0.3688
0.3551
0.3760
Brightness Group
Helligkeitsgruppe
Wavelength / Chromaticity
coordinate group
Wellenlänge / Farbortgruppe
Forward Voltage Group
Durchlassspannungsgruppe
BS
5H
L
Note:
No packing unit / tape ever contains more than one group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Selektion enthalten.
Group
Gruppe
Cx
Cy
Group
Gruppe
Cx
Cy


Similar Part No. - Q65111A1963

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65111A1095 OSRAM-Q65111A1095 Datasheet
2Mb / 18P
   Vorl채ufige Daten / Preliminary Data
Q65111A1096 OSRAM-Q65111A1096 Datasheet
2Mb / 20P
   Vorl채ufige Daten / Preliminary Data
Q65111A1097 OSRAM-Q65111A1097 Datasheet
2Mb / 20P
   Vorl채ufige Daten / Preliminary Data
Q65111A1099 OSRAM-Q65111A1099 Datasheet
2Mb / 20P
   Vorl채ufige Daten / Preliminary Data
Q65111A1141 OSRAM-Q65111A1141 Datasheet
167Kb / 7P
   IR-Lumineszenzdiode (940 nm) mit hoher Ausgangsleistung
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com