Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74ALS29818NT Datasheet(PDF) 2 Page - Texas Instruments

Part # SN74ALS29818NT
Description  8-BIT DIAGNOSTICS/PIPELINE REGISTERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS29818NT Datasheet(HTML) 2 Page - Texas Instruments

  SN74ALS29818NT Datasheet HTML 1Page - Texas Instruments SN74ALS29818NT Datasheet HTML 2Page - Texas Instruments SN74ALS29818NT Datasheet HTML 3Page - Texas Instruments SN74ALS29818NT Datasheet HTML 4Page - Texas Instruments SN74ALS29818NT Datasheet HTML 5Page - Texas Instruments SN74ALS29818NT Datasheet HTML 6Page - Texas Instruments SN74ALS29818NT Datasheet HTML 7Page - Texas Instruments SN74ALS29818NT Datasheet HTML 8Page - Texas Instruments SN74ALS29818NT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
SN74ALS819, SN74ALS29818
8BIT DIAGNOSTICS/PIPELINE REGISTERS
SDAS105A − JANUARY 1986 − REVISED OCTOBER 1986
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
2
logic symbols
SN74ALS29818
OEY
1
ORCLK
13
SRCLK
2
MODE
23
11
SDI
DQ0
3
DQ1
4
DQ6
DQ5
DQ4
DQ3
DQ2
9
8
7
6
5
10
DQ7
Z37
8
7D
27,1
17,1
MUX
MUX
10,1
20,1
7D
8
Z30
Z27
6
Z17
37,1,2,3D
6
6
31,1,2,3D
Z11
Z21
Z20
1,3D
Z10
30,1,2,3D
M1/5,3D,EN6
1
EN8
M2/Z4/G5
[SHADOW REGISTER]
C7
/C3
SRG8
Y5
17
Y2
20
19
Y3
22
Y7
Y4
18
[PIPELINE REGISTER]
27
3
1
1
SDO
14
16
Y6
Y1
21
15
Y0
MUX
ORCLK
SRCLK
11
14
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
PE
1
Y7
15
Y6
16
Y5
17
Y4
18
Y3
19
Y2
20
Y1
21
DQ0
3
MODE
SDO
9
13
8
7
2
6
SDI
5
23
4
10
Y0
22
FOR Y OUTPUTS]
[EVEN PARITY
2K
17,6D
10,6D
Z7
5
1,2D/Z17
5
1,2D/Z11
5
1,2D/Z10
1,2D [SHADOW REGISTER]
SN74ALS819
M1/4EN5
Z3/G4
1
1
7
3
MUX
SRG8
/C2
1
C6
[PIPELINE REGISTER]
† These symbols are in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
Pin numbers shown are for DW and NT packages.


Similar Part No. - SN74ALS29818NT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS29821 TI-SN74ALS29821 Datasheet
89Kb / 6P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74ALS29821 TI1-SN74ALS29821 Datasheet
181Kb / 10P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74ALS29821DW TI-SN74ALS29821DW Datasheet
89Kb / 6P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74ALS29821DW TI1-SN74ALS29821DW Datasheet
181Kb / 10P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74ALS29821NT TI-SN74ALS29821NT Datasheet
89Kb / 6P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com