Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTS0104-Q100 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # NTS0104-Q100
Description  Dual supply translating transceiver; open drain; auto direction sensing
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTS0104-Q100 Datasheet(HTML) 5 Page - NXP Semiconductors

  NTS0104-Q100 Datasheet HTML 1Page - NXP Semiconductors NTS0104-Q100 Datasheet HTML 2Page - NXP Semiconductors NTS0104-Q100 Datasheet HTML 3Page - NXP Semiconductors NTS0104-Q100 Datasheet HTML 4Page - NXP Semiconductors NTS0104-Q100 Datasheet HTML 5Page - NXP Semiconductors NTS0104-Q100 Datasheet HTML 6Page - NXP Semiconductors NTS0104-Q100 Datasheet HTML 7Page - NXP Semiconductors NTS0104-Q100 Datasheet HTML 8Page - NXP Semiconductors NTS0104-Q100 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
NTS0104_Q100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 3 — 7 August 2012
5 of 21
NXP Semiconductors
NTS0104-Q100
Dual supply translating transceiver; open drain; auto direction sensing
9.
Limiting values
[1]
The minimum input and minimum output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
VCCO is the supply voltage associated with the output.
10. Recommended operating conditions
[1]
Hold the A and B sides of an unused I/O pair in the same state, either both at VCCI or both at GND.
[2]
VCC(A) must be less than or equal to VCC(B).
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC(A)
supply voltage A
0.5
+6.5
V
VCC(B)
supply voltage B
0.5
+6.5
V
VI
input voltage
A port and OE input
[1][2]
0.5
+6.5
V
B port
[1][2]
0.5
+6.5
V
VO
output voltage
Active mode
[1][2]
A or B port
0.5
VCCO +0.5
V
Power-down or 3-state mode
[1]
A port
0.5
+4.6
V
B port
0.5
+6.5
V
IIK
input clamping current
VI <0V
50
-
mA
IOK
output clamping current
VO <0V
50
-
mA
IO
output current
VO =0Vto VCCO
[2] -
50
mA
ICC
supply current
ICC(A) or ICC(B)
-100
mA
IGND
ground current
100
-
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
Tamb = 40 C to +125 C-
250
mW
Table 6.
Recommended operating conditions[1][2]
Symbol
Parameter
Conditions
Min
Max
Unit
VCC(A)
supply voltage A
1.65
3.6
V
VCC(B)
supply voltage B
2.3
5.5
V
Tamb
ambient temperature
40
+125
C
t/V
input transition rise and fall rate
A or B port; push-pull driving
VCC(A) = 1.65 V to 3.6 V;
VCC(B) = 2.3 V to 5.5 V
-
10
ns/V
OE input
VCC(A) = 1.65 V to 3.6 V;
VCC(B) = 2.3 V to 5.5 V
-
10
ns/V


Similar Part No. - NTS0104-Q100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NTS0104 NXP-NTS0104 Datasheet
228Kb / 26P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 2-27 April 2011
NTS0104BQ NXP-NTS0104BQ Datasheet
228Kb / 26P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 2-27 April 2011
NTS0104D NXP-NTS0104D Datasheet
228Kb / 26P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 2-27 April 2011
NTS0104GU12 NXP-NTS0104GU12 Datasheet
228Kb / 26P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 2-27 April 2011
NTS0104GU16 NXP-NTS0104GU16 Datasheet
228Kb / 26P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 2-27 April 2011
More results

Similar Description - NTS0104-Q100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NTS0102 PHILIPS-NTS0102_15 Datasheet
393Kb / 27P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 4-23 January 2013
NTS0103 PHILIPS-NTS0103_15 Datasheet
320Kb / 20P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 2-10 November 2011
NTS0103 NXP-NTS0103 Datasheet
320Kb / 20P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 2 ??10 November 2011
logo
Nexperia B.V. All right...
NXS0101 NEXPERIA-NXS0101 Datasheet
293Kb / 21P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 4 - 9 February 2022
NXS0102 NEXPERIA-NXS0102 Datasheet
304Kb / 21P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 5 - 6 September 2021
logo
NXP Semiconductors
NTSX2102 PHILIPS-NTSX2102_15 Datasheet
400Kb / 20P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 2-11 February 2013
logo
Nexperia B.V. All right...
NXS0101-Q100 NEXPERIA-NXS0101-Q100 Datasheet
273Kb / 19P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 1 - 3 October 2022
NXS0108 NEXPERIA-NXS0108 Datasheet
340Kb / 25P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 1 - 15 September 2020
logo
NXP Semiconductors
NTS0102 NXP-NTS0102_V02 Datasheet
753Kb / 43P
   Dual supply translating transceiver; open-drain; auto direction sensing
Rev. 4.5 - 6 July 2023
logo
Nexperia B.V. All right...
NXS0104 NEXPERIA-NXS0104 Datasheet
334Kb / 23P
   Dual supply translating transceiver; open drain; auto direction sensing
Rev. 4 - 30 June 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com