Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NS32FX164-25 Datasheet(PDF) 5 Page - Texas Instruments

Part # NS32FX164-25
Description  Advanced Imaging/Communication Signal Processors
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

NS32FX164-25 Datasheet(HTML) 5 Page - Texas Instruments

  NS32FX164-25 Datasheet HTML 1Page - Texas Instruments NS32FX164-25 Datasheet HTML 2Page - Texas Instruments NS32FX164-25 Datasheet HTML 3Page - Texas Instruments NS32FX164-25 Datasheet HTML 4Page - Texas Instruments NS32FX164-25 Datasheet HTML 5Page - Texas Instruments NS32FX164-25 Datasheet HTML 6Page - Texas Instruments NS32FX164-25 Datasheet HTML 7Page - Texas Instruments NS32FX164-25 Datasheet HTML 8Page - Texas Instruments NS32FX164-25 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 104 page
background image
List of Figures (Continued)
FIGURE 2-27 TBITS Instruction Format
24
FIGURE 2-28 SBITS Instruction Format
25
FIGURE 2-29 SBITPS Instruction Format
25
FIGURE 2-30 Bus Activity for a Simple BITBLT Operation
25
FIGURE 3-1
Operating States
26
FIGURE 3-2
Slave Processor Protocol
28
FIGURE 3-3
Slave Processor Status Word
29
FIGURE 3-4
Interrupt Dispatch and Cascade Tables
30
FIGURE 3-5
Exception Acknowledge Sequence Direct-Exception Mode Disabled
31
FIGURE 3-6
Exception Acknowledge Sequence Direct-Exception Mode Enabled
32
FIGURE 3-7
Return from Trap (RETTn) Instruction Flow Direct-Exception Mode Disabled
33
FIGURE 3-8
Return from Interrupt (RETI) Instruction Flow Direct-Exception Mode Disabled
34
FIGURE 3-9
Interrupt Control Unit Connections (16 Levels)
35
FIGURE 3-10 Cascaded Interrupt Control Unit Connections
36
FIGURE 3-11 Exception Processing Flowchart
38
FIGURE 3-12 Service Sequence
39
FIGURE 3-13 DSP Module Block Diagram
55
FIGURE 3-14 Power and Ground Connections
56
FIGURE 3-15 Crystal Interconnections30 MHz
56
FIGURE 3-16 Crystal Interconnections40 MHz 50 MHz
56
FIGURE 3-17 Recommended Reset Connections
56
FIGURE 3-18 Power-On Reset Requirements
57
FIGURE 3-19 General Reset Timing
57
FIGURE 3-20 Bus Connections
59
FIGURE 3-21 Read Cycle Timing
60
FIGURE 3-22 Write Cycle Timing
61
FIGURE 3-23 Cycle Extension of a Read Cycle
63
FIGURE 3-24 Special Bus Cycle Timing
65
FIGURE 3-25 Slave Processor Read Cycle
66
FIGURE 3-26 Slave Processor Write Cycle
67
FIGURE 3-27 NS32FX164 and FPU Interconnections
67
FIGURE 3-28 Memory Interface
67
FIGURE 3-29 HOLD Timing (Bus Initially Idle)
69
FIGURE 3-30 HOLD Timing (Bus Initially Not Idle)
70
FIGURE 4-1
Connection Diagram
73
FIGURE 4-2
Output Signals Specification Standard
74
FIGURE 4-3a Input Signals Specification Standard
74
FIGURE 4-3b RSTI INT NMI Hysteresis
74
FIGURE 4-4
Read Cycle
79
FIGURE 4-5
Write Cycle
80
FIGURE 4-6
Special Bus Cycle
81
FIGURE 4-7
HOLD Acknowledge Timing (Bus Initially Not Idle)
82
FIGURE 4-8
HOLD Timing (Bus Initially Idle)
83
FIGURE 4-9
External DMA Controller Bus Cycle
84
FIGURE 4-10 Slave Processor Write Timing
85
FIGURE 4-11 Slave Processor Read Timing
85
FIGURE 4-12 SPC Timing
85
FIGURE 4-13 PFS Signal Timing
86
FIGURE 4-14 ILO Signal Timing
86
FIGURE 4-15 Clock Waveforms
86
FIGURE 4-16 INT Signal Timing
87
4


Similar Part No. - NS32FX164-25

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NS32FX164V-15 NSC-NS32FX164V-15 Datasheet
1Mb / 102P
   Advanced Imaging/Communication Signal Processors
NS32FX164V-20 NSC-NS32FX164V-20 Datasheet
1Mb / 102P
   Advanced Imaging/Communication Signal Processors
NS32FX164V-25 NSC-NS32FX164V-25 Datasheet
1Mb / 102P
   Advanced Imaging/Communication Signal Processors
More results

Similar Description - NS32FX164-25

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NS32FX161-15 NSC-NS32FX161-15 Datasheet
1Mb / 102P
   Advanced Imaging/Communication Signal Processors
logo
Texas Instruments
TMS320DM641 TI-TMS320DM641_08 Datasheet
2Mb / 179P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
TMS320DM640AZNZ4 TI1-TMS320DM640AZNZ4 Datasheet
1Mb / 179P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
TMS320DM641 TI-TMS320DM641_05 Datasheet
2Mb / 179P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
TMS320DM641 TI-TMS320DM641 Datasheet
2Mb / 171P
[Old version datasheet]   Video/Imaging Fixed-Point Digital Signal Processors
logo
National Semiconductor ...
NS32FX16-15 NSC-NS32FX16-15 Datasheet
902Kb / 88P
   Imaging/Signal Processor
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
logo
List of Unclassifed Man...
ULN3841A ETC-ULN3841A Datasheet
738Kb / 8P
   AM SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com