Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSP7502ZWVR Datasheet(PDF) 4 Page - Texas Instruments

Part # VSP7502ZWVR
Description  FOUR-CHANNEL IMAGE SENSOR ANALOG FRONT-END
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VSP7502ZWVR Datasheet(HTML) 4 Page - Texas Instruments

  VSP7502ZWVR Datasheet HTML 1Page - Texas Instruments VSP7502ZWVR Datasheet HTML 2Page - Texas Instruments VSP7502ZWVR Datasheet HTML 3Page - Texas Instruments VSP7502ZWVR Datasheet HTML 4Page - Texas Instruments VSP7502ZWVR Datasheet HTML 5Page - Texas Instruments VSP7502ZWVR Datasheet HTML 6Page - Texas Instruments VSP7502ZWVR Datasheet HTML 7Page - Texas Instruments VSP7502ZWVR Datasheet HTML 8Page - Texas Instruments VSP7502ZWVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
VSP7500
VSP7502
SBES015A – DECEMBER 2010 – REVISED JANUARY 2011
www.ti.com
ELECTRICAL CHARACTERISTICS
(1)
(continued)
All specifications at TA = +25°C, all power-supply voltages = +3 V, and conversion rate = 36 MHz, unless otherwise noted.
VSP7500, VSP7502
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TRANSFER CHARACTERISTICS
Differential nonlinearity (DNL)
±1
LSB
Integral nonlinearity (INL)
±32
LSB
No missing codes
Ensured
Step response settling time
Full-scale step input
1
Pixels
Overload recovery time
Step input from 1.8 V to 0 V
2
Pixels
Data latency
11
Clocks
Signal-to-noise ratio(2)
Grounded input capacitor
77
dB
Sensor offset correction range
–200
200
mV
Channel isolation
Among each channel
–77
dB
PROGRAMMABLE GAIN (Analog)
Analog gain programmable range
0
+9.6
dB
Analog gain programmable step
0.28
dB
Analog gain step monotonocity
Ensured
Analog gain error
For setting gain
0.5
dB
PROGRAMMABLE GAIN (Digital)
Digital gain programmable range
0
32
dB
Digital gain programmable step
0.032
dB
OPTICAL BLACK CLAMP (OBCLP) LOOP
Loop time constant
40.7
ms
Programmable range of
1024
3072
LSB
clamp level
Optical black clamp level
OBCLP level at code =
2048
LSB
1000 0000 0000b (center)
OB level program step
1
LSB
PRIMARY ANALOG OB CLAMP LOOP
OB DAC resolution
6
Bits
OB DAC full-scale voltage
±250
mV
LVDS BUFFER (D0, D1, CKS)
RL
Differential load impedance
90
100
110
Differential steady-state output voltage
|VOD|
RL = 100 Ω
90
110
mV
magnitude
Change in the steady-state differential output
Δ|VOD|
voltage magnitude between opposite binary
RL = 100 Ω
15
mV
states
COM_SEL = 0 (0.9 V mode)
0.7
1.1
V
VOC(SS)
Steady-state common-mode output voltage
COM_SEL = 1 (1.2 V mode)
1
1.4
V
VOC(PP)
Peak-to-peak common-mode output
20
50
mV
IOS
Short-circuit output current
Output = GND
–6
6
mA
IOZ
High-impedance state output current
VO = 0 V to VCC
–10
10
mA
TEMPERATURE RANGE
Operating temperature
–25
+85
°C
(2)
SNR = 20 log (full-scale voltage/rms noise).
4
Submit Documentation Feedback
Copyright © 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): VSP7500 VSP7502


Similar Part No. - VSP7502ZWVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VSP01M01 TI1-VSP01M01 Datasheet
1Mb / 91P
[Old version datasheet]   CCD Analog Front-End with Timing Generator and Vertical Driver for Digital Cameras
VSP01M01GWD TI1-VSP01M01GWD Datasheet
1Mb / 91P
[Old version datasheet]   CCD Analog Front-End with Timing Generator and Vertical Driver for Digital Cameras
VSP01M01GWDR TI1-VSP01M01GWDR Datasheet
1Mb / 91P
[Old version datasheet]   CCD Analog Front-End with Timing Generator and Vertical Driver for Digital Cameras
VSP01M01ZWD TI1-VSP01M01ZWD Datasheet
1Mb / 91P
[Old version datasheet]   CCD Analog Front-End with Timing Generator and Vertical Driver for Digital Cameras
VSP01M01ZWDR TI1-VSP01M01ZWDR Datasheet
1Mb / 91P
[Old version datasheet]   CCD Analog Front-End with Timing Generator and Vertical Driver for Digital Cameras
More results

Similar Description - VSP7502ZWVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
VSP2590 TI-VSP2590 Datasheet
583Kb / 36P
[Old version datasheet]   DUAL-CHANNEL IMAGE SENSOR ANALOG FRONT-END
logo
Microchip Technology
MCP3912 MICROCHIP-MCP3912 Datasheet
5Mb / 82P
   3V Four-Channel Analog Front End
03/25/14
logo
Texas Instruments
LM9810 TI1-LM9810 Datasheet
290Kb / 22P
[Old version datasheet]   10/12-Bit Image Sensor Processor Analog Front End
logo
National Semiconductor ...
LM9810 NSC-LM9810 Datasheet
148Kb / 21P
   LM9810/20 10/12-Bit Image Sensor Processor Analog Front End
logo
Microchip Technology
MCP2036 MICROCHIP-MCP2036 Datasheet
669Kb / 30P
   Inductive Sensor Analog Front End Device
2009
MCP3901 MICROCHIP-MCP3901_10 Datasheet
1Mb / 60P
   Two-Channel Analog Front End
2010
MCP3901 MICROCHIP-MCP3901 Datasheet
1Mb / 60P
   Two Channel Analog Front End
2009
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
   Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com