Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CXA1645P Datasheet(PDF) 10 Page - Sony Corporation

Part No. CXA1645P
Description  RGB Encoder
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

 
 10 page
background image
– 10 –
CXA1645P/M
Application Circuit (NTSC mode)
Application Circuit (PAL mode)
BPF
PHASE
SHIFTER
R-Y
Modulator
B-Y
Modulator
PULSE
GEN
VIDEO
OUT
75
DRIVER
75
DRIVER
REGULATOR
SYNC
ADD
CLAMP
DELAY
Y/C
MIX
R-OUT
G-OUT
B-OUT
CLAMP
CLAMP
CLAMP
SIN-PULSE
0.1µ
NC
NC
NC
NC
0.1µ
0.01µ
47µ
+5V
47µ
220µ
75
220µ
75
220µ
75
220µ
75
220µ
75
220µ
75
R
OUT
0.01µ
20k
47k
0.1µ
10µ
15
16
17
13
14
18
19
20
21
22
23
24
G
OUT
B
OUT
CV
OUT
C
OUT
Y
OUT
B
IN
0.1µ
G
IN
0.1µ
R
IN
SCIN
SYNC
IN
2
3
4
5
1
8
9
6
7
11
12
10
VCC
1%
Metal film resistor ±1%
BPF
PHASE
SHIFTER
R-Y
Modulator
B-Y
Modulator
PULSE
GEN
VIDEO
OUT
75
DRIVER
75
DRIVER
REGULATOR
SYNC
ADD
CLAMP
DELAY
Y/C
MIX
R-OUT
G-OUT
B-OUT
CLAMP
CLAMP
CLAMP
SIN-PULSE
0.1µ
NC
NC
NC
NC
0.1µ
0.01µ
47µ
+5V
47µ
220µ
75
220µ
75
220µ
75
220µ
75
220µ
75
220µ
75
R
OUT
0.01µ
16k
47k
0.1µ
10µ
15
16
17
13
14
18
19
20
21
22
23
24
G
OUT
B
OUT
CV
OUT
C
OUT
Y
OUT
B
IN
0.1µ
G
IN
0.1µ
R
IN
SCIN
SYNC
IN
2
3
4
5
1
8
9
6
7
11
12
10
VCC
1%
Metal film resistor ±1%
Application circuits shown are typical examples illustrating the operation of the devices. Sony cannot assume responsibility for
any problems arising out of the use of these circuits or for any infringement of third party patent and other right due to same.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KA2195DRGB ENCODER FOR NTSC 1 2 3 4 5 MoreSamsung semiconductor
KA2197DRGB ENCODER FOR NTSC 1 2 3 4 5 Samsung semiconductor
AD724RGB to NTSC/PAL Encoder 1 2 3 4 5 MoreAnalog Devices
AD725Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port 1 2 3 4 5 MoreAnalog Devices
LC78010EVideo CD and CD-G Digital RGB Encoder LSI 1 2 3 4 5 MoreSanyo Semicon Device
MM1268RGB Encoder 1 2 3 4 5 MoreMitsumi Electronics, Corp.
LC78011EDigital RGB Encoder IC for Video CD and CD-G 1 2 3 4 5 MoreSanyo Semicon Device
MB3516ARGB Encoder 1 2 3 4 5 MoreFujitsu Component Limited.
CXA1145PRGB Encoder 1 2 3 4 5 MoreSony Corporation
KA2198BDRGB ENCODER FOR PAL/NTSC 1 2 3 4 5 MoreSamsung semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl