Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CXA1645P Datasheet(PDF) 9 Page - Sony Corporation

Part No. CXA1645P
Description  RGB Encoder
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

 9 page
background image
– 9 –
CXA1645P/M
Measuring Signals and Output Waveforms
SG4
SCIN
SG5
SYNC
IN
64µs
4.5µs
2.0V
0.8V
0.5Vp-p
f = 3.58MHz
Fig. 1
Fig. 2
SG1 to 3
RIN
GIN
BIN
DEF point
ROUT
GOUT
BOUT
VO
2.5V
1.0Vp-p
f = 200kHz
Fig. 3
SG1 to 3
RIN
GIN
BIN
DEF
BC point
ROUT
GOUT
BOUT
YOUT
CVOUT
VO
2.5V
1.0Vp-p
f = 200kHz/5MHz
fc = 20log
Vo (5MHz)
Vo (200kHz)
Fig. 6
SG4
SCIN
SG4
SYNC
IN
C point
CVOUT
A point
COUT
Vo (BN)
Vo (BN)
VL
VL
4.5µs
64µs
0.5Vp-p
f = 3.58MHz/
4.43MHz
2.0V
0.8V
Vo (BN)
Vo (BN)
K (BP) =
Vo (BN)
Vo (BN)
SG5
SYNC
IN
SG1
RIN
SG2
GIN
SG3
BIN
BC point
YOUT
CVOUT
2.0V
0.8V
1.0Vp-p
1.0Vp-p
1.0Vp-p
Vo (YS)
Vo (YB)
Vo (YR)
Vo (YG)
Vo (YW)
Fig. 4
64µs
4.5µs
10µs
Fig. 5
SG4
SCIN
SG5
SYNC
IN
SG1
RIN
SG2
GIN
SG3
BIN
0.5Vp-p
f = 3.58MHz
2.0V
0.8V
4.5µs
64µs
10µs
1.0Vp-p
1.0Vp-p
1.0Vp-p
C point
CVOUT
tD (B)
A point
COUT
VO (BN)
VO (CG)
VO (CR)
VO (CB)
VO (CG) VO (CR)
VO (CB)
tW (B)
VO (BN)
tW (B)
R/BN =
VO (CR)
VO (BN)
G/BN =
VO (CG)
VO (BN)
B/BN =
VO (CB)
VO (BN)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KA2195DRGB ENCODER FOR NTSC 1 2 3 4 5 MoreSamsung semiconductor
KA2197DRGB ENCODER FOR NTSC 1 2 3 4 5 Samsung semiconductor
AD724RGB to NTSC/PAL Encoder 1 2 3 4 5 MoreAnalog Devices
AD725Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port 1 2 3 4 5 MoreAnalog Devices
LC78010EVideo CD and CD-G Digital RGB Encoder LSI 1 2 3 4 5 MoreSanyo Semicon Device
MM1268RGB Encoder 1 2 3 4 5 MoreMitsumi Electronics, Corp.
LC78011EDigital RGB Encoder IC for Video CD and CD-G 1 2 3 4 5 MoreSanyo Semicon Device
MB3516ARGB Encoder 1 2 3 4 5 MoreFujitsu Component Limited.
CXA1145PRGB Encoder 1 2 3 4 5 MoreSony Corporation
KA2198BDRGB ENCODER FOR PAL/NTSC 1 2 3 4 5 MoreSamsung semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl