Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CXA1645P Datasheet(PDF) 7 Page - Sony Corporation

Part No. CXA1645P
Description  RGB Encoder
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

 7 page
background image
– 7 –
CXA1645P/M
SG1 to SG3:
No signal,
SG4:
SIN wave,
3.58MHz
0.5Vp-p
SG5:
CSYNC
TTL level
3.58MHz component
measured. Fig. 6
SG1 to SG3:
No signal,
SG4: SIN wave,
4.43MHz
0.5Vp-p
SG5: CSYNC
TTL level
Fig. 6
(COUT & CVOUT)
Burst level
R chroma ratio
R phase
G chroma ratio
G phase
B chroma ratio
B phase
Burst width
Burst position
Carrier leak
PAL burst
level ratio
PAL burst phase
VO (BN1/2)
R/BN1/2
θR1/2
G/BN1/2
θG1/2
B/BN1/2
θB1/2
tW (B) 1/2
tD (B) 1/2
VL1/2
K (BP1/2)
θPAL1/2
θPAL1/2
SG1
to
SG3
SG4
5V SG5 20k
0.2
SG1
to
SG3
SG4
5V SG5 20k
SG1
to
SG3
SG4 GND SG5 16k
A/C
SG1 to SG3:
100% color bar
input,
1.0Vp-p (Max.)
SG4: SIN wave,
3.58MHz
0.5Vp-p
SG5: CSYNC
TTL level
Fig. 5
0.25
0.3
Vp-p
2.84
3.16
3.48
94
104
114
deg
2.65
2.95
3.25
231
241
251
deg
2.01
2.24
2.47
337
347
357
deg
2.5
2.75
3.2
µs
0.4
0.6
0.75
µs
20
mVp-p
0.9
1.0
1.1
125
135
145
deg
215
225
235
∗ Clamp voltage: voltage appearing at Pin 9 when CSYNC is input.
Item
Symbol
S1
S2
S3
S4
S5
RIN
GIN
BIN
SCIN NPIN
SYNC
IN
FO
Measu
rement
point
Measurement
Conditions
Min.
Typ.
Max.
Unit




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KA2195DRGB ENCODER FOR NTSC 1 2 3 4 5 MoreSamsung semiconductor
KA2197DRGB ENCODER FOR NTSC 1 2 3 4 5 Samsung semiconductor
AD724RGB to NTSC/PAL Encoder 1 2 3 4 5 MoreAnalog Devices
AD725Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port 1 2 3 4 5 MoreAnalog Devices
LC78010EVideo CD and CD-G Digital RGB Encoder LSI 1 2 3 4 5 MoreSanyo Semicon Device
MM1268RGB Encoder 1 2 3 4 5 MoreMitsumi Electronics, Corp.
LC78011EDigital RGB Encoder IC for Video CD and CD-G 1 2 3 4 5 MoreSanyo Semicon Device
MB3516ARGB Encoder 1 2 3 4 5 MoreFujitsu Component Limited.
CXA1145PRGB Encoder 1 2 3 4 5 MoreSony Corporation
KA2198BDRGB ENCODER FOR PAL/NTSC 1 2 3 4 5 MoreSamsung semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl