Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CXA1645P Datasheet(PDF) 5 Page - Sony Corporation

Part No. CXA1645P
Description  RGB Encoder
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

 
 5 page
background image
– 5 –
CXA1645P/M
Pin
No.
Symbol
Pin voltage
19
VCC2
5.0V∗
20
CVOUT
21
22
23
BOUT
GOUT
ROUT
Black level
1.7V
24
GND2
0V∗
Black level
1.2V
Equivalent circuit
Description
Power supply for RGB, composite video and
Y/C output circuits. Decouple this pin with a
large capacitor of 10µF or above as a high
current flows.
Refer to Notes on Operation, Nos. 4 and 10.
Analog RGB signal outputs. Capable of
driving a 75
Ω load.
Refer to Notes on Operation, Nos. 6 and 9.
Ground for RGB, composite video and Y/C
output circuits. The leads to GND1 should
be as short and wide as possible.
Composite video signal output. Capable of
driving a 75
Ω load.
Refer to Notes on Operation, Nos. 6 and 9.
GND2
VCC2
20k
600µ
VCC1
20
GND2
VCC2
500µ
VCC1
5.5k
200µ
GND1
21
22
23




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KA2195DRGB ENCODER FOR NTSC 1 2 3 4 5 MoreSamsung semiconductor
KA2197DRGB ENCODER FOR NTSC 1 2 3 4 5 Samsung semiconductor
AD724RGB to NTSC/PAL Encoder 1 2 3 4 5 MoreAnalog Devices
AD725Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port 1 2 3 4 5 MoreAnalog Devices
LC78010EVideo CD and CD-G Digital RGB Encoder LSI 1 2 3 4 5 MoreSanyo Semicon Device
MM1268RGB Encoder 1 2 3 4 5 MoreMitsumi Electronics, Corp.
LC78011EDigital RGB Encoder IC for Video CD and CD-G 1 2 3 4 5 MoreSanyo Semicon Device
MB3516ARGB Encoder 1 2 3 4 5 MoreFujitsu Component Limited.
CXA1145PRGB Encoder 1 2 3 4 5 MoreSony Corporation
KA2198BDRGB ENCODER FOR PAL/NTSC 1 2 3 4 5 MoreSamsung semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl