Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CXA1645P Datasheet(PDF) 4 Page - Sony Corporation

Part No. CXA1645P
Description  RGB Encoder
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

 
 4 page
background image
– 4 –
CXA1645P/M
Pin
No.
Symbol
Pin voltage
15
COUT
2.2V
16
YOUT
17
YTRAP
Black level
1.6V
18
FO
2.0V
Black level
1.3V
Equivalent circuit
Description
Chroma signal output. Capable of driving a
75
Ω load.
Refer to Notes on Operation, Nos. 6 and 9.
Pin for reducing cross color caused by the
subcarrier frequency component of the Y
signal. When the CVOUT pin is in use,
connect a capacitor or a capacitor and an
inductor in series between YTRAP and
GND. Decide capacitance and inductance,
giving consideration to cross color and the
required resolution.
No influence on the YOUT pin.
Refer to Notes on Operation, No. 8.
Internal filter fo adjustment pin.
Connect to GND via the following resistor
according to the NTSC or PAL mode.
NTSC: 20k
Ω (±1%)
PAL : 16k
Ω (±1%)
Y signal output. Capable of driving a 75
load.
Refer to Notes on Operation, Nos. 6 and 9.
GND2
VCC2
15
20k
600µ
VCC1
GND2
VCC2
20k
600µ
VCC1
16
GND1
VCC1
1.5k
8.5k
0.5P
17
Input resistance 1.5k
GND1
VCC1
129
50µ
18




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KA2195DRGB ENCODER FOR NTSC 1 2 3 4 5 MoreSamsung semiconductor
KA2197DRGB ENCODER FOR NTSC 1 2 3 4 5 Samsung semiconductor
AD724RGB to NTSC/PAL Encoder 1 2 3 4 5 MoreAnalog Devices
AD725Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port 1 2 3 4 5 MoreAnalog Devices
LC78010EVideo CD and CD-G Digital RGB Encoder LSI 1 2 3 4 5 MoreSanyo Semicon Device
MM1268RGB Encoder 1 2 3 4 5 MoreMitsumi Electronics, Corp.
LC78011EDigital RGB Encoder IC for Video CD and CD-G 1 2 3 4 5 MoreSanyo Semicon Device
MB3516ARGB Encoder 1 2 3 4 5 MoreFujitsu Component Limited.
CXA1145PRGB Encoder 1 2 3 4 5 MoreSony Corporation
KA2198BDRGB ENCODER FOR PAL/NTSC 1 2 3 4 5 MoreSamsung semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl