Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CXA1645P Datasheet(PDF) 3 Page - Sony Corporation

Part No. CXA1645P
Description  RGB Encoder
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

 
 3 page
background image
– 3 –
CXA1645P/M
Pin
No.
Symbol
Pin voltage
9
YCLPC
2.5V
10
SYNC
IN
12
VCC1
5.0V∗
13
IREF
2.0V
14
VREF
4.0V
2.2V
Equivalent circuit
Description
Pin to determine the Y signal clamp time
constant.
Connect to GND via a 0.1µF capacitor.
Power supply for all circuits other than RGB,
composite video and Y/C output circuits.
Refer to Notes on Operation. Nos. 4 and 10.
Pin to determine the internal reference
current.
Connect to GND via a 47k
Ω resistor.
Internal reference voltage.
Connect a decoupling capacitor of
approximately 10µF.
Refer to Notes on Operation, Nos. 4 and 7.
Composite sync signal input. Input TTL-
level voltages.
L (
≤ 0.8V): SYNC period
H (
≥ 2.0V)
1.6V
GND1
VCC1
9
129
GND1
VCC1
2.2V
4k
40k
10
GND1
VCC1
50µ
129
13
GND1
VCC1
14




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KA2195DRGB ENCODER FOR NTSC 1 2 3 4 5 MoreSamsung semiconductor
KA2197DRGB ENCODER FOR NTSC 1 2 3 4 5 Samsung semiconductor
AD724RGB to NTSC/PAL Encoder 1 2 3 4 5 MoreAnalog Devices
AD725Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port 1 2 3 4 5 MoreAnalog Devices
LC78010EVideo CD and CD-G Digital RGB Encoder LSI 1 2 3 4 5 MoreSanyo Semicon Device
MM1268RGB Encoder 1 2 3 4 5 MoreMitsumi Electronics, Corp.
LC78011EDigital RGB Encoder IC for Video CD and CD-G 1 2 3 4 5 MoreSanyo Semicon Device
MB3516ARGB Encoder 1 2 3 4 5 MoreFujitsu Component Limited.
CXA1145PRGB Encoder 1 2 3 4 5 MoreSony Corporation
KA2198BDRGB ENCODER FOR PAL/NTSC 1 2 3 4 5 MoreSamsung semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl