Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UA9636ACDR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UA9636ACDR
Description  DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UA9636ACDR Datasheet(HTML) 3 Page - Texas Instruments

  UA9636ACDR Datasheet HTML 1Page - Texas Instruments UA9636ACDR Datasheet HTML 2Page - Texas Instruments UA9636ACDR Datasheet HTML 3Page - Texas Instruments UA9636ACDR Datasheet HTML 4Page - Texas Instruments UA9636ACDR Datasheet HTML 5Page - Texas Instruments UA9636ACDR Datasheet HTML 6Page - Texas Instruments UA9636ACDR Datasheet HTML 7Page - Texas Instruments UA9636ACDR Datasheet HTML 8Page - Texas Instruments UA9636ACDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
uA9636AC
DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
SLLS110B – OCTOBER 1980 – REVISED MAY 1995
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of free-air temperature, supply voltage, and
wave-shaping resistance (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
Input clamp voltage
II = – 15 mA
– 1.1
– 1.5
V
RL = ∞
5
5.6
6
VOH
High-level output voltage
VI = 0.8 V
RL = 3 kΩ to GND
5
5.6
6
V
RL = 450 Ω to GND
4
5.4
6
RL = ∞
–6‡
– 5.7
–5
VOL
Low-level output voltage
VI = 2 V
RL = 3 kΩ to GND
–6‡
– 5.6
–5
V
RL = 450 Ω to GND
–6‡
– 5.4
–4
IIH
High level input current
VI = 2.4 V
10
µA
IIH
High-level input current
VI = 5.5 V
100
µA
IIL
Low-level input current
VI = 0.4 V
–20
–80
µA
IO
Output current (power off)
VCC
± = 0,
VO = ± 6 V
±100
µA
IOS
Short circut output current§
VI = 2 V
15
25
150
mA
IOS
Short-circut output current§
VI = 0
–15
–40
– 150
mA
rO
Output resistance
RL = 450 Ω
25
50
ICC
Positive supply current
VCC = ± 12 V,
VI = 0,
13
18
mA
ICC +
Positive supply current
CC
,
R(WS) = 100 kΩ,
I
,
Output open
13
18
mA
ICC
Negative supply current
VCC = ± 12 V,
VI = 0,
13
18
mA
ICC –
Negative supply current
CC
R(WS) = 100 kΩ,
I
Output open
– 13
– 18
mA
† All typical values are at VCC = ±12 V, TA = 25°C.
‡ The algebraic convention, in which the less-positive (more-negative) limit is designated as minimum, is used in this data sheet for logic voltage
levels, e.g., when – 5 V is the maximum, the minimum is a more-negative voltage.
§ Not more than one output should be shorted to ground at a time.
switching characteristics, VCC± = ±12 V, TA = 25°C (see Figure 1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
R(WS) = 10 kΩ
0.8
1.1
1.4
tTLH
Transition time low to high level output
RL = 450 kΩ
CL =30 pF
R(WS) = 100 kΩ
8
11
14
µs
tTLH
Transition time, low- to high-level output
RL = 450 kΩ,
CL = 30 pF
R(WS) = 500 kΩ
40
55
70
µs
R(WS) = 1 MΩ
80
110
140
R(WS) = 10 kΩ
0.8
1.1
1.4
tTHL
Transition time high to low level output
RL = 450 kΩ
CL =30 pF
R(WS) = 100 kΩ
8
11
14
µs
tTHL
Transition time, high- to low-level output
RL = 450 kΩ,
CL = 30 pF
R(WS) = 500 kΩ
40
55
70
µs
R(WS) = 1 MΩ
80
110
140


Similar Part No. - UA9636ACDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA9636ACDR TI-UA9636ACDR Datasheet
242Kb / 11P
[Old version datasheet]   DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
More results

Similar Description - UA9636ACDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UA9636AC TI-UA9636AC Datasheet
242Kb / 11P
[Old version datasheet]   DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
logo
National Semiconductor ...
DS9636A NSC-DS9636A Datasheet
139Kb / 6P
   RS-423 Dual Programmable Slew Rate Line Driver
DS9636A NSC-DS9636A Datasheet
139Kb / 6P
   RS-423 Dual Programmable Slew Rate Line Driver
logo
STMicroelectronics
EVLPOWERSTEP01 STMICROELECTRONICS-EVLPOWERSTEP01 Datasheet
342Kb / 8P
   Adjustable output slew rate
logo
Semtech Corporation
GS2988 SEMTECH-GS2988 Datasheet
596Kb / 18P
   Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
logo
Gennum Corporation
GS2988 GENNUM-GS2988 Datasheet
683Kb / 17P
   Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
GS2989 GENNUM-GS2989 Datasheet
746Kb / 19P
   Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
logo
Semtech Corporation
GS2989 SEMTECH-GS2989 Datasheet
664Kb / 20P
   Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
logo
Gennum Corporation
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com