Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSU5511 Datasheet(PDF) 10 Page - Texas Instruments

Part # TSU5511
Description  SP3T SWITCH WITH IMPEDANCE DETECTION MICRO-USB SWITCH TO SUPPORT USB, UART, AUDIO, AND CHARGER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSU5511 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TSU5511 Datasheet HTML 6Page - Texas Instruments TSU5511 Datasheet HTML 7Page - Texas Instruments TSU5511 Datasheet HTML 8Page - Texas Instruments TSU5511 Datasheet HTML 9Page - Texas Instruments TSU5511 Datasheet HTML 10Page - Texas Instruments TSU5511 Datasheet HTML 11Page - Texas Instruments TSU5511 Datasheet HTML 12Page - Texas Instruments TSU5511 Datasheet HTML 13Page - Texas Instruments TSU5511 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
TSU5511
SCDS304 – SEPTEMBER 2010
www.ti.com
MIC SWITCH ELECTRICAL CHARACTERISTICS FOR 2.8 V to 4.4 V SUPPLY
TA = –40°C to 85°C, typical values are at VSUPPLY = 3.6 V, VBUS = 5 V, TA = 25°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal range
VMICIO
0
2.3
V
VI = 2.3 V, IO = –2 mA,
MIC ID
ON-state resistance
rON
9
12
VSUPPLY = 2.8 V,
ON-state resistance
VI = 2.3 V , IO = –2 mA,
MIC ID
rON(flat)
0.5
1
flatness
VSUPPLY = 2.8 V
VI = 0.3 V, VO = 2.3 V
Switch OFF
VI or VO OFF leakage
or
IIO(OFF)
5
200
nA
current(1)
VI = 2.3 V, VO = 0.3 V,
VSUPPLY = 4.4 V
VI = OPEN
Switch ON
VO ON leakage current
IIO(ON)
VO = 0.3 V or 2.5 V
2
200
nA
(1)
VSUPPLY = 4.4 V
Dynamic
VI or VO = VSUPPLY,
From receipt of I2C
Turn-ON time
tON
1
ms
RL = 50 Ω, CL = 35 pF
ACK bit
VI or VO = VSUPPLY,
From receipt of I2C
Turn-OFF time
tOFF
1
ms
RL = 50 Ω, CL = 35 pF
ACK bit
DC bias = 0 V or 3.6 V,
Switch OFF
VI OFF capacitance
(1)
CI(OFF)
6
pF
f = 10 MHz,
DC bias = 0 V or 3.6 V ,
Switch OFF
VO OFF capacitance
(1)
CO(OFF)
6
pF
f = 10 MHz,
VI, VO ON capacitance
CI(ON),
DC bias = 0 V or 3.6 V,
Switch ON
12
pF
(1)
CO(ON)
f = 10 MHz,
Bandwidth
BW
RL = 50 Ω,
Switch ON
573
MHz
OFF Isolation
OISO
f = 20 kHz, RL = 50 Ω,
Switch OFF
–37
dB
f = 20 kHz to audio input,
Switch ON
Crosstalk
XTALK
–125
dB
RL = 50 Ω,
Total harmonic
RL = 600 Ω, CL = 20 pF,
f = 20 Hz to 20 kHz,
THD
0.07
0.075
%
distortion
2.6 Vpp
(1)
VI = voltage asserted on the ID pin. VO = voltage asserted on MIC pin. IO = current on the MIC pin.
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TSU5511


Similar Part No. - TSU5511

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSU5611 TI1-TSU5611 Datasheet
477Kb / 7P
[Old version datasheet]   DP3T SWITCH WITH IMPEDANCE DETECTION MICRO-USB SWITCH TO SUPPORT USB, UART, AUDIO, AND CHARGER DETECTION
TSU5611YZPR TI1-TSU5611YZPR Datasheet
477Kb / 7P
[Old version datasheet]   DP3T SWITCH WITH IMPEDANCE DETECTION MICRO-USB SWITCH TO SUPPORT USB, UART, AUDIO, AND CHARGER DETECTION
More results

Similar Description - TSU5511

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSU5611 TI1-TSU5611 Datasheet
477Kb / 7P
[Old version datasheet]   DP3T SWITCH WITH IMPEDANCE DETECTION MICRO-USB SWITCH TO SUPPORT USB, UART, AUDIO, AND CHARGER DETECTION
TSU6712 TI1-TSU6712 Datasheet
738Kb / 43P
[Old version datasheet]   SP4T SWITCH WITH IMPEDANCE DETECTION MICRO-USB SWITCH TO SUPPORT USB, UART, AUDIO, AND VIDEO
MAY2011
TSU6111 TI1-TSU6111 Datasheet
869Kb / 25P
[Old version datasheet]   SP2T Switch with Impedance Detection Micro-USB Switch to Support USB, UART
TSU8111 TI-TSU8111 Datasheet
184Kb / 6P
[Old version datasheet]   SINGLE CELL CHARGER AND USB SP2T SWITCH SUPPORT USB AND UART
logo
ON Semiconductor
FAN3989 ONSEMI-FAN3989 Datasheet
629Kb / 14P
   USB/Charger Detection Device with Load Switch
February 2011 Rev. 1.0.8
logo
Fairchild Semiconductor
FAN3989 FAIRCHILD-FAN3989 Datasheet
1Mb / 10P
   USB/Charger Detection Device with Load Switch
logo
Texas Instruments
BQ24157 TI-BQ24157 Datasheet
2Mb / 39P
[Old version datasheet]   Fully Integrated Switch-Mode Charger With USB Compliance and USB-OTG Support
logo
ON Semiconductor
FSA880 ONSEMI-FSA880 Datasheet
790Kb / 27P
   USB Port 2:1 Switch with Accessory and Charger Detection
August 2014 Rev. 1.0.7
logo
Fairchild Semiconductor
FSA880 FAIRCHILD-FSA880 Datasheet
1Mb / 4P
   USB Port 2:1 Switch with Accessory and Charger Detection
logo
Texas Instruments
TSU6721 TI-TSU6721 Datasheet
722Kb / 8P
[Old version datasheet]   MCPC Compatible USB Port Multimedia Switch Supports USB, UART, Audio, ID, MIC, and Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com