Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALD4706ADB Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD4706ADB
Description  DUAL ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD4706ADB Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD4706ADB Datasheet HTML 1Page - Advanced Linear Devices ALD4706ADB Datasheet HTML 2Page - Advanced Linear Devices ALD4706ADB Datasheet HTML 3Page - Advanced Linear Devices ALD4706ADB Datasheet HTML 4Page - Advanced Linear Devices ALD4706ADB Datasheet HTML 5Page - Advanced Linear Devices ALD4706ADB Datasheet HTML 6Page - Advanced Linear Devices ALD4706ADB Datasheet HTML 7Page - Advanced Linear Devices ALD4706ADB Datasheet HTML 8Page - Advanced Linear Devices ALD4706ADB Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev 2.0 ©2010 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, CA 94089-1706 Tel: (408) 747-1155 Fax: (408) 747-1286
www.aldinc.com
DUAL ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4706A/ALD4706B
ALD4706
ADVANCED
LINEAR
DEVICES, INC.
Operating Temperature Range
0°C to +70°C0°C to +70°C
-55°C to 125°C
14-Pin
14-Pin
14-Pin
Small Outline
Plastic Dip
CERDIP
Package (SOIC)
Package
Package
ALD4706ASBL
ALD4706APBL
ALD4706ADB
ALD4706BSBL
ALD4706BPBL
ALD4706BDB
ALD4706SBL
ALD4706PBL
ALD4706DB
* Contact factory for leaded (non-RoHS) or high temperature versions.
ORDERING INFORMATION (“L” suffix denotes lead-free (RoHS))
GENERAL DESCRIPTION
The ALD4706A/ALD4706B/ALD4706 is a quad monolithic CMOS ultra
micropower high slew-rate operational amplifier intended for a broad
range of analog applications using ±1V to ±5V dual power supply
systems, as well as +2V to +10V battery operated systems. All device
characteristics are specified for +5V single supply or ±2.5V dual supply
systems. Total supply current for four operational amplifiers is 200µA
maximum at 5V supply voltage. It is manufactured with Advanced Linear
Devices' enhanced ACMOS silicon gate CMOS process.
The ALD4706A/ALD4706B/ALD4706 is designed to offer a trade-off of
performance parameters providing a wide range of desired specifications.
It has been developed specifically for the +5V single supply or ±1V to
±5V dual supply user and offers the popular industry standard pin
configuration of LM324 types and ICL7641 types.
Several important characteristics of the device make application easier
to implement at these voltages. First, each operational amplifier can
operate with rail-to-rail input and output voltages. This means the signal
input voltage and output voltage can be equal to or near to the positive
and negative supply voltages. This feature allows numerous analog
serial stages and flexibility in input signal bias levels. Second, each
device was designed to accommodate mixed applications where digital
and analog circuits may operate off the same power supply or battery.
Third, the output stage can typically drive up to 25pF capacitive and
20KΩ resistive loads. These features, combined with extremely low
input currents, high open loop voltage gain of 100V/mV, useful bandwidth
of 200KHz, a slew rate of 0.17V/µs, low power dissipation of 0.5mW,
low offset voltage and temperature drift, make the ALD4706A/ALD4706B/
ALD4706 a versatile, ultra micropower quad operational amplifier.
The ALD4706A/ALD4706B/ALD4706, designed and fabricated with
silicon gate CMOS technology, offers 0.1pA typical input bias current.
Due to low voltage and low power operation, reliability and operating
characteristics, such as input bias currents and warm up time, are greatly
improved. Additionally, robust design and rigorous screening make this
device especially suitable for operation in temperature-extreme
environments and rugged conditions.
APPLICATIONS
• Voltage follower/buffer/amplifier
• Charge integrator
• Photodiode amplifier
• Data acquisition systems
• High performance portable instruments
• Signal conditioning circuits
• Sensor and transducer amplifiers
• Low leakage amplifiers
• Active filters
• Sample/Hold amplifier
• Picoammeter
• Current to voltage converter
FEATURES
• All parameters specified for + 5V single
supply or ± 2.5V dual supply systems
• Rail- to- rail input and output voltage ranges
• Unity gain stable
• Extremely low input bias currents -- 0.1pA
• High source impedance applications
• Dual power supply ±1.0V to ±5.0V
• Single power supply +2V to +10V
• High voltage gain
• Output short circuit protected
• Unity gain bandwidth of 0.2MHz
• Slew rate of 0.17V/µs
• Power dissipation of 20µA per op amp
• Symmetrical output drive
• Suitable for rugged, temperature-extreme
environments
PIN CONFIGURATION
TOP VIEW
SBL, PBL, DB PACKAGES
OUT D
-IN D
+IN D
V-
+IN C
-IN C
OUT C
OUT A
-IN A
+IN A
V+
+IN B
-IN B
OUT B
1
2
3
4
5
6
7
8
9
10
11
12
13
14


Similar Part No. - ALD4706ADB

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD4706A ALD-ALD4706A Datasheet
66Kb / 6P
   QUAD ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - ALD4706ADB

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2706 ALD-ALD2706_10 Datasheet
82Kb / 9P
   DUAL ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD1706A ALD-ALD1706A Datasheet
44Kb / 6P
   ULTRA MICROPOWER RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER
ALD1706A ALD-ALD1706A_10 Datasheet
82Kb / 9P
   ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1706A ADL-ALD1706A Datasheet
77Kb / 9P
   ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
logo
Advanced Linear Devices
ALD2701 ALD-ALD2701_10 Datasheet
84Kb / 9P
   DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2701 ALD-ALD2701 Datasheet
74Kb / 6P
   DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4706A ALD-ALD4706A Datasheet
66Kb / 6P
   QUAD ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD1701A ALD-ALD1701A_10 Datasheet
85Kb / 9P
   MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD1701A ALD-ALD1701A Datasheet
47Kb / 6P
   MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1701A ADL-ALD1701A Datasheet
80Kb / 9P
   MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com