Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALD4702 Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD4702
Description  QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD4702 Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD4702_10 Datasheet HTML 1Page - Advanced Linear Devices ALD4702_10 Datasheet HTML 2Page - Advanced Linear Devices ALD4702_10 Datasheet HTML 3Page - Advanced Linear Devices ALD4702_10 Datasheet HTML 4Page - Advanced Linear Devices ALD4702_10 Datasheet HTML 5Page - Advanced Linear Devices ALD4702_10 Datasheet HTML 6Page - Advanced Linear Devices ALD4702_10 Datasheet HTML 7Page - Advanced Linear Devices ALD4702_10 Datasheet HTML 8Page - Advanced Linear Devices ALD4702_10 Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev 2.0 ©2010 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, CA 94089-1706 Tel: (408) 747-1155 Fax: (408) 747-1286
www.aldinc.com
QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD4702A/ALD4702B
ALD4702
ADVANCED
LINEAR
DEVICES, INC.
FEATURES
• Rail-to-rail input and output voltage ranges
• Symmetrical push-pull class AB output drivers
• All parameters specified for +5V single supply
or ±2.5V dual supply systems
• Inputs can extend beyond supply rails by 300mV
• Outputs settle to 2mV of supply rails
• High load capacitance capability up to 4000pF
• No frequency compensation required --
unity gain stable
• Extremely low input bias currents --
1.0pA typical
• Ideal for high source impedance applications
• Dual power supply ±2.5V to ±5.0V operation
• Single power supply +5V to +10V operation
• High voltage gain-typically 85V/mV @ ±2.5V
and 250V/mV @ ±5.0V
• Drive as low as 2KΩ load with 5mA drive current
• Output short circuit protected
• Unity gain bandwidth of 1.5MHz
• Slew rate of 1.9V/µs
• Low power dissipation
• Suitable for rugged, temperature-extreme
environments
GENERAL DESCRIPTION
The ALD4702A/ALD4702B/ALD4702 is a quad monolithic precision
CMOS rail-to-rail operational amplifier intended for a broad range of
analog applications using ±2.5V to ±5V dual power supply systems, as
well as +4V to +10V battery operated systems. All device characteristics
are specified for +5V single supply or ±2.5V dual supply systems. Total
supply current for four operational amplifiers is 6mA maximum at 5V
supply voltage. It is manufactured with Advanced Linear Devices'
enhanced ACMOS silicon gate CMOS process.
The ALD4702A/ALD4702B/ALD4702 is designed to offer a trade-off of
performance parameters providing a wide range of desired
specifications. It has been developed specifically with the +5V single
supply or ±2.5V dual supply user andoffers the popular industry pin
configuration of LM324 and ICL7641 types.
Several important characteristics of the device make many applications
easy to implement for these supply voltages. First, the operational
amplifier can operate with rail to rail input and output voltages. This
feature allows numerous analog serial stages to be implemented
without losing operating voltage margin. Second, the device was
designed to accommodate mixed applications where digital and
analog circuits may work off the same 5V power supply. Third, the
output stage can drive up to 400pF capacitive and 5KΩ resistive loads
in non-inverting unity gain connection and double the capacitance in
the inverting unity gain mode.
These features, coupled with extremely low input currents, high
voltage gain, useful bandwidth of 1.5MHz, a slew rate of 2.1V/µs, low
power dissipation, low offset voltage and temperature drift, make the
ALD4702A/ALD4702B/ALD4702 a truly versatile, user friendly,
operational amplifier.
The ALD4702A/ALD4702B/ALD4702 is designed and fabricated with
silicon gate CMOS technology, and offers 1pA typical input bias
current. On-chip offset voltage trimming allows the device to be used
without nulling in most applications. The device offers typical offset
drift of less than 7µV/°C which eliminates many trim or temperature
compensation circuits. For precision applications, the ALD4702A/
ALD4702B/ALD4702 is designed to settle to 0.01% in 8µs. Additionally,
robust design and rigorous screening make this device especially
suitable for operation in temperature-extreme environments and rugged
conditions.
APPLICATIONS
• Voltage amplifier
• Voltage follower/buffer
• Charge integrator
• Photodiode amplifier
• Data acquisition systems
• High performance portable instruments
• Signal conditioning circuits
• Sensor and transducer amplifiers
• Low leakage amplifiers
• Active filters
• Sample/Hold amplifier
• Picoammeter
• Current to voltage convert
• Coaxial cable driver
ORDERING INFORMATION (“L” suffix denotes lead-free (RoHS))
Operating Temperature Range
0°C to +70°C0°C to +70°C
-55°C to 125°C
14-Pin
14-Pin
14-Pin
Small Outline
Plastic Dip
CERDIP
Package (SOIC)
Package
Package
ALD4702ASBL
ALD4702APBL
ALD4702ADB
ALD4702BSBL
ALD4702BPBL
ALD4702BDB
ALD4702SBL
ALD4702PBL
ALD4702DB
* Contact factory for leaded (non-RoHS) or high temperature versions.
PIN CONFIGURATION
TOP VIEW
SBL, PBL, DB PACKAGES
OUT D
-IN D
+IN D
V-
+IN C
-IN C
OUT C
OUT A
-IN A
+IN A
V+
+IN B
-IN B
OUT B
1
2
3
4
5
6
7
8
9
10
11
12
13
14


Similar Part No. - ALD4702_10

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD4702A ALD-ALD4702A Datasheet
59Kb / 6P
   QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD4702A ALD-ALD4702A Datasheet
86Kb / 9P
   QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2018
ALD4702ADB ALD-ALD4702ADB Datasheet
86Kb / 9P
   QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2018
ALD4702APBL ALD-ALD4702APBL Datasheet
86Kb / 9P
   QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2018
ALD4702ASBL ALD-ALD4702ASBL Datasheet
86Kb / 9P
   QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2018
More results

Similar Description - ALD4702_10

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD4702A ALD-ALD4702A_V01 Datasheet
86Kb / 9P
   QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2018
ALD4702 ALD-ALD4702 Datasheet
59Kb / 6P
   QUAD 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1702A ALD-ALD1702A_10 Datasheet
81Kb / 9P
   5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD1702A ALD-ALD1702A Datasheet
45Kb / 6P
   5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1702A ADL-ALD1702A Datasheet
81Kb / 9P
   5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
2010
logo
Advanced Linear Devices
ALD2702 ALD-ALD2702_10 Datasheet
80Kb / 9P
   DUAL 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
ALD2702 ALD-ALD2702 Datasheet
48Kb / 6P
   DUAL 5V RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LMP2014MT NSC-LMP2014MT_05 Datasheet
978Kb / 14P
   Quad High Precision, Rail-to-Rail Output Operational Amplifier
logo
Texas Instruments
LMP2014MT TI1-LMP2014MT Datasheet
1Mb / 21P
[Old version datasheet]   Quad High Precision, Rail-to-Rail Output Operational Amplifier
logo
SG Micro Corp
SGM8584 SGMICRO-SGM8584 Datasheet
423Kb / 12P
   Quad Rail-to-Rail I/O Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com