Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALD4303DB Datasheet(PDF) 7 Page - Advanced Linear Devices

Part # ALD4303DB
Description  QUAD PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD4303DB Datasheet(HTML) 7 Page - Advanced Linear Devices

  ALD4303DB Datasheet HTML 1Page - Advanced Linear Devices ALD4303DB Datasheet HTML 2Page - Advanced Linear Devices ALD4303DB Datasheet HTML 3Page - Advanced Linear Devices ALD4303DB Datasheet HTML 4Page - Advanced Linear Devices ALD4303DB Datasheet HTML 5Page - Advanced Linear Devices ALD4303DB Datasheet HTML 6Page - Advanced Linear Devices ALD4303DB Datasheet HTML 7Page - Advanced Linear Devices ALD4303DB Datasheet HTML 8Page - Advanced Linear Devices ALD4303DB Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ALD4303A/ALD4303
Advanced Linear Devices
7 of 9
Millimeters
Inches
Min
Max
Min
Max
Dim
A
A1
b
C
D-14
E
e
H
L
S
1.75
0.25
0.45
0.25
8.75
4.05
6.30
0.937
0.50
0.053
0.004
0.014
0.007
0.336
0.140
0.224
0.024
0.010
0.069
0.010
0.018
0.010
0.345
0.160
0.248
0.037
0.020
1.27 BSC
0.050 BSC
1.35
0.10
0.35
0.18
8.55
3.50
5.70
0.60
0.25
ø
14 Pin Plastic SOIC Package
SOIC-14 PACKAGE DRAWING
E
D
e
A
A1
b
S (45°)
L
C
H
S (45°)
ø


Similar Part No. - ALD4303DB

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD4303DB ALD-ALD4303DB Datasheet
59Kb / 6P
   QUAD PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
More results

Similar Description - ALD4303DB

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD4303 ALD-ALD4303 Datasheet
59Kb / 6P
   QUAD PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2303A ALD-ALD2303A Datasheet
65Kb / 6P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2303 ALD-ALD2303_10 Datasheet
82Kb / 9P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2303A ALD-ALD2303A_07 Datasheet
68Kb / 6P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD4302A ALD-ALD4302A Datasheet
57Kb / 6P
   QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD4301 ALD-ALD4301 Datasheet
82Kb / 9P
   QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH OPEN DRAIN DRIVER
ALD4302A ALD-ALD4302A_05 Datasheet
47Kb / 6P
   QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD4302 ALD-ALD4302_10 Datasheet
78Kb / 9P
   QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2302A ALD-ALD2302A_07 Datasheet
59Kb / 6P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2332 ALD-ALD2332 Datasheet
90Kb / 11P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com