Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALD4303DB Datasheet(PDF) 4 Page - Advanced Linear Devices

Part # ALD4303DB
Description  QUAD PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD4303DB Datasheet(HTML) 4 Page - Advanced Linear Devices

  ALD4303DB Datasheet HTML 1Page - Advanced Linear Devices ALD4303DB Datasheet HTML 2Page - Advanced Linear Devices ALD4303DB Datasheet HTML 3Page - Advanced Linear Devices ALD4303DB Datasheet HTML 4Page - Advanced Linear Devices ALD4303DB Datasheet HTML 5Page - Advanced Linear Devices ALD4303DB Datasheet HTML 6Page - Advanced Linear Devices ALD4303DB Datasheet HTML 7Page - Advanced Linear Devices ALD4303DB Datasheet HTML 8Page - Advanced Linear Devices ALD4303DB Datasheet HTML 9Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ALD4303A/ALD4303
Advanced Linear Devices
4 of 9
6
8
10
12
4
2
SUPPLY VOLTAGE (V)
OUTPUT LOW VOLTAGE
vs. SUPPLY VOLTAGE
TA = 25°C
IOL= 12mA
0.0
0.2
0.4
0.5
0.6
0.1
0.3
0
-2
-4
-6
2
6
8
10
12
4
2
SUPPLY VOLTAGE (V)
6
4
INPUT OFFSET VOLTAGE vs. SUPPLY
VOLTAGE REPRESENTATIVE SAMPLES
TA = 25°C
SAMPLES
RESPONSE TIME FOR
REPRESENTATIVE SAMPLES
5
10
0
50
100
150
200
VS = ±2.5V
TA = 25°C
tdLH
SAMPLES
RESPONSE TIME FOR
REPRESENTATIVE SAMPLES
5
10
0
50
100
150
200
VS = ±2.5V
TA = 25°C
tdHL
10
1
100
6.0
8.0
10.0
12.0
4.0
2.0
SUPPLY VOLTAGE (V)
TA = 25°C
RL =
-
+
V+
TOTAL SUPPLY CURRENT vs.
TOTAL SUPPLY VOLTAGE
NORMALIZED INPUT OFFSET VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
+3
+2
+1
0
-1
-2
-3
-55
-25
0
25
50
125
100
75
VCM = 0V
VS = ±2.5V
TYPICAL PERFORMANCE CHARACTERISTICS (cont'd)


Similar Part No. - ALD4303DB

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD4303DB ALD-ALD4303DB Datasheet
59Kb / 6P
   QUAD PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
More results

Similar Description - ALD4303DB

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD4303 ALD-ALD4303 Datasheet
59Kb / 6P
   QUAD PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2303A ALD-ALD2303A Datasheet
65Kb / 6P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2303 ALD-ALD2303_10 Datasheet
82Kb / 9P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD2303A ALD-ALD2303A_07 Datasheet
68Kb / 6P
   DUAL PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER
ALD4302A ALD-ALD4302A Datasheet
57Kb / 6P
   QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD4301 ALD-ALD4301 Datasheet
82Kb / 9P
   QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH OPEN DRAIN DRIVER
ALD4302A ALD-ALD4302A_05 Datasheet
47Kb / 6P
   QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD4302 ALD-ALD4302_10 Datasheet
78Kb / 9P
   QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2302A ALD-ALD2302A_07 Datasheet
59Kb / 6P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2332 ALD-ALD2332 Datasheet
90Kb / 11P
   DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com