Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

313955 Datasheet(PDF) 10 Page - Intel Corporation

Part # 313955
Description  Intel짰 3000 and 3010 Chipset Memory Controller Hub (MCH)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

313955 Datasheet(HTML) 10 Page - Intel Corporation

Back Button 313955 Datasheet HTML 6Page - Intel Corporation 313955 Datasheet HTML 7Page - Intel Corporation 313955 Datasheet HTML 8Page - Intel Corporation 313955 Datasheet HTML 9Page - Intel Corporation 313955 Datasheet HTML 10Page - Intel Corporation 313955 Datasheet HTML 11Page - Intel Corporation 313955 Datasheet HTML 12Page - Intel Corporation 313955 Datasheet HTML 13Page - Intel Corporation 313955 Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Packaging Technology
10
Intel® 3000 and 3010 Chipset Memory Controller Hub (MCH) Thermal/Mechanical Guide
Notes:
1.
All dimensions are in millimeters.
2.
All dimensions and tolerances conform to ANSI Y14.5M-1994.
Figure 2-2.
MCH Package Dimensions (Side View)
Figure 2-3.
MCH Package Dimensions (Bottom View)
Notes:
1. Primary datum -C- and seating plan are defined by the spherical crowns of the solder balls (shown before motherboard attach)
2. All dimensions and tolerances conform to ANSI Y14.5M-1994
3. BGA has a pre-SMT height of 0.5mm and post-SMT height of 0.41-0.46mm
4. Shown before motherboard attach; FCBGA has a convex (dome shaped) orientation before reflow and is expected to have a slightly concave
(bowl shaped) orientation after reflow
0.20
–C–
Die
Substrate
0.435 ± 0.025 mm
See note 3
Seating Plane
1.92 ± 0.078 mm
See note 1.
Decoup
Cap
0.7 mm Max
2.355 ± 0.082 mm
0.84 ± 0.05 mm
0.20 See note 4.


Similar Part No. - 313955

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
313953-001 INTEL-313953-001 Datasheet
144Kb / 16P
   Intel짰 3000 and 3010 Chipset Memory Controller Hub (MCH)
313953-002 INTEL-313953-002 Datasheet
3Mb / 218P
   Intel짰 3000 and 3010 Chipset Memory Controller Hub (MCH)
More results

Similar Description - 313955

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
313953-002 INTEL-313953-002 Datasheet
3Mb / 218P
   Intel짰 3000 and 3010 Chipset Memory Controller Hub (MCH)
313953-001 INTEL-313953-001 Datasheet
144Kb / 16P
   Intel짰 3000 and 3010 Chipset Memory Controller Hub (MCH)
E7500 INTEL-E7500 Datasheet
70Kb / 15P
   Intel짰 E7500 Chipset Memory Controller Hub (MCH)
RG82845SL5YQ INTEL-RG82845SL5YQ Datasheet
1Mb / 148P
   Intel짰 845 Chipset: 82845 Memory Controller Hub (MCH) for SDR
E7320 INTEL-E7320 Datasheet
170Kb / 22P
   Intel짰 E7320 Memory Controller Hub (MCH)
QGE7520MC-SL8EE INTEL-QGE7520MC-SL8EE Datasheet
2Mb / 282P
   Intel짰 E7520 Memory Controller Hub (MCH)
QG5000XSL9TH INTEL-QG5000XSL9TH Datasheet
3Mb / 458P
   Intel 5000X Chipset Memory Controller Hub (MCH)
298020-002 INTEL-298020-002 Datasheet
848Kb / 166P
   Intel 840 Chipset 82840 Memory Controller Hub (MCH)
290725-002 INTEL-290725-002 Datasheet
1Mb / 148P
   Intel 845 Chipset: 82845 Memory Controller Hub (MCH) for SDR
82845PE INTEL-82845PE Datasheet
2Mb / 176P
   82845GE Graphics and Memory Controller Hub (GMCH) and 82845PE Memory Controller Hub (MCH)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com