Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

60AD00-8-040S Datasheet(PDF) 2 Page - Grayhill, Inc

Part # 60AD00-8-040S
Description  Optical Encoder with integrated Joystick and Pushbutton
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

60AD00-8-040S Datasheet(HTML) 2 Page - Grayhill, Inc

  60AD00-8-040S Datasheet HTML 1Page - Grayhill, Inc 60AD00-8-040S Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Optical Encoders
JOYSTiCK OPerATiON + eNCODer WAVeFOrM AND TrUTH TABLe Standard Quadrature 2-Bit Code
NEUTRAL
NEUTRAL
NEUTRAL
NEUTRAL
NEUTRAL
NEUTRAL
SPeCiFiCATiONS
rotary Specifications
Operating Voltage: 5.00 ± 0.25 Vdc
Supply Current: 20mA max at 5 Vdc
Minimum Sink Current: 2.0mA at 5 Vdc
Power Consumption: 0.1mW max at 5 Vdc
Output: Open collector phototransistor,
2.2k W external pull-up resistors are required
Output Code: 2-Bit quadrature, channel A
leads channel B by 90° in clockwise rotation
Logic Output Characteristics:
High: No less than 3.5 Vdc
Low: No greater than 1.0 Vdc
Mechanical Life: 1 million rotational cycles
(through all positions and a full return)
rotational Torque: see table
Maximum rotational Speed: 100 RPM
Mounting Torque: 15 in-lbs. maximum
Shaft Push/Pull Out Force: 45 lbs min.
Shaft Side-Load Force: 20 lbs. min.
Terminal Strength: 15 lbs pull-out force min.
Pushbutton Specifications
rating: 10 mA at 5 Vdc resistive
Contact resistance: less than 10 ohms
Contact Bounce: < 4ms make, <10 ms break
Mechanical Life: 1 million actuations min.
Actuation Force: see table
Pushbutton Travel: .027 ± .010 in.
Joystick Specifications
Supply Current: 5mA max
Output Code: 2-Bit
Logic Output Characteristics:
Neutral Position: 2.5 ± 0.5 Vdc
High-State Position: >4.5 Vdc
Low-State Position: <0.5 Vdc
Mechanical Life: 500k cycles min.
Actuation Force: see table
Angle of Throw: 3.5° +2°/-1°
environmental ratings
Operating Temp. range: -40°C to 85°C
Storage Temp. range: -55°C to 100°C
relative Humidity: 96 hours at 90-95%
humidity at 40°C
Vibration: Harmonic motion with amplitude of
15g, within 10 to 2000 Hz for 12 hours
Mechanical Shock:
Test 1: 100g for 6ms half-sine wave with a
velocity change of 12.3 ft/s
Test 2: 100g for 6ms sawtooth wave with a
velocity change of 9.7 ft/s
Materials and Finishes
Detent Housing: Nylon 6/10
Shaft: Nylon 6/10
Shaft insert: 303 stainless steel
Joystick Housing: Nylon 6,10
Centering Plate: Nylon 6,10
Detent Balls: Carbon steel
Detent Springs: Music wire
Dome Contacts: Stainless steel
Dome Housings: Polycarbonate over brass-
lead frame
Dome retainers: Nylon 6,0; 30% glass-filled
Joystick Actuators: Polyphthalamide; 50%
glass filled
Pushbutton Dome retainer: Polycarbonate
Printed Circuit Board: NEMA grade FR-4.
Glass-cloth epoxy, double clad with copper
infrared emitter: Gallium arsenide
Phototransistor: Planar silicon
resistors: Metal oxide on ceramic substrate
Solder: 95.5% SN, 3% AG, 0.5% CU
OPTiONS
Contact Grayhill for custom terminations,
rotational torque, number of positions, shaft
configurations, and resolutions.


Similar Part No. - 60AD00-8-040S

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
60AD18-4-M-060S GRAYHILL-60AD18-4-M-060S_13 Datasheet
1Mb / 2P
   Optical Encoder with integrated Joystick and Pushbutton
More results

Similar Description - 60AD00-8-040S

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
60AD18-4-M-060S GRAYHILL-60AD18-4-M-060S_13 Datasheet
1Mb / 2P
   Optical Encoder with integrated Joystick and Pushbutton
60AR18-4-060S GRAYHILL-60AR18-4-060S Datasheet
312Kb / 2P
   Three-in-One Joystick, Optical Encoder and Pushbutton
60C22-M7-4-060S GRAYHILL-60C22-M7-4-060S Datasheet
557Kb / 3P
   Three-in-One Joystick, Optical Encoder and Pushbutton
logo
Copal Electronics
CJ25 COPAL-CJ25 Datasheet
98Kb / 3P
   JOYSTICK ENCODER
CJ25-WH COPAL-CJ25-WH Datasheet
115Kb / 3P
   JOYSTICK ENCODER
logo
C&K Components
ENC CK-COMPONENTS-ENC Datasheet
398Kb / 4P
   Optical Encoder
13 Sep 22
logo
Holtek Semiconductor In...
HT82J97E HOLTEK-HT82J97E_08 Datasheet
305Kb / 44P
   USB Joystick Encoder 8-Bit MCU
logo
Lin Eng. Inc.
E8T LINENGINEERING-E8T Datasheet
453Kb / 4P
   OPTICAL ENCODER
E4T LINENGINEERING-E4T Datasheet
365Kb / 5P
   OPTICAL ENCODER
logo
Analog Devices
AD1970 AD-AD1970_15 Datasheet
450Kb / 20P
   Digital BTSC Encoder with Integrated ADC and DAC
REV. 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com