Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALD2726EPB Datasheet(PDF) 4 Page - Advanced Linear Devices

Part # ALD2726EPB
Description  DUAL EPAD짰 ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2726EPB Datasheet(HTML) 4 Page - Advanced Linear Devices

  ALD2726EPB Datasheet HTML 1Page - Advanced Linear Devices ALD2726EPB Datasheet HTML 2Page - Advanced Linear Devices ALD2726EPB Datasheet HTML 3Page - Advanced Linear Devices ALD2726EPB Datasheet HTML 4Page - Advanced Linear Devices ALD2726EPB Datasheet HTML 5Page - Advanced Linear Devices ALD2726EPB Datasheet HTML 6Page - Advanced Linear Devices ALD2726EPB Datasheet HTML 7Page - Advanced Linear Devices ALD2726EPB Datasheet HTML 8Page - Advanced Linear Devices ALD2726EPB Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ALD2726E/ALD2726
Advanced Linear Devices
4 of 13
OPERATING ELECTRICAL CHARACTERISTICS (cont'd)
2726E
2726
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Supply Current
IS
50
80
50
80
µAVIN = 0V
No Load
Power Dissipation
PD
400
400
mW
VS = ±2.5V
Input Capacitance
CIN
11
pF
Maximum Load Capacitance
CL
25
25
pF
Equivalent Input Noise Voltage
en
55
55
nV/
√Hz
f = 1KHz
Equivalent Input Noise Current
in
0.6
0.6
fA/
√Hz
f =10Hz
Bandwidth
BW
200
200
KHz
Slew Rate
SR
0.1
0.1
V/
µsAV = +1
RL = 100KΩ
Rise time
tr
1.0
1.0
µsRL = 100KΩ
Overshoot Factor
20
20
%
RL=100KΩ
CL=50pF
Settling Time
tS
10
10
µs
0.1% AV = -1
RL= 100KΩ
CL = 50pF
Channel Separation
CS
140
140
dB
AV =100
* NOTES 1 through 9, see section titled "Definitions and Design Notes".
2726E
2726
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Average Long Term Input Offset
∆ VOS
0.02
0.02
µV/
Voltage Stability 9
∆ time
1000 hrs
Initial VE Voltage
VE1 i, VE2 i
1.5
1.8
V
Programmable Change of
∆VE1, ∆VE2
0.5
1.0
0.5
V
VE Range
Programmed VE Voltage Error
e(VE1-VE2)
0.1
0.1
%
VE Pin Leakage Current
ieb
-5
-5
µA
TA = 25
oC VS = ±2.5V unless otherwise specified
TA = 25
oC VS = ±2.5V unless otherwise specified


Similar Part No. - ALD2726EPB

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2726EPB ALD-ALD2726EPB Datasheet
58Kb / 10P
   DUAL EPAD TM ULTRA MICROPOWER OPERATIONAL AMPLIFIER
ALD2726EPB ALD-ALD2726EPB Datasheet
18Kb / 2P
   EPAD짰 PRODUCT SELECTION GUIDE
More results

Similar Description - ALD2726EPB

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1726E ALD-ALD1726E_11 Datasheet
108Kb / 13P
   EPAD짰 ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD2721 ALD-ALD2721_11 Datasheet
111Kb / 13P
   DUAL EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER
ALD1721E ALD-ALD1721E_11 Datasheet
108Kb / 13P
   EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1721E ADL-ALD1721E Datasheet
108Kb / 13P
   EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER
2011
logo
Advanced Linear Devices
ALD2722 ALD-ALD2722_11 Datasheet
110Kb / 13P
   DUAL EPAD짰 LOW POWER CMOS OPERATIONAL AMPLIFIER
ALD2736A ALD-ALD2736A Datasheet
92Kb / 9P
   PRECISION DUAL ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6042 TI1-LMC6042_17 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS Dual Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6042 NSC-LMC6042 Datasheet
401Kb / 13P
   CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6042 TI1-LMC6042 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD1726 ALD-ALD1726 Datasheet
104Kb / 9P
   PRECISION ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com