Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54380QPWPRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS54380QPWPRQ1
Description  3-V TO 6-V INPUT, 3-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT田? FOR SEQUENCING
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54380QPWPRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS54380QPWPRQ1 Datasheet HTML 1Page - Texas Instruments TPS54380QPWPRQ1 Datasheet HTML 2Page - Texas Instruments TPS54380QPWPRQ1 Datasheet HTML 3Page - Texas Instruments TPS54380QPWPRQ1 Datasheet HTML 4Page - Texas Instruments TPS54380QPWPRQ1 Datasheet HTML 5Page - Texas Instruments TPS54380QPWPRQ1 Datasheet HTML 6Page - Texas Instruments TPS54380QPWPRQ1 Datasheet HTML 7Page - Texas Instruments TPS54380QPWPRQ1 Datasheet HTML 8Page - Texas Instruments TPS54380QPWPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TPS54380-Q1
SLVS836 − JUNE 2008
3-V TO 6-V INPUT, 3-A OUTPUT TRACKING SYNCHRONOUS BUCK
PWM SWITCHER WITH INTEGRATED FETs (SWIFT
) FOR SEQUENCING
6,4 mm X 6,6 mm
Typical Size
FEATURES
D Qualified for Automotive Applications
D Power-Up/Down Tracking for Sequencing
D 60-mΩ MOSFET Switches for High Efficiency
at 3-A Continuous Output Source or Sink
Current
D Wide PWM Frequency:
Fixed 350 kHz or Adjustable 280 kHz to
700 kHz
D Power Good and Enable
D Load Protected by Peak Current Limit and
Thermal Shutdown
D Integrated Solution Reduces Board Area and
Component Count
APPLICATIONS
D Low-Voltage, High-Density Distributed Power
Systems
D Point of Load Regulation for
High-Performance DSPs, FPGAs, ASICs, and
Microprocessors Requiring Sequencing
D Broadband, Networking, and Optical
Communications Infrastructure
DESCRIPTION
As a member of the SWIFT
 family of dc/dc regulators,
the TPS54380 low-input voltage, high-output current,
synchronous buck PWM converter integrates all
required active components. Using the TRACKIN pin
with other regulators, simultaneous power up and down
are easily implemented. Included on the substrate with
the listed features are a true, high-performance, voltage
error amplifier that enables maximum performance and
flexibility in choosing the output filter L and C
components; an undervoltage-lockout circuit to prevent
start-up until the input voltage reaches 3 V; an internally
or externally set slow-start circuit to limit inrush
currents;
and
a
power-good
output
useful
for
processor/logic reset.
The TPS54380 is available in a thermally enhanced
20-pin TSSOP (PWP) PowerPAD
 package, which
eliminates bulky heatsinks. TI provides evaluation
modules and the SWIFT
 designer software tool to aid
in quickly achieving high-performance power supply
designs to meet aggressive equipment development
cycles.
SIMPLIFIED SCHEMATIC
VIN
PH
BOOT
PGND
VSENSE
Core Supply
COMP
AGND
VBIAS
Input
TPS54380
TRACKIN
I/O Supply
VI/O = 3.3 V
Vcore = 1.8 V
RL = 1 Ω
START-UP WAVEFORM
1 ms/div
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
PowerPAD and SWIFT are trademarks of Texas Instruments.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2008, Texas Instruments Incorporated


Similar Part No. - TPS54380QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54380 TI-TPS54380 Datasheet
250Kb / 15P
[Old version datasheet]   3-V TO 6-V INPUT 3-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS FOR SEQUENCING
TPS54380 TI-TPS54380 Datasheet
1Mb / 17P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT CONVERTER
TPS54380 TI-TPS54380 Datasheet
690Kb / 21P
[Old version datasheet]   1.6 MHz, 3-V TO 6-V INPUT, 3-A SYNCHRONOUS STEP-DOWN SWIFT??CONVERTER WITH DISABLED SINKING DURING START-UP
TPS54380 TI-TPS54380 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
TPS54380 TI-TPS54380 Datasheet
783Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT) FOR SEQUENCING
More results

Similar Description - TPS54380QPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54380-Q1 TI-TPS54380-Q1_15 Datasheet
882Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT田? FOR SEQUENCING
TPS54380PWPG4 TI-TPS54380PWPG4 Datasheet
783Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT) FOR SEQUENCING
TPS54680-EP TI1-TPS54680-EP Datasheet
796Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT??FOR SEQUENCING
TPS54680-Q1 TI1-TPS54680-Q1 Datasheet
288Kb / 19P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT?? FOR SEQUENCING
TPS54680 TI-TPS54680 Datasheet
228Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT) FOR SEQUENCING
TPS54680-EP TI-TPS54680-EP_15 Datasheet
1Mb / 25P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT?? FOR SEQUENCING
TPS54680 TI-TPS54680_15 Datasheet
809Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT?? FOR SEQUENCING
TPS54310-Q1 TI-TPS54310-Q1_15 Datasheet
409Kb / 19P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT田?
TPS54312-Q1 TI1-TPS54312-Q1 Datasheet
385Kb / 20P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT田?
TPS54380 TI-TPS54380 Datasheet
250Kb / 15P
[Old version datasheet]   3-V TO 6-V INPUT 3-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS FOR SEQUENCING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com