Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54312-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS54312-Q1
Description  3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT田?
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54312-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  TPS54312-Q1 Datasheet HTML 1Page - Texas Instruments TPS54312-Q1 Datasheet HTML 2Page - Texas Instruments TPS54312-Q1 Datasheet HTML 3Page - Texas Instruments TPS54312-Q1 Datasheet HTML 4Page - Texas Instruments TPS54312-Q1 Datasheet HTML 5Page - Texas Instruments TPS54312-Q1 Datasheet HTML 6Page - Texas Instruments TPS54312-Q1 Datasheet HTML 7Page - Texas Instruments TPS54312-Q1 Datasheet HTML 8Page - Texas Instruments TPS54312-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TPS54311-Q1, TPS54312-Q1
TPS54313-Q1, TPS54314-Q1
TPS54315-Q1, TPS54316-Q1
SGLS242G − OCTOBER 2004 − REVISED SEPTEMBER 2008
www.ti.com
2
80
82
84
86
88
90
92
94
96
0
0.5
1
1.5
2
2.5
3
Load Current − A
TA = 25°C
VI = 5 V
VO = 3.3 V
EFFICIENCY
vs
LOAD CURRENT
VIN
PH
TPS54316
BOOT
PGND
VSENSE
GND
VBIAS
Input
Output
Simplified Schematic
ORDERING INFORMATION(1)
TJ
OUTPUT
VOLTAGE
PACKAGED DEVICES
PLASTIC HTSSOP (PWP)(2)
TJ
OUTPUT
VOLTAGE
PACKAGED DEVICES
PLASTIC HTSSOP (PWP)(2)
0.9 V
TPS54311QPWPRQ1(3)
1.8 V
TPS54314QPWPRQ1(3)
−40
°C to 125°C
1.2 V
TPS54312QPWPRQ1
−40
°C to 125°C
2.5 V
TPS54315QPWPRQ1
40 C to 125 C
1.5 V
TPS54313QPWPRQ1(3)
40 C to 125 C
3.3 V
TPS54316QPWPRQ1(3)
(1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site
at www.ti.com.
(2) The PWP package is taped and reeled as indicated by the R suffix. See application section of data sheet for PowerPAD drawing and layout
information.
(3) Product Preview
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
VIN, SS/ENA, FSEL
−0.3 V to 7 V
Input voltage range V
RT
−0.3 V to 6 V
Input voltage range, VI
VSENSE
−0.3 V to 4 V
BOOT
−0.3 V to 17 V
Output voltage range V
VBIAS, PWRGD, COMP
−0.3 V to 7 V
Output voltage range, VO
PH
−0.6 V to 10 V
Source current I
PH
Internally Limited
Source current, IO
COMP, VBIAS
6 mA
PH
6 A
Sink current
COMP
6 mA
Sink current
SS/ENA,PWRGD
10 mA
Voltage differential
AGND to PGND
±0.3 V
Operating virtual junction temperature range, TJ
−40
°C to 150°C
Storage temperature, Tstg
−65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Input voltage range, VI
3
6
V
Operating junction temperature, TJ
−40
125
°C


Similar Part No. - TPS54312-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54312-Q1 TI1-TPS54312-Q1 Datasheet
411Kb / 20P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs
More results

Similar Description - TPS54312-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54310-Q1 TI-TPS54310-Q1_15 Datasheet
409Kb / 19P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT田?
TPS54110-Q1 TI-TPS54110-Q1_15 Datasheet
981Kb / 27P
[Old version datasheet]   3-V TO 6-V INPUT, 1.5-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT田?
TPS54110-Q1 TI1-TPS54110-Q1 Datasheet
530Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 1.5-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT田?
TPS54310-EP TI1-TPS54310-EP_16 Datasheet
743Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT, SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54310PWPRG4 TI-TPS54310PWPRG4 Datasheet
739Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310 TI-TPS54310_15 Datasheet
1Mb / 28P
[Old version datasheet]   3-V to 6-V Input, 3-A Output Synchronous-Buck PWM Switcher With Integrated FETs (SWIFT??
TPS54314PWPR TI-TPS54314PWPR Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54311-EP TI1-TPS54311-EP Datasheet
731Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54310-EP TI-TPS54310-EP Datasheet
751Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT,SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT??
TPS54314PWPR TI1-TPS54314PWPR Datasheet
747Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 3-A OUTPUT SYNCHRONOUS-BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com