Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H4CPC0TCS Datasheet(PDF) 1 Page - Amphenol Corporation

Part # H4CPC0TCS
Description  Helios H4
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

H4CPC0TCS Datasheet(HTML) 1 Page - Amphenol Corporation

  H4CPC0TCS Datasheet HTML 1Page - Amphenol Corporation H4CPC0TCS Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Operations (AIO) offers products and solutions for
all segments of the solar electric system. AIO understands the
need for efficient (low loss) power transfer, highly reliable, and
cost effective solutions that are required to be competitive in
this industry. We can provide panel manufacturers, installers,
and OEM's with connectivity products for both thin film and
crystalline silicon technologies. Amphenol® has a broad range
of technologies to help minimize the cost of inverters and
power conditioners. Amphenol® Industrial can help you power
the planet with the sun. The Helios H4 connector is just one
of the solar connector solutions Amphenol® Industrial has to
offer.
Helios H4
Amphenol
www.amphenol-industrial.com
H4 Features:
• UL, TÜV, and CSA approved
• Fully intermateable with industry standard
• Meets all new NEC 2008 requirements
• Quick and easy secure snap lock mating
• Simple unlocking tool meets NEC requirements
• Long-term UV and Ozone resistance
• Highest current rating in industry
• RoHS compliant
• Complete Cable Assemblies available
• Low contact resistance means low loss
• Ready for field assembly
®
IDS-17-7


Similar Part No. - H4CPC0TCS

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
H4C1 MCC-H4C1 Datasheet
108Kb / 4P
   500 mW Zener Diode 1.7 to 37.2 Volts
H4C2 MCC-H4C2 Datasheet
108Kb / 4P
   500 mW Zener Diode 1.7 to 37.2 Volts
H4C3 MCC-H4C3 Datasheet
108Kb / 4P
   500 mW Zener Diode 1.7 to 37.2 Volts
logo
List of Unclassifed Man...
H4C32C ETC2-H4C32C Datasheet
46Kb / 1P
   UM-1, UM-4, UM-5 Microprocessor Crystal
H4C32C1 ETC2-H4C32C1 Datasheet
46Kb / 1P
   UM-1, UM-4, UM-5 Microprocessor Crystal
More results

Similar Description - H4CPC0TCS

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
H3CFC2DI AMPHENOL-H3CFC2DI Datasheet
318Kb / 2P
   HELIOS H4 Amphenol solar connector
H4CFM6DI AMPHENOL-H4CFM6DI Datasheet
1Mb / 2P
   H4 PV Panel Connector
logo
Amphenol Industrial Pro...
IDS-39-6 AIO-IDS-39-6 Datasheet
806Kb / 2P
   H4 PV Panel Mount Connector
logo
Tyco Electronics
1879635 MACOM-1879635 Datasheet
63Kb / 1P
   AXIAL LEADED PRECISION RESISTORS SERIES HOLCO H4
logo
Huber+Suhner, Inc.
11_H4-50-3-10133_N HUBERSUHNER-11_H4-50-3-10133_N Datasheet
131Kb / 2P
   COAXIAL CONNECTOR, H4, 50 Ohm, Straight cable plug (male)
logo
OSRAM GmbH
64150SV255W12 OSRAM-64150SV255W12 Datasheet
128Kb / 4P
   Modern design with a silver cap (H4/H7)
64150ULT-01B55 OSRAM-64150ULT-01B55 Datasheet
149Kb / 5P
   Modern design with a silver cap (H4/H7)
logo
Huber+Suhner, Inc.
22_H4-50-0-1133_U HUBERSUHNER-22_H4-50-0-1133_U Datasheet
856Kb / 2P
   COAXIAL CONNECTOR, H4, 50 Ohm, Straight bulkhead receptacle, jack (female)
22_H4-50-0-15100_N HUBERSUHNER-22_H4-50-0-15100_N Datasheet
175Kb / 2P
   COAXIAL CONNECTOR, H4, 50 Ohm, Straight bulkhead receptacle, jack (female)
logo
Sanken electric
SJPE-H4VR SANKEN-SJPE-H4VR Datasheet
196Kb / 5P
   The present specifications shall apply to an SJPE-H4.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com