Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS9111 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS9111
Description  CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS9111 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS9111 Datasheet HTML 3Page - Texas Instruments TPS9111 Datasheet HTML 4Page - Texas Instruments TPS9111 Datasheet HTML 5Page - Texas Instruments TPS9111 Datasheet HTML 6Page - Texas Instruments TPS9111 Datasheet HTML 7Page - Texas Instruments TPS9111 Datasheet HTML 8Page - Texas Instruments TPS9111 Datasheet HTML 9Page - Texas Instruments TPS9111 Datasheet HTML 10Page - Texas Instruments TPS9111 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
TPS9111
CELLULAR SUBSCRIBER TERMINAL
POWER SUPPLY
SLVS134A – NOVEMBER 1996 – REVISED APRIL 1998
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DISSIPATION RATING TABLE 1 – Free-Air Temperature
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
PW
700 mW
5.6 mW/
°C
448 mW
364 mW
DISSIPATION RATING TABLE 2 – Case Temperature
PACKAGE
TC ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TC = 25°C
TC = 70°C
POWER RATING
TC= 85°C
POWER RATING
PW
4025 mW
32.2 mW/
°C
2576 mW
2093 mW
400
200
0
25
50
75
100
800
600
1000
MAXIMUM CONTINUOUS POWER DISSIPATION
vs
FREE-AIR TEMPERATURE
125
150
TA – Free-Air Temperature – °C
R
θJA = 178°C/W
Figure 2
Figure 3
2000
1000
0
25
50
75
100
4000
3000
5000
MAXIMUM CONTINUOUS POWER DISSIPATION
vs
CASE TEMPERATURE
125
150
TC – Case Temperature – °C
R
θJC = 57°C/W
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†‡
Supply voltage range, VCC, VCP
– 0.3 V to 12 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range at OFF
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range at PL, PA, PB, EN, EN_A, EN_B,
ON, ON_REM, EN_CP
– 0.3 V to VCC
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See dissipation rating tables
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak output current
Internally limited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
‡ All voltages are with respect to GND.


Similar Part No. - TPS9111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS9110 TI1-TPS9110 Datasheet
385Kb / 23P
[Old version datasheet]   CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY
TPS9110IPW TI1-TPS9110IPW Datasheet
385Kb / 23P
[Old version datasheet]   CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY
TPS9110IPWLE TI1-TPS9110IPWLE Datasheet
385Kb / 23P
[Old version datasheet]   CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY
TPS9110IPWR TI1-TPS9110IPWR Datasheet
385Kb / 23P
[Old version datasheet]   CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY
More results

Similar Description - TPS9111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS9110 TI1-TPS9110 Datasheet
385Kb / 23P
[Old version datasheet]   CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY
TPS9104 TI1-TPS9104_05 Datasheet
584Kb / 34P
[Old version datasheet]   CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY/AUDIO SYSTEM
TPS9104 TI-TPS9104 Datasheet
557Kb / 33P
[Old version datasheet]   CELLULAR SUBSCRIBER TERMINAL POWER SUPPLY/AUDIO SYSTEM
logo
ON Semiconductor
MC33170 ONSEMI-MC33170 Datasheet
231Kb / 16P
   RF Amplifier Companion Chip for Dual-Band Cellular Subscriber Terminal
May, 2001 ??Rev. 1
logo
Maxim Integrated Produc...
MAX2251 MAXIM-MAX2251 Datasheet
193Kb / 10P
   2.8V, Single-Supply, Cellular-Band Linear Power Amplifier
Rev 2; 2/03
MAX2267 MAXIM-MAX2267 Datasheet
186Kb / 16P
   2.7V, Single-Supply, Cellular-Band Linear Power Amplifiers
19-1567; Rev 0; 1/00
MAX2264 MAXIM-MAX2264 Datasheet
183Kb / 16P
   2.7V, Single-Supply, Cellular-Band Linear Power Amplifiers
19-1524; Rev 2; 11/99
logo
Intersil Corporation
CD22204 INTERSIL-CD22204 Datasheet
44Kb / 5P
   5V Low Power Subscriber DTMF Receiver
February 1999
logo
List of Unclassifed Man...
75T204 ETC-75T204 Datasheet
63Kb / 9P
   5V Low-Power Subscriber DTMF Receiver
logo
Bourns Electronic Solut...
85122 BOURNS-85122 Datasheet
301Kb / 1P
   Subscriber Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com