Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCS-DL004-750-WH Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # TCS-DL004-750-WH
Description  TCS??Dual Transient Current Suppressors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TCS-DL004-750-WH Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  TCS-DL004-750-WH Datasheet HTML 1Page - Bourns Electronic Solutions TCS-DL004-750-WH Datasheet HTML 2Page - Bourns Electronic Solutions TCS-DL004-750-WH Datasheet HTML 3Page - Bourns Electronic Solutions TCS-DL004-750-WH Datasheet HTML 4Page - Bourns Electronic Solutions TCS-DL004-750-WH Datasheet HTML 5Page - Bourns Electronic Solutions TCS-DL004-750-WH Datasheet HTML 6Page - Bourns Electronic Solutions TCS-DL004-750-WH Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Features
High-speed performance
Superior overcurrent protection
Bidirectional
Low resistance
Excellent channel to channel resistance
matching
Small SMT package
RoHS compliant* and halogen free**
Applications
VDSL and Ethernet ports
Protection modules and dongles
Process control equipment
Test and measurement equipment
TCS-DL Series - TCSDual Transient Current Suppressors
* RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
** Bourns follows the prevailing definition of “halogen free” in the industry. Bourns considers a product to be “halogen free” if (a) the Bromine (Br) content is 900 ppm or less;
(b) the Chlorine (Cl) content is 900 ppm or less; and (c) the total Bromine (Br) and Chlorine (Cl) content is 1500 ppm or less.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
General Information
The Bourns® TCSDL Series High-Speed Protector products contain dual, well-matched,
low resistance, bidirectional, very high-speed Transient Current Suppressors. By limiting
the maximum current to a safe level, a Bourns® TCSDL device offers superior protection
for very high data rate differential lines against faults caused by short circuits, induction
and lightning surges.
Bourns® TCSHigh-Speed Protectors are typically used in conjunction with low capacitance
TVS devices to form an extremely low let-through energy barrier to excessive voltages
and currents during surge events which may cause damage to unprotected high-speed,
low voltage driver and receiver components.
Absolute Maximum Ratings (@ TA = 25 °C Unless Otherwise Noted)
Symbol
Parameter
Value
Unit
Vimp
Peak impulse voltage withstand with duration less than 1 ms
40
V
Top
Operating temperature range
-40 to +125
°C
Tstg
Storage temperature range
-65 to +150
°C
TJMAX
Maximum junction temperature
+125
°C
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Symbol
Parameter
Part Number
Min.
Typ.
Max.
Unit
Itrigger
Current required for the device to go from operating state to
protected state
TCS-DL004-250-WH
TCS-DL004-500-WH
TCS-DL004-750-WH
250
500
750
375
750
1100
500
1000
1500
mA
RON
Series resistance of the TCS™ device
TCS-DL004-250-WH
TCS-DL004-500-WH
TCS-DL004-750-WH
1.6
1.0
0.7
2.3
1.4
1.0
3.0
1.8
1.3
Ω
ΔRON
Channel to channel resistance match
TCS-DL004-250-WH
TCS-DL004-500-WH
TCS-DL004-750-WH
±0.05
±0.03
±0.02
Ω
tlimit
Time for the device to go from normal operating state to current limiting state
50
ns
RθJA
Junction to air thermal resistance, FR4 PCB.
0.035 sq. in. of copper in addition to solder pads
130
°C/W
TCSDevice
Out2
In2
Out1
In1
Asia-Pacific: Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe: Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas: Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com
D045
ARBC
The Bourns® TCSHigh-Speed Protector is provided in a space-saving, surface mount
DFN package meeting industry standard requirements such as RoHS and Pb Free solder reflow profiles.


Similar Part No. - TCS-DL004-750-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TCS-DL004-750-WH BOURNS-TCS-DL004-750-WH Datasheet
519Kb / 7P
   Dual Transient Current Suppressors
More results

Similar Description - TCS-DL004-750-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TCS-DL BOURNS-TCS-DL Datasheet
519Kb / 7P
   Dual Transient Current Suppressors
logo
Token Electronics Indus...
TCS02 TOKEN-TCS02 Datasheet
420Kb / 5P
   TCS Current Sense Chip Resistors
logo
Texas Instruments
TCM1030 TI1-TCM1030_14 Datasheet
118Kb / 9P
[Old version datasheet]   DUAL TRANSIENT-VOLTAGE SUPPRESSORS
TCM1030_1998 TI1-TCM1030_1998 Datasheet
117Kb / 8P
[Old version datasheet]   DUAL TRANSIENT-VOLTAGE SUPPRESSORS
TCM1050DR TI1-TCM1050DR Datasheet
117Kb / 8P
[Old version datasheet]   DUAL TRANSIENT-VOLTAGE SUPPRESSORS
TCM1030 TI-TCM1030_99 Datasheet
78Kb / 6P
[Old version datasheet]   DUAL TRANSIENT-VOLTAGE SUPPRESSORS
TCM1030 TI-TCM1030 Datasheet
114Kb / 8P
[Old version datasheet]   DUAL TRANSIENT-VOLTAGE SUPPRESSORS
logo
MERITEK ELECTRONICS COR...
MHC-L MERITEK-MHC-L Datasheet
239Kb / 6P
   Transient Voltage Suppressors (High Current)
logo
Motorola, Inc
MR2535L MOTOROLA-MR2535L Datasheet
79Kb / 4P
   MEDIUM CURRENT OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Power Innovations Ltd
TISP1072F3 POINN-TISP1072F3 Datasheet
483Kb / 17P
   DUAL ASYMMETRICAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com