Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25DF081-SSH Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT25DF081-SSH
Description  8-bit Atmel Microcontrollers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF081-SSH Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT25DF081-SSH Datasheet HTML 4Page - ATMEL Corporation AT25DF081-SSH Datasheet HTML 5Page - ATMEL Corporation AT25DF081-SSH Datasheet HTML 6Page - ATMEL Corporation AT25DF081-SSH Datasheet HTML 7Page - ATMEL Corporation AT25DF081-SSH Datasheet HTML 8Page - ATMEL Corporation AT25DF081-SSH Datasheet HTML 9Page - ATMEL Corporation AT25DF081-SSH Datasheet HTML 10Page - ATMEL Corporation AT25DF081-SSH Datasheet HTML 11Page - ATMEL Corporation AT25DF081-SSH Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
Atmel AVR1923
8394B-AVR-02/12
Table 4-4. Expansion header J3.
Pin on J3
Name on J3
XMEGA pin
Shared with onboard functionality
1
PA0
PA0
Light sensor
(1)
2
PA1
PA1
Temperature sensor
(1)
3
PA2
PA2
Filter output
(1)
4
PA3
PA3
Display reset
5
PB4
PB4
JTAG TMS
6
PB5
PB5
JTAG TDI
7
PB6
PB6
JTAG TCK
8
PB7
PB7
JTAG TDO
9
GND
-
-
10
VCC_P5V0
-
-
Note:
1. Can be disconnected from onboard functionality by cut-straps.
The header J4 offers digital communication interfaces such as UART and TWI but
care must be taken because some pins are also connected to on-board peripherals.
Table 4-5. Expansion header J4.
Pin on J4
Name on J4
XMEGA pin
Shared with onboard functionality
1
SDA
PE0
-
2
SCL
PE1
-
3
RXD
PE2
-
4
TXD
PE3
-
5
SS
PD0
Display register select
(1)
6
MOSI
PD3
Serial flash MOSI
7
MISO
PD2
Display and serial flash MISO input
8
SCK
PD1
Display and serial flash clock input
9
GND
-
-
10
VCC_P3V3
-
-
Note:
1. Can be disconnected from onboard functionality by cut-strap (J204).


Similar Part No. - AT25DF081-SSH

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25DF081-SSH ATMEL-AT25DF081-SSH Datasheet
348Kb / 15P
   One mechanical button switch Three LEDs Four expansion headers
AT25DF081-SSH ATMEL-AT25DF081-SSH Datasheet
373Kb / 13P
   32-bit Microcontrollers
AT25DF081-SSHN-B ATMEL-AT25DF081-SSHN-B Datasheet
784Kb / 38P
   8-megabit 1.65-volt Minimum SPI Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF081-SSHN-B ETC2-AT25DF081-SSHN-B Datasheet
967Kb / 38P
   Minimum SPI Serial Flash Memory
logo
ATMEL Corporation
AT25DF081-SSHN-T ATMEL-AT25DF081-SSHN-T Datasheet
784Kb / 38P
   8-megabit 1.65-volt Minimum SPI Serial Flash Memory
More results

Similar Description - AT25DF081-SSH

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
REB233SMAD ATMEL-REB233SMAD Datasheet
222Kb / 4P
   8-bit Atmel Microcontrollers
ATXMEGA32E5 ATMEL-ATXMEGA32E5 Datasheet
2Mb / 145P
   8/16-bit Atmel AVR XMEGA Microcontrollers
2013
ATXMEGA32E5 ATMEL-ATXMEGA32E5_14 Datasheet
2Mb / 147P
   8/16-bit Atmel AVR XMEGA Microcontrollers
ATXMEGA8E5 ATMEL-ATXMEGA8E5_14 Datasheet
2Mb / 147P
   8/16-bit Atmel AVR XMEGA Microcontrollers
ATXMEGA16E5 ATMEL-ATXMEGA16E5_14 Datasheet
2Mb / 147P
   8/16-bit Atmel AVR XMEGA Microcontrollers
ATMEGA88PA ATMEL-ATMEGA88PA_14 Datasheet
1Mb / 326P
   ATMEL 8-BIT MICROCONTROLLER
ATMEGA88A ATMEL-ATMEGA88A_14 Datasheet
1Mb / 39P
   ATMEL 8-BIT MICROCONTROLLER
ATMEGA16M1 ATMEL-ATMEGA16M1_14 Datasheet
346Kb / 12P
   8-bit Atmel megaAVR Microcontroller
ATTINY10-TSHR ATMEL-ATTINY10-TSHR Datasheet
4Mb / 170P
   Atmel 8-bit AVR Microcontroller
ATTINY25 ATMEL-ATTINY25_13 Datasheet
2Mb / 234P
   Atmel 8-bit AVR Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com