Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC5421LDW Datasheet(PDF) 7 Page - Texas Instruments

Part # TPIC5421LDW
Description  H-BRIDGE GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC5421LDW Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPIC5421LDW Datasheet HTML 3Page - Texas Instruments TPIC5421LDW Datasheet HTML 4Page - Texas Instruments TPIC5421LDW Datasheet HTML 5Page - Texas Instruments TPIC5421LDW Datasheet HTML 6Page - Texas Instruments TPIC5421LDW Datasheet HTML 7Page - Texas Instruments TPIC5421LDW Datasheet HTML 8Page - Texas Instruments TPIC5421LDW Datasheet HTML 9Page - Texas Instruments TPIC5421LDW Datasheet HTML 10Page - Texas Instruments TPIC5421LDW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
TPIC5421L
HBRIDGE GATEPROTECTED LOGICLEVEL
POWER DMOS ARRAY
SLIS027A − OCTOBER 1994 − REVISED OCTOBER 1995
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
TYPICAL CHARACTERISTICS
1.5
1
0.5
0
2
2.5
GATE-TO-SOURCE THRESHOLD VOLTAGE
vs
JUNCTION TEMPERATURE
STATIC DRAIN-TO-SOURCE ON-STATE RESISTANCE
vs
CASE TEMPERATURE
TC − Case Temperature − °C
0.3
0.2
0.1
0
0.4
0.5
− 40 − 20
0
20
40
60
80
100 120 140 160
VGS = 4.5 V
VGS = 5 V
ID = 1 A
TJ − Junction Temperature − °C
− 40 − 20
0
20
40
60
80
100 120 140 160
ID = 100 µA
ID = 1 mA
VDS = VGS
0.6
0.7
0.8
Figure 5
Figure 6
STATIC DRAIN-TO-SOURCE ON-STATE RESISTANCE
vs
DRAIN CURRENT
ID − Drain Current − A
0.4
0.3
0.2
0.1
0.5
0.6
0.7
0.8
0.9
1
0.1
1
10
VGS = 4.5 V
VGS = 5 V
TJ = 25°C
DRAIN CURRENT
vs
DRAIN-TO-SOURCE VOLTAGE
1
0
2
3
24
6
8
10
12
14
16
18
20
0
VDS − Drain-to-Source Voltage − V
nVGS = 0.2 V
TJ = 25°C
VGS = 3 V
Figure 7
Figure 8


Similar Part No. - TPIC5421LDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC5423L TI-TPIC5423L Datasheet
199Kb / 11P
[Old version datasheet]   4-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5423LDW TI-TPIC5423LDW Datasheet
199Kb / 11P
[Old version datasheet]   4-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5424L TI1-TPIC5424L Datasheet
264Kb / 15P
[Old version datasheet]   H-BRIDGE LOGIC-LEVEL POWER DMOS ARRAY
TPIC5424LDW TI1-TPIC5424LDW Datasheet
264Kb / 15P
[Old version datasheet]   H-BRIDGE LOGIC-LEVEL POWER DMOS ARRAY
TPIC5424LNE TI1-TPIC5424LNE Datasheet
264Kb / 15P
[Old version datasheet]   H-BRIDGE LOGIC-LEVEL POWER DMOS ARRAY
More results

Similar Description - TPIC5421LDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC1321L TI1-TPIC1321L Datasheet
273Kb / 14P
[Old version datasheet]   3-HALF H-BRIDGE GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5401 TI1-TPIC5401_16 Datasheet
566Kb / 17P
[Old version datasheet]   H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC5401 TI-TPIC5401 Datasheet
212Kb / 12P
[Old version datasheet]   H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC5424L TI1-TPIC5424L Datasheet
264Kb / 15P
[Old version datasheet]   H-BRIDGE LOGIC-LEVEL POWER DMOS ARRAY
TPIC1310 TI-TPIC1310 Datasheet
231Kb / 11P
[Old version datasheet]   3-HALF H-BRIDGE GATE PROTECTED POWER DMOS ARRAY
TPIC1301 TI1-TPIC1301 Datasheet
269Kb / 14P
[Old version datasheet]   3-HALF H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC5223L TI1-TPIC5223L_11 Datasheet
268Kb / 13P
[Old version datasheet]   2-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5223L TI-TPIC5223L Datasheet
285Kb / 13P
[Old version datasheet]   2-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5423L TI-TPIC5423L Datasheet
199Kb / 11P
[Old version datasheet]   4-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5323L TI1-TPIC5323L Datasheet
251Kb / 13P
[Old version datasheet]   3-CHANNEL INDEPENDENT GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com