Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC5404DW Datasheet(PDF) 3 Page - Texas Instruments

Part # TPIC5404DW
Description  H-BRIDGE POWER DMOS ARRAY
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC5404DW Datasheet(HTML) 3 Page - Texas Instruments

  TPIC5404DW Datasheet HTML 1Page - Texas Instruments TPIC5404DW Datasheet HTML 2Page - Texas Instruments TPIC5404DW Datasheet HTML 3Page - Texas Instruments TPIC5404DW Datasheet HTML 4Page - Texas Instruments TPIC5404DW Datasheet HTML 5Page - Texas Instruments TPIC5404DW Datasheet HTML 6Page - Texas Instruments TPIC5404DW Datasheet HTML 7Page - Texas Instruments TPIC5404DW Datasheet HTML 8Page - Texas Instruments TPIC5404DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TPIC5404
HBRIDGE POWER DMOS ARRAY
SLIS023B − MARCH 1994 − REVISED SEPTEMBER 1995
2−3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics, TC = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DSX
Drain-to-source breakdown voltage
ID = 250 µA,
VGS = 0
60
V
VGS(th)
Gate-to-source threshold voltage
ID = 1 mA,
VDS = VGS
1.5
1.85
2.2
V
V(BR)
Reverse drain-to-GND breakdown voltage (across
D1, D2)
Drain-to-GND current = 250
µA
100
V
VDS(on)
Drain-to-source on-state voltage
ID = 2 A,
See Notes 2 and 3
VGS = 10 V,
0.6
0.7
V
VF
Forward on-state voltage, GND-to-drain
ID = 2 A (D1, D2),
See Notes 2 and 3
7.5
V
VF(SD)
Forward on-state voltage, source-to-drain
IS = 2 A,
VGS = 0 (Z1, Z2, Z3, Z4),
See Notes 2 and 3
1
1.2
V
IDSS
Zero-gate-voltage drain current
VDS = 48 V,
TC = 25°C
0.05
1
A
IDSS
Zero-gate-voltage drain current
VDS = 48 V,
VGS = 0
TC = 125°C
0.5
10
µA
IGSSF
Forward gate current, drain short circuited to source
VGS = 16 V,
VDS = 0
10
100
nA
IGSSR
Reverse gate current, drain short circuited to source
VSG = 16 V,
VDS = 0
10
100
nA
Ilkg
Leakage current, drain-to-GND
VR = 48 V
TC = 25°C
0.05
1
A
Ilkg
Leakage current, drain-to-GND
VR = 48 V
TC = 125°C
0.5
10
µA
rDS(on)
Static drain-to-source on-state resistance
VGS = 10 V,
ID = 2 A,
TC = 25°C
0.3
0.35
rDS(on)
Static drain-to-source on-state resistance
ID = 2 A,
See Notes 2 and 3
and Figures 6 and 7
TC = 125°C
0.41
0.5
gfs
Forward transconductance
VDS = 15 V,
See Notes 2 and 3
ID = 1 A,
1.6
1.9
S
Ciss
Short-circuit input capacitance, common source
220
275
Coss
Short-circuit output capacitance, common source
VDS = 25 V,
f = 1 MHz
VGS = 0,
120
150
pF
Crss
Short-circuit reverse-transfer capacitance,
common source
VDS = 25 V,
f = 1 MHz
VGS = 0,
100
125
pF
NOTES:
2. Technique should limit TJ − TC to 10°C maximum, pulse duration ≤ 5 ms.
3. These parameters are measured with voltage-sensing contacts separate from the current-carrying contacts.
source-to-drain diode characteristics, TC = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
trr(SD) Reverse-recovery time
IS = 1 A,
VGS = 0,
di/dt = 100 A/
µs,
VDS = 48 V,
(Z1 and Z3),
120
ns
QRR
Total diode charge
SGS
di/dt = 100 A/
µs,
See Figure 1
DS
(Z1 and Z3),
0.12
µC
trr(SD) Reverse-recovery time
IS = 1 A,
VGS = 0,
di/dt = 100 A/
µs,
VDS = 48 V,
(Z2 and Z4),
280
ns
QRR
Total diode charge
SGS
di/dt = 100 A/
µs,
See Figure 1
DS
(Z2 and Z4),
0.9
µC
GND-to-drain diode characteristics, TC = 25°C (see schematic, D1 and D2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
trr
Reverse-recovery time
IF = 1 A,
VDS = 48 V,
260
ns
QRR
Total diode charge
IF = 1 A,
di/dt = 100 A/
µs,
VDS = 48 V,
See Figure 1
2.2
µC


Similar Part No. - TPIC5404DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC5401 TI-TPIC5401 Datasheet
212Kb / 12P
[Old version datasheet]   H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC5401 TI1-TPIC5401 Datasheet
566Kb / 17P
[Old version datasheet]   H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC5401DW TI1-TPIC5401DW Datasheet
566Kb / 17P
[Old version datasheet]   H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC5401NE TI1-TPIC5401NE Datasheet
566Kb / 17P
[Old version datasheet]   H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC5401 TI1-TPIC5401_16 Datasheet
566Kb / 17P
[Old version datasheet]   H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
More results

Similar Description - TPIC5404DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC5401 TI1-TPIC5401_16 Datasheet
566Kb / 17P
[Old version datasheet]   H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC5424L TI1-TPIC5424L Datasheet
264Kb / 15P
[Old version datasheet]   H-BRIDGE LOGIC-LEVEL POWER DMOS ARRAY
TPIC5401 TI-TPIC5401 Datasheet
212Kb / 12P
[Old version datasheet]   H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC1310 TI-TPIC1310 Datasheet
231Kb / 11P
[Old version datasheet]   3-HALF H-BRIDGE GATE PROTECTED POWER DMOS ARRAY
TPIC1301 TI1-TPIC1301 Datasheet
269Kb / 14P
[Old version datasheet]   3-HALF H-BRIDGE GATE-PROTECTED POWER DMOS ARRAY
TPIC5421L TI1-TPIC5421L Datasheet
299Kb / 16P
[Old version datasheet]   H-BRIDGE GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC1321L TI1-TPIC1321L Datasheet
273Kb / 14P
[Old version datasheet]   3-HALF H-BRIDGE GATE-PROTECTED LOGIC-LEVEL POWER DMOS ARRAY
TPIC5601 TI1-TPIC5601 Datasheet
228Kb / 13P
[Old version datasheet]   3-PHASE BRIDGE POWER DMOS ARRAY
logo
International Rectifier
IR8200B IRF-IR8200B Datasheet
87Kb / 1P
   3A, 55V DMOS H-BRIDGE
logo
Texas Instruments
TPIC5201 TI1-TPIC5201 Datasheet
242Kb / 12P
[Old version datasheet]   DUAL POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com