Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM500V-NL Datasheet(PDF) 6 Page - Formosa MS

Part # FM500V-NL
Description  100mA Surface Mount Small Signal Schottky Barrier Dode-40V
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FM500V-NL Datasheet(HTML) 6 Page - Formosa MS

  FM500V-NL Datasheet HTML 1Page - Formosa MS FM500V-NL Datasheet HTML 2Page - Formosa MS FM500V-NL Datasheet HTML 3Page - Formosa MS FM500V-NL Datasheet HTML 4Page - Formosa MS FM500V-NL Datasheet HTML 5Page - Formosa MS FM500V-NL Datasheet HTML 6Page - Formosa MS FM500V-NL Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Reel packing
Page 6
Formosa MS
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
FM500V-NL
Document ID
Issued Date
Revised Date
Revision
Page.
SOD-323F
7"
3,000
4.0
30,000
183*183*123
178
382*262*387
240,000
8.00
PACKAGE
REEL SIZE
REEL
COMPONENT
SPACING
BOX
INNER
BOX
REEL
DIA,
CARTON
SIZE
CARTON
APPROX.
GROSS WEIGHT
(kg)
(pcs)
(m/m)
(m/m)
(m/m)
(pcs)
(m/m)
(pcs)
Profile Feature
Soldering Condition
Average ramp-up rate(TL to TP)
<3
/sec
Preheat
o
-Temperature Min(Tsmin)
150 C
o
-Temperature Max(Tsmax)
200 C
-Time(min to max)(ts)
60~120sec
Tsmax to TL
o
-Ramp-upRate
<3 C/sec
Time maintained above:
o
-Temperature(TL)
217 C
-Time(tL)
60~260sec
o
o
Peak Temperature(TP)
255 C-0/+5 C
o
Time within 5 C of actual Peak
Temperature(tP)
o
Ramp-down Rate
<6 C/sec
o
Time 25 C to Peak Temperature
<6minutes
oC
3.Reflow soldering
10~30sec
1.Storage environment: Temperature=5
~40
Humidity=55%±25%
2.Reflow soldering of surface-mount devices
o
o
C
C
Suggested thermal profiles for soldering processes
Critical Zone
TL to TP
TL
Tsmax
Tsmin
Ramp-up
Tp
tS
Preheat
o
t25 C to Peak
Time
25
TL
TP
Ramp-down
DS-22160S
2008/02/10
2010/06/10
B
7
Small Signal Schottky Diode


Similar Part No. - FM500V-NL

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
FM5001H FUMAN-FM5001H Datasheet
299Kb / 7P
   Handheld 3-speed fan-specific IC
FM5001L FUMAN-FM5001L Datasheet
299Kb / 7P
   Handheld 3-speed fan-specific IC
FM5006 FUMAN-FM5006 Datasheet
456Kb / 8P
   600mA lithium battery charging 3 gear adjustable air volume fan IC
FM5006B FUMAN-FM5006B Datasheet
457Kb / 8P
   600mA lithium battery charging 3 gear adjustable air volume fan IC
FM5006B FUMAN-FM5006B Datasheet
336Kb / 8P
   600mA lithium battery charging 3 gear adjustable air volume fan IC
More results

Similar Description - FM500V-NL

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FM501V-NL FORMOSA-FM501V-NL Datasheet
97Kb / 7P
   100mA Surface Mount Small Signal Schottky Diode-40V
logo
Frontier Electronics.
ASD501V FRONTIER-ASD501V Datasheet
118Kb / 2P
   100mA Advanced Schottky Barrier Diode (Surface mount small signal type)
ASD500V-LFR FRONTIER-ASD500V-LFR Datasheet
118Kb / 2P
   100mA Advanced Schottky Barrier Diode (Surface mount small signal type)
ASD500V FRONTIER-ASD500V Datasheet
118Kb / 2P
   100mA Advanced Schottky Barrier Diode (Surface mount small signal type)
logo
SeCoS Halbleitertechnol...
UMMD07540 SECOS-UMMD07540 Datasheet
63Kb / 2P
   40V, 0.75 Amp Surface Mount Small Signal Schottky Barrier Rectifiers
logo
Formosa MS
RB520G FORMOSA-RB520G_10 Datasheet
171Kb / 7P
   100mA Surface Mount Small Signal Schottky Diode- 30V
BAS40WS FORMOSA-BAS40WS_10 Datasheet
169Kb / 7P
   200mA Surface Mount Small Signal Schottky Diode-40V
FM751V-NL FORMOSA-FM751V-NL Datasheet
469Kb / 7P
   30mA Surface Mount Small Signal Schottky Diode- 40V
FM751V-FL FORMOSA-FM751V-FL Datasheet
107Kb / 7P
   30mA Surface Mount Small Signal Schottky Diode- 40V
logo
Chip Integration Techno...
RB520D CITC-RB520D Datasheet
146Kb / 3P
   100mA Surface Mount Small Signal Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com