Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGP20N35CL Datasheet(PDF) 1 Page - Motorola, Inc

Part # MGP20N35CL
Description  SMARTDISCRETES Internally Clamped, N-Channel IGBT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MGP20N35CL Datasheet(HTML) 1 Page - Motorola, Inc

  MGP20N35CL Datasheet HTML 1Page - Motorola, Inc MGP20N35CL Datasheet HTML 2Page - Motorola, Inc MGP20N35CL Datasheet HTML 3Page - Motorola, Inc MGP20N35CL Datasheet HTML 4Page - Motorola, Inc MGP20N35CL Datasheet HTML 5Page - Motorola, Inc MGP20N35CL Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola TMOS Power MOSFET Transistor Device Data
Advanced Information
SMARTDISCRETES™
Internally Clamped, N-Channel
IGBT
This Logic Level Insulated Gate Bipolar Transistor (IGBT)
features Gate–Emitter ESD protection, Gate–Collector overvoltage
protection from SMARTDISCRETES
™ monolithic circuitry for
usage as an Ignition Coil Driver.
• Temperature Compensated Gate–Drain Clamp Limits Stress
Applied to Load
• Integrated ESD Diode Protection
• Low Threshold Voltage to Interface Power Loads to Logic or
Microprocessors
• Low Saturation Voltage
• High Pulsed Current Capability
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCES
CLAMPED
Vdc
Collector–Gate Voltage
VCGR
CLAMPED
Vdc
Gate–Emitter Voltage
VGE
CLAMPED
Vdc
Collector Current — Continuous @ TC = 25°C
IC
20
Adc
Reversed Collector Current – pulse width
t 100 ms
ICR
12
Apk
Total Power Dissipation @ TC = 25°C (TO–220)
PD
150
Watts
Electrostatic Voltage — Gate–Emitter
ESD
3.5
kV
Operating and Storage Temperature Range
TJ, Tstg
– 55 to 175
°C
THERMAL CHARACTERISTICS
Thermal Resistance — Junction to Case – (TO–220)
Thermal Resistance — Junction to Ambient
RqJC
RqJA
1.0
62.5
°C/W
Maximum Lead Temperature for Soldering Purposes, 1/8
″ from case for 5 seconds
TL
275
°C
Mounting Torque, 6–32 or M3 screw
10 lbf
in (1.13 Nm)
UNCLAMPED INDUCTIVE SWITCHING CHARACTERISTICS
Single Pulse Collector–Emitter Avalanche Energy
@ Starting TJ = 25°C
@ Starting TJ = 150°C
EAS
550
150
mJ
SMARTDISCRETES and TMOS are trademarks of Motorola, Inc.
This document contains information on a new product. Specifications and information herein are subject to change without notice.
Order this document
by MGP20N35CL/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MGP20N35CL
20 AMPERES
VOLTAGE CLAMPED
N–CHANNEL IGBT
Vce(on) = 1.8 VOLTS
350 VOLTS (CLAMPED)
CASE 221A–06, Style 9
TO–220AB
G
C
E
®
C
G
E
Rge
© Motorola, Inc. 1995


Similar Part No. - MGP20N35CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGP20N35CL ONSEMI-MGP20N35CL Datasheet
120Kb / 5P
   SMARTDISCRETES Internally Clamped, N-Channel IGBT
1997 REV 1
More results

Similar Description - MGP20N35CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MGP20N14CL ONSEMI-MGP20N14CL Datasheet
75Kb / 4P
   SMARTDISCRETES Internally Clamped, N-Channel IGBT
REV 2
MGP20N40CL ONSEMI-MGP20N40CL Datasheet
118Kb / 5P
   SMARTDISCRETES Internally Clamped, N-Channel IGBT
1997 REV 1
logo
Motorola, Inc
MGP20N40CL MOTOROLA-MGP20N40CL Datasheet
133Kb / 6P
   SMARTDISCRETES Internally Clamped, N-Channel IGBT
logo
ON Semiconductor
MGP20N35CL ONSEMI-MGP20N35CL Datasheet
120Kb / 5P
   SMARTDISCRETES Internally Clamped, N-Channel IGBT
1997 REV 1
MGP15N40CL ONSEMI-MGP15N40CL Datasheet
100Kb / 8P
   Internally Clamped N-Channel IGBT
April, 2000 ??Rev. 1
MGP15N43CL ONSEMI-MGP15N43CL Datasheet
70Kb / 4P
   Internally Clamped N-Channel IGBT
MGP15N38CL ONSEMI-MGP15N38CL Datasheet
71Kb / 4P
   Internally Clamped N-Channel IGBT
logo
Motorola, Inc
MGP20N14CL MOTOROLA-MGP20N14CL Datasheet
77Kb / 4P
   Internally Clamped, N-Channel IGBT
logo
ON Semiconductor
MGP15N35CL ONSEMI-MGP15N35CL Datasheet
99Kb / 8P
   Internally Clamped N-Channel IGBT
April, 2000 ??Rev. 0
logo
STMicroelectronics
STGB10NB37LZ STMICROELECTRONICS-STGB10NB37LZ Datasheet
92Kb / 8P
   N-CHANNEL CLAMPED 10A D2PAK INTERNALLY CLAMPED PowerMESH IGBT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com