Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNETA1500 Datasheet(PDF) 8 Page - Texas Instruments

Part # TNETA1500
Description  155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1500 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TNETA1500 Datasheet HTML 2Page - Texas Instruments TNETA1500 Datasheet HTML 3Page - Texas Instruments TNETA1500 Datasheet HTML 4Page - Texas Instruments TNETA1500 Datasheet HTML 5Page - Texas Instruments TNETA1500 Datasheet HTML 6Page - Texas Instruments TNETA1500 Datasheet HTML 7Page - Texas Instruments TNETA1500 Datasheet HTML 8Page - Texas Instruments TNETA1500 Datasheet HTML 9Page - Texas Instruments TNETA1500 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TNETA1500
155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
SDNS021D – MARCH 1994 – REVISED JANUARY 1998
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
receive operation (continued)
The location of the J1 byte in the SPE is determined from the H1 and H2 bytes in the transport overhead. The
location of the J1 byte does not change from the previous frame unless the first four bits of H1 are set to 1001
(the new-data flag) or the pointer value contained in H1 and H2 is different for three consecutive frames. The
location of J1 also can be incremented or decremented by a 1-byte position by inverting certain bits in the H1
and H2 byte pointer. If bits 7, 9, 11, 13, and 15 are inverted, the location of J1 is incremented one time slot. If
bits 8, 10, 12, 14, and 16 are inverted, the location of J1 is decremented one time slot. Subsequent pointers
contain the new offset.
The TNETA1500 provides a loss-of-pointer (LOP) alarm to indicate that either an invalid pointer was detected
in the incoming H1 and H2 bytes or a new-data flag NDF (set to a value of 1001 – the first four bits of H1) was
found in eight consecutive frames. The LOP alarm goes inactive when a valid pointer with the NDF set to 0110
is detected in three consecutive frames. The device also provides a path-AIS alarm to indicate that a path-AIS
condition has been detected in the H1 and H2 bytes. A path-AIS condition is detected as an all-1s condition in
bytes H1 and H2 for three consecutive frames. The path-AIS alarm goes inactive when a valid pointer, with the
NDF set to 0110, is detected for three consecutive frames. The LOP alarm is not set if a path-AIS condition is
detected. The LOP alarm is indicated by an external signal and by the interrupt register. The path-AIS alarm
is indicated only by the interrupt register.
The B3 BIP-8 byte is calculated over the contents of the STS-3c SPE, which begins with the J1 byte. The value
calculated for B3 is compared with the value found in the next frame. If a B3 parity error occurs, the B3
parity-error bit is set in the interrupt register and INTR goes active low to notify the controller.
The TNETA1500 monitors the receive G1 byte for a path far-end receive failure (path FERF) and path
remote-defect indication (path RDI) alarms. A path FERF occurs when bits 1–4 of the G1 byte are set to a value
of 1001. The path FERF alarm goes inactive when bits 1–4 of the G1 byte are set to a non-1001 value. A path
RDI occurs when bit 5 of the G1 byte is set to a value of 1 for ten consecutive frames. The path RDI alarm goes
inactive when bit 5 of the G1 byte is set to a value of 0 for ten consecutive frames. Both the path FERF and path
RDI alarms are indicated through interrupt register 3.
Once the STS-3c SPE is located, the ATM cells are identified and extracted. Cell delineation is accomplished
by computing the header-error check (HEC) for the first four bytes after the J1 byte and comparing the calculated
value with the fifth byte. If the values do not match, the process advances one byte and then repeats. This
process continues until a match between the calculated value and the fifth byte occurs. Cell alignment is
assumed to have occurred when seven consecutive matches occur. Until cell alignment occurs, the
loss-of-cell-alignment (LOCA) alarm remains active. Once cell alignment is established, it is monitored
constantly for a LOCA condition. A LOCA condition is declared (LOCA goes active) when seven consecutive
cells occur with header errors. At this point, the hunting process starts over.
The receive side detects multiple-bit errors and corrects single-bit errors occurring in the 5-byte ATM header
of incoming ATM cells by using the HEC byte. This feature is deactivated by setting a bit in control register 1
(see Table 6). The ATM cells with multiple-bit header errors are dropped, unless a bit is set in control register 1
(see Table 6) to disable the dropping of cells with uncorrectable errors. An 8-bit saturating counter (accessible
through the controller interface) counts the number of ATM cells with multiple-bit ATM-header errors.
After the ATM cells are extracted, they are descrambled. The 48-byte payload in the ATM cell is scrambled at
the transmitter using a x43 + 1 polynomial to further distinguish the payload from the header bytes and improve
the efficiency of the cell-delineation algorithm. The x43 + 1 polynomial also is used to descramble the payload
so that it can be sent to the next device.
The TNETA1500 has the capability of dropping idle and unassigned cells from the receive-data stream. An idle
cell is defined as a cell with a 5-byte ATM header set to a value of 00 00 00 01 52 (hex) and an unassigned cell
is defined as a cell with a 5-byte header of 00 00 00 00 55 (hex). In both cases, the payload is ignored. The
dropping of idle and/or unassigned cells can be disabled through control register 1 (CR1) in the controller
interface.


Similar Part No. - TNETA1500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TNETA1500A TI1-TNETA1500A Datasheet
425Kb / 10P
[Old version datasheet]   155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
TNETA1500APCM TI1-TNETA1500APCM Datasheet
425Kb / 10P
[Old version datasheet]   155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
TNETA1500APGE TI1-TNETA1500APGE Datasheet
425Kb / 10P
[Old version datasheet]   155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
More results

Similar Description - TNETA1500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TNETA1500A TI1-TNETA1500A Datasheet
425Kb / 10P
[Old version datasheet]   155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
logo
Mitsubishi Electric Sem...
MF-622DF-T12-43X MITSUBISHI-MF-622DF-T12-43X Datasheet
62Kb / 10P
   SONET/SDH TRANSMITTER & RECEIVER
logo
Applied Micro Circuits ...
S3029 AMCC-S3029 Datasheet
88Kb / 11P
   SONET/SDH/ATM 155 MBIT/S QUAD TRANSCEIVER
logo
PMC-Sierra, Inc
PM5352-1 PMC-PM5352-1 Datasheet
57Kb / 2P
   155 Mbit/s ATM and Packet-Over-SONET/SDH Physical Layer Device
PM5352 PMC-PM5352 Datasheet
57Kb / 2P
   155 Mbit/s ATM and Packet-Over-SONET/SDH Physical Layer Device
logo
Cypress Semiconductor
CY7C955 CYPRESS-CY7C955 Datasheet
466Kb / 78P
   AX??ATM-SONET/SDH Transceiver
logo
PMC-Sierra, Inc
PM5351 PMC-PM5351 Datasheet
83Kb / 4P
   Quad 155 Mbit/s ATM and Packet Over SONET/SDH Physical Layer Device
logo
Mitsubishi Electric Sem...
MF-10KDS-T12-06X07X MITSUBISHI-MF-10KDS-T12-06X07X Datasheet
104Kb / 8P
   SONET/SDH TRANSMITTER & RECIEVER
MF-2500DS-T12-18X MITSUBISHI-MF-2500DS-T12-18X Datasheet
57Kb / 9P
   SONET/SDH TRANSMITTER & RECIEVER
logo
PMC-Sierra, Inc
PM5351-1 PMC-PM5351-1 Datasheet
70Kb / 2P
   Quad 155 Mbit/s ATM and Packet Over SONET/SDH Physical Layer Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com