Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM16EN64LPU Datasheet(PDF) 11 Page - Texas Instruments

Part # TM16EN64LPU
Description  SYNCHRONOUS DYNAMIC RAM MODULES
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM16EN64LPU Datasheet(HTML) 11 Page - Texas Instruments

Back Button TM16EN64LPU Datasheet HTML 7Page - Texas Instruments TM16EN64LPU Datasheet HTML 8Page - Texas Instruments TM16EN64LPU Datasheet HTML 9Page - Texas Instruments TM16EN64LPU Datasheet HTML 10Page - Texas Instruments TM16EN64LPU Datasheet HTML 11Page - Texas Instruments TM16EN64LPU Datasheet HTML 12Page - Texas Instruments TM16EN64LPU Datasheet HTML 13Page - Texas Instruments TM16EN64LPU Datasheet HTML 14Page - Texas Instruments TM16EN64LPU Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
TM16EN64HPU, TM16EN64LPU 16777216 BY 64BIT
TM16EN72HPU, TM16EN72LPU 16777216 BY 72BIT
EXTENDEDDATAOUT DYNAMIC RAM MODULES
SMMS695A − AUGUST 1997 − REVISED NOVEMBER 1997
11
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
capacitance
over recommended ranges of supply voltage and ambient temperature,
f = 1 MHz (see Note 2)
PARAMETER
’16EN64xPU
’16EN72xPU
UNIT
PARAMETER
MIN
MAX
MIN
MAX
UNIT
Ci(A)
Input capacitance, A0 − A12
82
92
pF
Ci(OE)
Input capacitance, OEx
58
65
pF
Ci(CAS)
Input capacitance, CASx
16
23
pF
Ci(RAS)
Input capacitance, RASx
58
65
pF
Ci(W)
Input capacitance, WEx
58
65
pF
Co
Output capacitance
8
8
pF
NOTE 2: VDD = NOM supply voltage ± 10%, and the bias on pins under test is 0 V.
switching characteristics over recommended ranges of supply voltage and ambient temperature
(see Note 3)
PARAMETER
’16ENxxxPU-40
’16ENxxxPU-50
’16ENxxxPU-60
UNIT
PARAMETER
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tAA
Access time from column address (see Note 4)
20
25
30
ns
tCAC
Access time from CASx (see Note 4)
11
13
15
ns
tCPA
Access time from CASx precharge (see Note 4)
22
28
35
ns
tRAC
Access time from RASx (see Note 4)
40
50
60
ns
tOEA
Access time from OEx (see Note 4)
11
13
15
ns
tCLZ
Delay time, CASx to output in low impedance
0
0
0
ns
tREZ
Output buffer turn off delay from RASx (see Note 5)
3
11
3
13
3
15
ns
tCEZ
Output buffer turn off delay from CASx (see Note 5)
3
11
3
13
3
15
ns
tOEZ
Output buffer turn off delay from OEx (see Note 5)
3
11
3
13
3
15
ns
tWEZ
Output buffer turn off delay from WEx (see Note 5)
3
11
3
13
3
15
ns
NOTES:
3. With ac parameters, it is assumed that tT = 2 ns.
4. Access times are measured with output reference levels of VOH = 2 V and VOL = 0.8 V.
5. The maximum values of tREZ, tCEZ, tOEZ, and tWEZ are specified when the output is no longer driven. Data in should not be driven
until one of the applicable maximum specs is satisfied.
EDO timing requirements
’16ENxxxPU-40
’16ENxxxPU-50
’16ENxxxPU-60
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tHPC
Cycle time, EDO page mode, read-write
16
20
25
ns
tPRWC Cycle time, EDO read-write
47
57
68
ns
tCSH
Delay time, RASx active to CASx precharge
32
40
48
ns
tCHO
Hold time, OEx from CASx
5
5
5
ns
tDOH
Hold time, output from CASx
5
5
5
ns
tCAS
Pulse duration, CASx active (see Note 6)
6
10 000
8
10 000
10
10 000
ns
tWPE
Pulse duration, WEx active (output disable only)
5
5
5
ns
tOCH
Setup time, OEx before CASx
5
5
5
ns
tCP
Pulse duration, CASx precharge
6
8
10
ns
tOEP
Precharge time, OEx
5
5
5
ns
NOTE 6: In a read-write cycle, tCWD and tCWL must be observed.


Similar Part No. - TM16EN64LPU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM16ER72HP TI1-TM16ER72HP Datasheet
251Kb / 14P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM16ER72LP TI1-TM16ER72LP Datasheet
251Kb / 14P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
More results

Similar Description - TM16EN64LPU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM2SN64EPU TI-TM2SN64EPU Datasheet
271Kb / 16P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM4SP64KPN TI1-TM4SP64KPN Datasheet
267Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2TR64EPH TI1-TM2TR64EPH Datasheet
365Kb / 22P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2CN64EFN TI1-TM2CN64EFN Datasheet
265Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM8LR64JFN TI1-TM8LR64JFN Datasheet
292Kb / 17P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPH TI1-TM2SR72EPH Datasheet
268Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPN TI1-TM2SR72EPN Datasheet
266Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM4TT64KPN TI1-TM4TT64KPN Datasheet
264Kb / 16P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2CN64EFH TI1-TM2CN64EFH Datasheet
265Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SN64EPH TI1-TM2SN64EPH Datasheet
263Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com