Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM8TU72JPW Datasheet(PDF) 10 Page - Texas Instruments

Part # TM8TU72JPW
Description  SYNCHRONOUS DYNAMIC RAM MODULES
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM8TU72JPW Datasheet(HTML) 10 Page - Texas Instruments

Back Button TM8TU72JPW Datasheet HTML 6Page - Texas Instruments TM8TU72JPW Datasheet HTML 7Page - Texas Instruments TM8TU72JPW Datasheet HTML 8Page - Texas Instruments TM8TU72JPW Datasheet HTML 9Page - Texas Instruments TM8TU72JPW Datasheet HTML 10Page - Texas Instruments TM8TU72JPW Datasheet HTML 11Page - Texas Instruments TM8TU72JPW Datasheet HTML 12Page - Texas Instruments TM8TU72JPW Datasheet HTML 13Page - Texas Instruments TM8TU72JPW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
TM8TU72JPW
SYNCHRONOUS DYNAMIC RAM MODULE
SMMS713 − JUNE 1998
10
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
serial presence detect (continued)
Table 1. Serial Presence-Detect Data for the TM8TU72JPW (Continued)
BYTE
DESCRIPTION OF FUNCTION
TM8TU72JPW-8
TM8TU72JPW-8A
BYTE
NO.
DESCRIPTION OF FUNCTION
ITEM
DATA
ITEM
DATA
27
Minimum row precharge time
tRP = 20 ns
14h
tRP = 20 ns
14h
28
Minimum row-active to row-active delay
tRRD = 16 ns
10h
tRRD = 16 ns
10h
29
Minimum RAS-to-CAS delay
tRCD = 20 ns
14h
tRCD = 20 ns
14h
30
Minimum RAS pulse width
tRAS = 48 ns
30h
tRAS = 48 ns
30h
31
Density of each bank on module
64M Bytes
10h
64M Bytes
10h
32
Command and address signal input setup time
tIS = 2 ns
20h
tIS = 2 ns
20h
33
Command and address signal input hold time
tIH = 1 ns
10h
tIH = 1 ns
10h
34
Data signal input setup time
tIS = 2 ns
20h
tIS = 2 ns
20h
35
Data signal input hold time
tIH = 1 ns
10h
tIH = 1 ns
10h
36 − 61
Superset features (may be used in the future)
62
SPD revision
Rev. 1.2
12h
Rev. 1.2
12h
63
Checksum for byte 0 − 62
135
87h
236
ECh
64 − 71
Manufacturer’s JEDEC ID code per JEP − 106E
97h
9700...
00h
97h
9700...
00h
72
Manufacturing location†
TBD
TBD
73
Manufacturer’s part number
T
54h
T
54h
74
Manufacturer’s part number
M
4Dh
M
4Dh
75
Manufacturer’s part number
8
38h
8
38h
76
Manufacturer’s part number
T
54h
T
54h
77
Manufacturer’s part number
U
55h
U
55h
78
Manufacturer’s part number
7
37h
7
37h
79
Manufacturer’s part number
2
32h
2
32h
80
Manufacturer’s part number
J
4Ah
J
4Ah
81
Manufacturer’s part number
P
50h
P
50h
82
Manufacturer’s part number
W
57h
W
57h
83
Manufacturer’s part number
2Dh
2Dh
84
Manufacturer’s part number
8
38h
8
38h
85
Manufacturer’s part number
SPACE
20h
A
41h
86 − 90
Manufacturer’s part number
SPACE
20h
SPACE
20h
91
Die revision code†
TBD
TBD
92
PCB revision code†
TBD
TBD
93 − 94
Manufacturing date†
TBD
TBD
95 − 98
Assembly serial number†
TBD
TBD
99 − 125
Manufacturer-specific data†
TBD
TBD
126
Clock Frequency
100 MHz
64h
100 MHz
64h
127
SDRAM component and clock interconnection details
199
C7h
199
C7h
128−166
System-integrator-specific data‡
TBD
TBD
167−255
Open
† TBD indicates values are determined at manufacturing time and are module-dependent.
‡ These TBD values are determined and programmed by the customer (optional).


Similar Part No. - TM8TU72JPW

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TM8T106K016CBA VISHAY-TM8T106K016CBA Datasheet
161Kb / 10P
   Solid Tantalum Chip Capacitors MICROTANTM High Reliability, Low DCL, Leadframeless Molded
Revision: 22-Jun-10
TM8T106K016CBB VISHAY-TM8T106K016CBB Datasheet
161Kb / 10P
   Solid Tantalum Chip Capacitors MICROTANTM High Reliability, Low DCL, Leadframeless Molded
Revision: 22-Jun-10
TM8T106K016CSA VISHAY-TM8T106K016CSA Datasheet
161Kb / 10P
   Solid Tantalum Chip Capacitors MICROTANTM High Reliability, Low DCL, Leadframeless Molded
Revision: 22-Jun-10
TM8T106K016CSB VISHAY-TM8T106K016CSB Datasheet
161Kb / 10P
   Solid Tantalum Chip Capacitors MICROTANTM High Reliability, Low DCL, Leadframeless Molded
Revision: 22-Jun-10
TM8T106K016CZA VISHAY-TM8T106K016CZA Datasheet
161Kb / 10P
   Solid Tantalum Chip Capacitors MICROTANTM High Reliability, Low DCL, Leadframeless Molded
Revision: 22-Jun-10
More results

Similar Description - TM8TU72JPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM2SN64EPU TI-TM2SN64EPU Datasheet
271Kb / 16P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM4SP64KPN TI1-TM4SP64KPN Datasheet
267Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2TR64EPH TI1-TM2TR64EPH Datasheet
365Kb / 22P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2CN64EFN TI1-TM2CN64EFN Datasheet
265Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM8LR64JFN TI1-TM8LR64JFN Datasheet
292Kb / 17P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPH TI1-TM2SR72EPH Datasheet
268Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SR72EPN TI1-TM2SR72EPN Datasheet
266Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM4TT64KPN TI1-TM4TT64KPN Datasheet
264Kb / 16P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM16EN64HPU TI1-TM16EN64HPU Datasheet
350Kb / 21P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2CN64EFH TI1-TM2CN64EFH Datasheet
265Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
TM2SN64EPH TI1-TM2SN64EPH Datasheet
263Kb / 15P
[Old version datasheet]   SYNCHRONOUS DYNAMIC RAM MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com